Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YW1B-V4E21R Datasheet(PDF) 4 Page - IDEC Corporation

Part # YW1B-V4E21R
Description  Emergency Stop Switches
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

YW1B-V4E21R Datasheet(HTML) 4 Page - IDEC Corporation

  YW1B-V4E21R Datasheet HTML 1Page - IDEC Corporation YW1B-V4E21R Datasheet HTML 2Page - IDEC Corporation YW1B-V4E21R Datasheet HTML 3Page - IDEC Corporation YW1B-V4E21R Datasheet HTML 4Page - IDEC Corporation YW1B-V4E21R Datasheet HTML 5Page - IDEC Corporation YW1B-V4E21R Datasheet HTML 6Page - IDEC Corporation YW1B-V4E21R Datasheet HTML 7Page - IDEC Corporation YW1B-V4E21R Datasheet HTML 8Page - IDEC Corporation YW1B-V4E21R Datasheet HTML 9Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 64 page
background image
4
Emergency Stop Switches Selection Diagram
Pushlock
Pull or
Turn
Reset
Pushlock
Pull or
Turn
Reset
Pushlock
Pull or
Turn
Reset
Pushlock
Pull or
Turn
Reset
Pushlock
Pull or
Turn
Reset
Detachable
Contact Block
Detachable
Contact Block
Detachable
Contact Block
Detachable
Contact Block
ø40mm
Button
ø40mm
Button
ø40mm
Button
ø29mm
Button
ø40mm
Button
Unibody
ø40mm
Button
ø29mm
Button
ø29mm
Button
Reverse Energy Structure
Safe Break Action
Reverse Energy Structure
Safe Break Action
ø22mm
Mount
Hole
ø16mm
Mount
Hole
Non
illuminated
Non
illuminated
Illuminated
Illuminated
ø60mm
Button
ISO 13850
4.4.1
mushroom-type
push-buttons
ISO 13850
4.4.4
The command
shall be
maintained
by engagement
(latching-in)
of the actuating
means.
ISO 13850
4.4.4
The actuator of
the emergency
stop device
shall be colored
red.
IEC 60947-5-5
5. Electrical
requirements
5.2 All normally
closed contact
elements of an
emergency stop
device shall
have a direct
opening action
(positive
opening action,
according to
annex K of IEC
60947-5-1.
ISO 13850
4.4.6
As far as a
background
exists behind
the actuator
and as far as
is practicable, it
shall be colored
yellow.
Emergency
Stop Switch
Continued on Next Page
(no safe break
action)
Model
Applicable
Standards
Mark
Page
XA1E-BV3
(Solder, PC Board
Terminal)
EN60947-5-5
UL508/UL991
NFPA79
CSA C22.2 No.14
GB14048.5
16
XA1E-BV4
(Solder, PC Board
Terminal)
EN60947-5-5
UL508/UL991
NFPA79
CSA C22.2 No.14
GB14048.5
16
AB6E-3BV
(Solder Terminal)
EN60947-5-5
UL508
CSA C22.2 No.14
GB14048.5
9
XA1E-BV3U
(Solder, Solder/
Tab #110
Terminal)
EN60947-5-5
UL508
CSA C22.2 No.14
GB14048.5
14
AB6E-4BV
(Solder Terminal)
EN60947-5-5
UL508
CSA C22.2 No.14
GB14048.5
9
XA1E-BV4U
(Solder, Solder/
Tab #110
Terminal)
EN60947-5-5
UL508
CSA C22.2 No.14
GB14048.5
14
XA1E-LV3
(Solder, PC Board
Terminal)
EN60947-5-5
UL508/UL991
NFPA79
CSA C22.2 No.14
GB14048.5
16
XA1E-LV4
(Solder, PC Board
Terminal)
EN60947-5-5
UL508/UL991
NFPA79
CSA C22.2 No.14
GB14048.5
16
XW1E-BV4
(Screw Terminal)
EN60947-5-5
UL508/UL991
NFPA79
CSA C22.2 No.14
GB14048.5
22
XW1E-BV4
(Solder, PC Board
Terminal)
EN60947-5-5
UL508/UL991
NFPA79
CSA C22.2 No.14
GB14048.5
22
XW1E-BV4
(Connector)
EN60947-5-5
UL508
22
XW1E-BV5
(Screw Terminal)
EN60947-5-5
UL508/UL991
NFPA79
CSA C22.2 No.14
GB14048.5
22
XW1E-LV4
(Screw Terminal)
EN60947-5-5
UL508/UL991
NFPA79
CSA C22.2 No.14
GB14048.5
23
XW1E-LV4
(Solder, PC Board
Terminal)
EN60947-5-5
UL508/UL991
NFPA79
CSA C22.2 No.14
GB14048.5
23
ISO / IEC Standards and Emergency Stop Switches


Similar Description - YW1B-V4E21R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A01ES-D ETC2-A01ES-D Datasheet
1Mb / 5P
Emergency stop switches • panel cut-out Ø 16 mm
2018
logo
Schneider Electric
9001SKR9P1LRRH13 SCHNEIDER-9001SKR9P1LRRH13 Datasheet
71Kb / 1P
SWITCH EMERGENCY STOP
Jan 13, 2022
logo
Pepperl+Fuchs Inc.
VAZ-2E1A-F85A-S PF-VAZ-2E1A-F85A-S Datasheet
738Kb / 3P
Emergency stop button
2021-04-08
logo
Schneider Electric
ZBY9330 SCHNEIDER-ZBY9330 Datasheet
93Kb / 2P
marked legend 횠60 for emergency stop - EMERGENCY STOP/logo ISO13850
logo
Omron Electronics LLC
A22NE-PD OMRON-A22NE-PD Datasheet
18Mb / 52P
Emergency Stop Pushbutton Switches (22-dia. or 25-dia.)
logo
PHOENIX CONTACT
2819189 PHOENIX-2819189 Datasheet
79Kb / 5P
Emergency-stop Y plug
logo
List of Unclassifed Man...
VCF5 ETC2-VCF5 Datasheet
70Kb / 2P
TeSys Vario - emergency stop switch
logo
Pepperl+Fuchs Inc.
VAZ-F85A-MH PF-VAZ-F85A-MH Datasheet
108Kb / 1P
Mounting aid for EMERGENCY STOP button
2015-01-13
logo
Banner Engineering Corp...
SSA-EB BANNER-SSA-EB Datasheet
763Kb / 4P
SSA-EB Series Emergency Stop Buttons
logo
Schneider Electric
ZBY9330T SCHNEIDER-ZBY9330T Datasheet
119Kb / 2P
Harmony XB4, Legend holder 횠60 for emergency stop, plastic, yellow, for padlocking,marked EMERGENCY STOP
Jan 22, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com