Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YW1B-V4E21R Datasheet(PDF) 2 Page - IDEC Corporation

Part # YW1B-V4E21R
Description  Emergency Stop Switches
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

YW1B-V4E21R Datasheet(HTML) 2 Page - IDEC Corporation

  YW1B-V4E21R Datasheet HTML 1Page - IDEC Corporation YW1B-V4E21R Datasheet HTML 2Page - IDEC Corporation YW1B-V4E21R Datasheet HTML 3Page - IDEC Corporation YW1B-V4E21R Datasheet HTML 4Page - IDEC Corporation YW1B-V4E21R Datasheet HTML 5Page - IDEC Corporation YW1B-V4E21R Datasheet HTML 6Page - IDEC Corporation YW1B-V4E21R Datasheet HTML 7Page - IDEC Corporation YW1B-V4E21R Datasheet HTML 8Page - IDEC Corporation YW1B-V4E21R Datasheet HTML 9Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 64 page
background image
2
Emergency Stop Switches (Selection Guide)
Series
Emergency Stop Switch
Name
ø16mm X6 Series
Pushlock Pull /
Turn Reset
(Unibody)
ø16mm XA Series
Pushlock Pull /
Turn Reset
(Unibody)
ø16mm XA Series
Pushlock Pull /
Turn Reset (with
Removable Contact
Block)
ø22mm XW Series
Pushlock Pull /
Turn Reset
ø22mm HW Series
Pushlock Turn Reset
(Unibody)
(Plastic/Flush Bezel)
Shape
Safety
Category
4
4
4
4
4
Applicable
Standards
EN60947-5-5
UL508
CSA C22.2 No.14
GB14048.5
EN60947-5-5
UL508
CSA C22.2 No.14
GB14048.5
EN60947-5-5
UL508
UL991
NFPA79
CSA C22.2 No.14
GB14048.5
EN60947-5-5
UL508
UL991
NFPA79
CSA C22.2 No.14
GB14048.5
EN60947-5-5
UL508
CSA C22.2 No.14
GB14048.5
Mark
Page
8
13
15
21
32
Series
Emergency Stop Switch
Name
ø22mm HW Series
Pushlock Turn Reset
(with Removable
Contact Block)
ø22mm HW Series
Pushlock Key Reset
ø22mm HW Series
Push-Pull
ø22mm YW Series
Pushlock Pull /
Turn Reset
Shape
Safety
Category
4
4
4
4
Applicable
Standards
EN60947-5-5
UL508
CSA C22.2 No.14
GB14048.5
EN60947-5-5
UL508
CSA C22.2 No.14
GB14048.5
EN60947-5-5
UL508
CSA C22.2 No.14
GB14048.5
EN60947-5-5
UL508
CSA C22.2 No.14
GB14048.5
Mark
Page
34
35
35
40
Series
Emergency Stop Switch
Name
ø30mm XN Series
Pushlock Pull /
Turn Reset
(Plastic/Flush Bezel)
ø30mm XN Series
Pushlock Turn Reset
(Padlockable)
ø30mm HN Series
Pushlock Turn Reset
(Unibody)
Shape
Safety
Category
4
4
4
Applicable
Standards
EN60947-5-5
UL508
UL991
NFPA79
CSA C22.2 No.14
GB14048.5
EN60947-5-5
UL508
UL991
NFPA79
CSA C22.2 No.14
GB14048.5
EN60947-5-5
UL508
CSA C22.2 No.14
GB14048.5
Mark
Page
48
50
55


Similar Description - YW1B-V4E21R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A01ES-D ETC2-A01ES-D Datasheet
1Mb / 5P
Emergency stop switches • panel cut-out Ø 16 mm
2018
logo
Schneider Electric
9001SKR9P1LRRH13 SCHNEIDER-9001SKR9P1LRRH13 Datasheet
71Kb / 1P
SWITCH EMERGENCY STOP
Jan 13, 2022
logo
Pepperl+Fuchs Inc.
VAZ-2E1A-F85A-S PF-VAZ-2E1A-F85A-S Datasheet
738Kb / 3P
Emergency stop button
2021-04-08
logo
Schneider Electric
ZBY9330 SCHNEIDER-ZBY9330 Datasheet
93Kb / 2P
marked legend 횠60 for emergency stop - EMERGENCY STOP/logo ISO13850
logo
Omron Electronics LLC
A22NE-PD OMRON-A22NE-PD Datasheet
18Mb / 52P
Emergency Stop Pushbutton Switches (22-dia. or 25-dia.)
logo
PHOENIX CONTACT
2819189 PHOENIX-2819189 Datasheet
79Kb / 5P
Emergency-stop Y plug
logo
List of Unclassifed Man...
VCF5 ETC2-VCF5 Datasheet
70Kb / 2P
TeSys Vario - emergency stop switch
logo
Pepperl+Fuchs Inc.
VAZ-F85A-MH PF-VAZ-F85A-MH Datasheet
108Kb / 1P
Mounting aid for EMERGENCY STOP button
2015-01-13
logo
Banner Engineering Corp...
SSA-EB BANNER-SSA-EB Datasheet
763Kb / 4P
SSA-EB Series Emergency Stop Buttons
logo
Schneider Electric
ZBY9330T SCHNEIDER-ZBY9330T Datasheet
119Kb / 2P
Harmony XB4, Legend holder 횠60 for emergency stop, plastic, yellow, for padlocking,marked EMERGENCY STOP
Jan 22, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com