Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA45 Datasheet(PDF) 14 Page - Schurter Inc.

Part # TA45
Description  Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

TA45 Datasheet(HTML) 14 Page - Schurter Inc.

Back Button TA45_V01 Datasheet HTML 6Page - Schurter Inc. TA45_V01 Datasheet HTML 7Page - Schurter Inc. TA45_V01 Datasheet HTML 8Page - Schurter Inc. TA45_V01 Datasheet HTML 9Page - Schurter Inc. TA45_V01 Datasheet HTML 10Page - Schurter Inc. TA45_V01 Datasheet HTML 11Page - Schurter Inc. TA45_V01 Datasheet HTML 12Page - Schurter Inc. TA45_V01 Datasheet HTML 13Page - Schurter Inc. TA45_V01 Datasheet HTML 14Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
14
Thermal (T- and TA-Line)
TA45 2 pole Rocker
https://www.schurter.com /PG17_18_19
Circuit Breakers
Accessories
Description
TA45-ACC
Accessories to TA45
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.


Similar Part No. - TA45_V01

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
TA45-2P SCHURTER-TA45-2P Datasheet
553Kb / 7P
   Circuit Breaker for Equipment thermal, 2 pole, Push button actuation
TA45-2PA SCHURTER-TA45-2PA Datasheet
562Kb / 7P
   Circuit Breaker for Equipment thermal, 2 pole, Push button actuation, with auxiliary contact
TA45-2PAU SCHURTER-TA45-2PAU Datasheet
696Kb / 10P
   Circuit Breaker for Equipment thermal, 2 pole, Push button actuation, with auxiliary contact, with undervol-tage
TA45-2PU SCHURTER-TA45-2PU Datasheet
663Kb / 9P
   Circuit Breaker for Equipment thermal, 2 pole, Push button actuation, with undervoltage
TA45-2R SCHURTER-TA45-2R Datasheet
601Kb / 8P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
More results

Similar Description - TA45_V01

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
TA45-2R SCHURTER-TA45-2R Datasheet
601Kb / 8P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
TA35ROCKER2POLE SCHURTER-TA35ROCKER2POLE Datasheet
1,007Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 2 pole
TA35ROCKER2POLE SCHURTER-TA35ROCKER2POLE_18 Datasheet
992Kb / 8P
   Circuit Breaker for Equipment thermal, Rocker actuation, 2 pole
TA45-2R SCHURTER-TA45-2R_18 Datasheet
603Kb / 8P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
TA35ROCKER1POLE SCHURTER-TA35ROCKER1POLE Datasheet
506Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 1 pole
TA45-3R SCHURTER-TA45-3R Datasheet
474Kb / 6P
   Circuit Breaker for Equipment thermal, 3 pole, Rocker actuation
TA45-2RU SCHURTER-TA45-2RU Datasheet
707Kb / 10P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation, with undervoltage
4435.0456 SCHURTER-4435.0456 Datasheet
571Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 1 pole
TA45-2RA SCHURTER-TA45-2RA Datasheet
525Kb / 7P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation, with auxiliary contact
TA45-3RU SCHURTER-TA45-3RU Datasheet
465Kb / 6P
   Circuit Breaker for Equipment thermal, 3 pole, Rocker actuation, with undervoltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com