Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA45 Datasheet(PDF) 1 Page - Schurter Inc.

Part # TA45
Description  Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

TA45 Datasheet(HTML) 1 Page - Schurter Inc.

  TA45_V01 Datasheet HTML 1Page - Schurter Inc. TA45_V01 Datasheet HTML 2Page - Schurter Inc. TA45_V01 Datasheet HTML 3Page - Schurter Inc. TA45_V01 Datasheet HTML 4Page - Schurter Inc. TA45_V01 Datasheet HTML 5Page - Schurter Inc. TA45_V01 Datasheet HTML 6Page - Schurter Inc. TA45_V01 Datasheet HTML 7Page - Schurter Inc. TA45_V01 Datasheet HTML 8Page - Schurter Inc. TA45_V01 Datasheet HTML 9Page - Schurter Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
Thermal (T- and TA-Line)
TA45 2 pole Rocker
https://www.schurter.com /PG17_18_19
Circuit Breakers
Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
Basic type
With auxiliary contact
With undervoltage protection
See below:
Approvals and Compliances
Description
- Thermal circuit breaker
- 1 or 2 pole thermal overload protection
- Positively trip-free release
- High configurability
- Rocker non-illuminated or illuminated
- Snap-in version
- Quick connect terminal 6.3 x 0.8 mm or screw clamp terminal M3.5 x
6 mm (lineside P1, P2)
Applications
- Power tools
- Industrial appliances
- Power supplies
- Equipment for construction
- Cleaning equipment
Weblinks
pdf data sheet, html datasheet, General Product Information, Distributor-
Stock-Check, Detailed request for product, Product News
Technical Data
Rated Voltage AC
240 VAC
Rated Voltage DC
60 VDC
Rated current range AC
0.05 - 20 A
Conditional short circuit capa-
city Inc
IEC 60934: PC1, AC 240 V: 1 kA
Short circuit capacity Icn
IEC 60934:
At In < 3 A/ 240 VAC: 10xIn (max. 3
cycles)
At In
≥ 3 A/ 240 VAC: 300A (max. 3
cycles)
At In < 3 A/ 60 VDC: 10xIn (max. 3
cycles)
At In
≥ 3 A/ 48 VDC: 120A (max. 3
cycles)
Degree of Protection
front side IP40 acc. to IEC 60529
With factory mounted protection cover
IP54
Dielectric Strength
4 kVAC
Insulation Resistance
500 VDC > 100 M
Ω
Lifetime
mechanical: 50'000 switching cycles
AC: 1 x Ir:
50'000 switching cycles
DC: 1 x Ir:
50'000 switching cycles
Overload
AC: min. 40 trips
@ 6 x Ir
DC: min. 40 trips
@ 4 x Ir
Allowable Operation Temp.
-10 °C to 55 °C
Storage Temperature
-10 °C to 55 °C
Vibration Resistance
± 0.75 mm @ 5 - 60 Hz
acc. to IEC 60068-2-6, test Fc
10 G @ 60 - 500 Hz
acc. to IEC 60068-2-6, test Fc
Shock Resistance
30 G / 18 ms
acc. to IEC 60068-2-27, test Ea
Tripping Type
Thermal
Actuation Type
Rocker
Weight
30 - 50 g
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
SCHURTER products are designed for use in industrial environments. They have approvals from independent testing bodies according to national
and international standards. Products with specific characteristics and requirements such as required in the automotive sector according to IATF
16949, medical technology according to ISO 13485 or in the aerospace industry can be offered exclusively with customer-specific, individual agree-
ments by SCHURTER.


Similar Part No. - TA45_V01

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
TA45-2P SCHURTER-TA45-2P Datasheet
553Kb / 7P
   Circuit Breaker for Equipment thermal, 2 pole, Push button actuation
TA45-2PA SCHURTER-TA45-2PA Datasheet
562Kb / 7P
   Circuit Breaker for Equipment thermal, 2 pole, Push button actuation, with auxiliary contact
TA45-2PAU SCHURTER-TA45-2PAU Datasheet
696Kb / 10P
   Circuit Breaker for Equipment thermal, 2 pole, Push button actuation, with auxiliary contact, with undervol-tage
TA45-2PU SCHURTER-TA45-2PU Datasheet
663Kb / 9P
   Circuit Breaker for Equipment thermal, 2 pole, Push button actuation, with undervoltage
TA45-2R SCHURTER-TA45-2R Datasheet
601Kb / 8P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
More results

Similar Description - TA45_V01

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
TA45-2R SCHURTER-TA45-2R Datasheet
601Kb / 8P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
TA35ROCKER2POLE SCHURTER-TA35ROCKER2POLE Datasheet
1,007Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 2 pole
TA35ROCKER2POLE SCHURTER-TA35ROCKER2POLE_18 Datasheet
992Kb / 8P
   Circuit Breaker for Equipment thermal, Rocker actuation, 2 pole
TA45-2R SCHURTER-TA45-2R_18 Datasheet
603Kb / 8P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
TA35ROCKER1POLE SCHURTER-TA35ROCKER1POLE Datasheet
506Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 1 pole
TA45-3R SCHURTER-TA45-3R Datasheet
474Kb / 6P
   Circuit Breaker for Equipment thermal, 3 pole, Rocker actuation
TA45-2RU SCHURTER-TA45-2RU Datasheet
707Kb / 10P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation, with undervoltage
4435.0456 SCHURTER-4435.0456 Datasheet
571Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 1 pole
TA45-2RA SCHURTER-TA45-2RA Datasheet
525Kb / 7P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation, with auxiliary contact
TA45-3RU SCHURTER-TA45-3RU Datasheet
465Kb / 6P
   Circuit Breaker for Equipment thermal, 3 pole, Rocker actuation, with undervoltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com