Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS27468T17Z13BAML Datasheet(PDF) 21 Page - SOURIAU-SUNBANK Connection Technologies

Part # MS27468T17Z13BAML
Description  MIL-DTL-38999 Series I
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURIAU [SOURIAU-SUNBANK Connection Technologies]
Direct Link  https://www.souriau.com/en-en
Logo SOURIAU - SOURIAU-SUNBANK Connection Technologies

MS27468T17Z13BAML Datasheet(HTML) 21 Page - SOURIAU-SUNBANK Connection Technologies

Back Button MS27468T17Z13BAML Datasheet HTML 17Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13BAML Datasheet HTML 18Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13BAML Datasheet HTML 19Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13BAML Datasheet HTML 20Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13BAML Datasheet HTML 21Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13BAML Datasheet HTML 22Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13BAML Datasheet HTML 23Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13BAML Datasheet HTML 24Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13BAML Datasheet HTML 25Page - SOURIAU-SUNBANK Connection Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
8LT Series
MIL-DTL-38999 Series I
21
© 2013 - SOURIAU
Type 2 - Short square flange receptacle (not accepting backshell)
Type 5 - Plug with RFI shielding
Type 15 - Plug with RFI shielding (not accepting backshell)
Type 5
Type 5 and 15
Type 15
Shell size
09
11
13
15
17
19
21
23
25
A
Max
21.80
25.00
29.30
32.50
35.70
38.50
41.70
43.85
48.00
B
Min
31.28
31.28
31.28
31.28
31.28
31.28
31.28
31.28
31.28
Max
31.35
31.35
31.35
31.35
31.35
31.35
31.35
31.35
31.35
Note: All dimensions are in millimeters (mm)
Panel cut out
A
B
E
G
4 holes ØH
4 holes ØL
J
Shell
size
A
B
ØC
ØD
E
F
G
ØH
J
ØK
ØL
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
09
20.71 20.83 5.40 5.55
14.40 14.53 9.85 9.95
2.14
2.54
18.26 23.70 24.30
3.25 3.35
18.26 16.66
3.25
11
17.65 17.78 12.80 12.90
20.62 26.05 26.70
20.62 20.22
13
21.40 21.59 16.00 16.10
23.01 28.50 29.05
23.01 23.42
15
24.65 24.77 18.95 19.05
24.61 30.85 31.45
24.61 26.59
17
27.82 27.94 22.10 22.20
26.97 33.20 33.80
26.97 30.96
19
29.24 30.66 25.10 25.20
29.36 36.40 37.00
29.36 32.94
21
19.96 20.08 6.15
6.35
33.70 33.83 28.25 28.35
2.90 3.30
31.75 39.55 40.15
31.75 36.12
23
36.92 37.00 31.40 31.50
34.93 42.75 43.35
3.73 3.83
34.92 39.29
3.91
25
40.06 40.18 34.60 34.70
38.10 46.00 46.50
38.10 42.47
A
B
B
See Detail p.22


Similar Part No. - MS27468T17Z13BAML

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MS27468 GLENAIR-MS27468 Datasheet
59Kb / 1P
Military Standard Connector Index
logo
ITT Industries
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
More results

Similar Description - MS27468T17Z13BAML

ManufacturerPart #DatasheetDescription
logo
ITT Industries
D38999-24WD-35SA ITT-D38999-24WD-35SA Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
D38999 ITT-D38999 Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
D38999-20FG41PN ITT-D38999-20FG41PN Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
D38999-20WG-41PN ITT-D38999-20WG-41PN Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
D38999-26FA98BN ITT-D38999-26FA98BN Datasheet
2Mb / 17P
MIL-DTL-38999 Series III Connectors
logo
List of Unclassifed Man...
D38999-20FC4PN ETC2-D38999-20FC4PN Datasheet
11Mb / 122P
8D Series - MIL-DTL-38999 Series III
logo
Glenair, Inc.
240-381A GLENAIR-240-381A Datasheet
87Kb / 2P
MIL-DTL-38999 Series I Type Filter Connector
240-381J GLENAIR-240-381J Datasheet
103Kb / 2P
MIL-DTL-38999 Series I Type Filter Connector
logo
Amphenol Aerospace Oper...
MIL-DTL-38999 AAO-MIL-DTL-38999 Datasheet
3Mb / 40P
MIL-DTL-38999, Series III, TV
466511 AAO-466511 Datasheet
1Mb / 37P
MIL-DTL-38999, Series II JT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com