Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS27468T17Z13BAML Datasheet(PDF) 18 Page - SOURIAU-SUNBANK Connection Technologies

Part # MS27468T17Z13BAML
Description  MIL-DTL-38999 Series I
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURIAU [SOURIAU-SUNBANK Connection Technologies]
Direct Link  https://www.souriau.com/en-en
Logo SOURIAU - SOURIAU-SUNBANK Connection Technologies

MS27468T17Z13BAML Datasheet(HTML) 18 Page - SOURIAU-SUNBANK Connection Technologies

Back Button MS27468T17Z13BAML Datasheet HTML 14Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13BAML Datasheet HTML 15Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13BAML Datasheet HTML 16Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13BAML Datasheet HTML 17Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13BAML Datasheet HTML 18Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13BAML Datasheet HTML 19Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13BAML Datasheet HTML 20Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13BAML Datasheet HTML 21Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13BAML Datasheet HTML 22Page - SOURIAU-SUNBANK Connection Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 64 page
background image
8LT Series
MIL-DTL-38999 Series I
18
© 2013 - SOURIAU
MIL-DTL-38999 connector part numbers
Basic series
MS
27466
T
13
B
35
P
L
Shell type
27466: Square flange receptacle (front mounting)
27656: Square flange receptacle (rear mounting)
27468: Jam nut receptacle
27467: Plug with RFI shielding
27505: Square flange receptacle, not accepting backshell
Class
E: Without thread for back fitting, not accepting backshell for MS27505 and MS27467 only
T: With thread for backfitting, supplied without backshell (excepted MS27505)
Shell size
09; 11; 13; 15; 17; 19; 21; 23; 25
Plating
Z: Black zinc nickel
F: Nickel
B: Olive green cadmium
Contact layout
See tables pages 8 to 11
Contact type
P: Male
A: Connector supplied less pin contact or with specific contacts (Connector marking : A + orientation)
S: Female
B: Connector supplied less socket contact or with specific contacts (Connector marking : B + orientation)
Orientation (1)
None: Normal (N)
A, B, C, D
see table page 48
Special custom
None: Standard plastic cap
M: Antistatic plastic cap
L: For P or S contact type only, connector delivered without contacts, connector marking P or S (without L )
HE 308 connector part numbers
(1) Orientations B & C not developped for shell size number 9.
Basic series
HE308
00
T
13
35
P
N
7
M
L
Shell type
00: Square flange receptacle
07: Jam nut receptacle
06: Plug with RFI shielding
11: Jam nut receptacle with PC Tail contacts
Class
T: Sealed
Shell size
09; 11; 13; 15; 17; 19; 21; 23; 25
Contact layout
See tables pages 8 to 11
Contact type
P: Male
S: Female
Orientation (1)
N, A, B, C, D
see table page 48
Plating
6: Nickel
7: Olive green cadmium
Contractual spécification
Special custom
None: Standard plastic cap
M: Antistatic plastic cap
Specification
None: Connector supplied with contact
L: Connector supplied without contact


Similar Part No. - MS27468T17Z13BAML

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MS27468 GLENAIR-MS27468 Datasheet
59Kb / 1P
Military Standard Connector Index
logo
ITT Industries
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
More results

Similar Description - MS27468T17Z13BAML

ManufacturerPart #DatasheetDescription
logo
ITT Industries
D38999-24WD-35SA ITT-D38999-24WD-35SA Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
D38999 ITT-D38999 Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
D38999-20FG41PN ITT-D38999-20FG41PN Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
D38999-20WG-41PN ITT-D38999-20WG-41PN Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
D38999-26FA98BN ITT-D38999-26FA98BN Datasheet
2Mb / 17P
MIL-DTL-38999 Series III Connectors
logo
List of Unclassifed Man...
D38999-20FC4PN ETC2-D38999-20FC4PN Datasheet
11Mb / 122P
8D Series - MIL-DTL-38999 Series III
logo
Glenair, Inc.
240-381A GLENAIR-240-381A Datasheet
87Kb / 2P
MIL-DTL-38999 Series I Type Filter Connector
240-381J GLENAIR-240-381J Datasheet
103Kb / 2P
MIL-DTL-38999 Series I Type Filter Connector
logo
Amphenol Aerospace Oper...
MIL-DTL-38999 AAO-MIL-DTL-38999 Datasheet
3Mb / 40P
MIL-DTL-38999, Series III, TV
466511 AAO-466511 Datasheet
1Mb / 37P
MIL-DTL-38999, Series II JT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com