Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS27468T17Z13BAML Datasheet(PDF) 36 Page - SOURIAU-SUNBANK Connection Technologies

Part # MS27468T17Z13BAML
Description  MIL-DTL-38999 Series I
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURIAU [SOURIAU-SUNBANK Connection Technologies]
Direct Link  https://www.souriau.com/en-en
Logo SOURIAU - SOURIAU-SUNBANK Connection Technologies

MS27468T17Z13BAML Datasheet(HTML) 36 Page - SOURIAU-SUNBANK Connection Technologies

Back Button MS27468T17Z13BAML Datasheet HTML 32Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13BAML Datasheet HTML 33Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13BAML Datasheet HTML 34Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13BAML Datasheet HTML 35Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13BAML Datasheet HTML 36Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13BAML Datasheet HTML 37Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13BAML Datasheet HTML 38Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13BAML Datasheet HTML 39Page - SOURIAU-SUNBANK Connection Technologies MS27468T17Z13BAML Datasheet HTML 40Page - SOURIAU-SUNBANK Connection Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 64 page
background image
8LT Series
MIL-DTL-38999 Series I
36
© 2013 - SOURIAU
Crimp contacts
* JVS only.
** Not included in connector Part number. Must be ordered separately.
Contact size
Contact type
Souriau Part number
(without color code)
MIL-DTL-38999 contacts
Part number
Profile and color code
#26
Pin
8599-0297
-
Socket
8599-0298
-
#22D
Pin
8599-0702 JJ
M39029/58 360
Black / Blue / Orange
Socket
8599-0706 900
M39029/56 348
Grey / Yellow / Orange
#20
Pin
8599-0703 SA
M39029/58 363
Orange / Blue / Orange
Socket
8599-0707 900
M39029/56 351
Brown / Green / Orange
#16
Pin
8599-0704 MJ
M39029/58 364
Yellow / Blue / Orange
Socket
8599-0708 900
M39029/56 352
Red / Green / Orange
#16 Coaxial
Pin
-
M39029/76 424
Yellow / Red / Yellow
Socket
-
M39029/77 428
Grey / Red / Yellow
#12
Pin
8599-0705 MJ
M39029/58 365
Green / Blue / Orange
Socket
8599-0709 900
M39029/56 353
Orange / Green / Orange
#12 Coaxial
Pin
-
M39029/102 558
Socket
-
M39029/103 559
Pin
-
M39029/28 211
Socket
-
M39029/75 416
#10 Power
Pin
-
M39029/58 528
Socket
-
M39029/56 527
#8 Power
Pin
8599-7544 *
-
Socket
8599-7541 *
-
Pin
8599-7580
-
Socket
8599-7581
-
Boot
8599-4542
-
For wire #8
8599-4547
-
For wire #10
Reductor
8599-7645
-
#8 Coaxial
Pin
-
M39029/60 367
Socket
-
M39029/59 366
Boot
8590-4571
-
#8 Twinax
Pin
-
M39029/90 529
Socket
-
M39029/91 530
Boot
8590-4571
-
#4 Power
Pin
8599-7598 900 **
-
For wire 25 mm²
Socket
8599-7599 900 **
-
Pin
8599-7534
-
For wire 21.15 mm²
Socket
8599-7535
-
Boot
for cable
16 mm²
8599-4594
-
for cable
10 mm²
8599-4593
-
Reductor cable
10 mm²
8400-2351A
-
#4 Power
with reduced
barrel
Pin
8599-7528 900
-
Mating part #4 / Barrel #6
Socket
8599-7529 900
-
Boot
8599-4593
-


Similar Part No. - MS27468T17Z13BAML

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MS27468 GLENAIR-MS27468 Datasheet
59Kb / 1P
   Military Standard Connector Index
logo
ITT Industries
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
MS27468E11A35PSA ITT-MS27468E11A35PSA Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
More results

Similar Description - MS27468T17Z13BAML

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-381J GLENAIR-240-381J Datasheet
103Kb / 2P
   MIL-DTL-38999 Series I Type Filter Connector
240-381A GLENAIR-240-381A Datasheet
87Kb / 2P
   MIL-DTL-38999 Series I Type Filter Connector
logo
Amphenol Aerospace Oper...
466511 AAO-466511 Datasheet
1Mb / 37P
   MIL-DTL-38999, Series II JT
MIL-DTL-38999 AAO-MIL-DTL-38999 Datasheet
3Mb / 40P
   MIL-DTL-38999, Series III, TV
logo
ITT Industries
D38999-20FG41PN ITT-D38999-20FG41PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-20WG-41PN ITT-D38999-20WG-41PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-24WD-35SA ITT-D38999-24WD-35SA Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
logo
List of Unclassifed Man...
D38999-20FC4PN ETC2-D38999-20FC4PN Datasheet
11Mb / 122P
   8D Series - MIL-DTL-38999 Series III
logo
ITT Industries
D38999-26FA98BN ITT-D38999-26FA98BN Datasheet
2Mb / 17P
   MIL-DTL-38999 Series III Connectors
D38999 ITT-D38999 Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com