Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G767 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G767
Description  Remote/Local Temperature Sensor with SMBus Serial Interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G767 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G767 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G767 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G767 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G767 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G767 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G767 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G767 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G767 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G767 Datasheet HTML 9Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Ver: 2.5
Dec 14, 2004
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G767
Global Mixed-mode Technology Inc.
Remote/Local Temperature Sensor with SMBus
Serial Interface
Features
Two Channels: Measures Both Remote and
Local Temperatures
No Calibration Required
SMBus 2-Wire Serial Interface
Programmable Under/Overtemperature Alarms
Supports SMBus Alert Response
Accuracy:
±2°C (+60°C to + 100°C, local)
±3°C (-40°C to +125°C, local)
±3°C (+60°C to +100°C, remote)
3µA (typ) Standby Supply Current
70µA (max) Supply Current in Auto- Convert
Mode
+3V to +5.5V Supply Range
Small, 16-Pin SSOP Package
Applications
Desktop and Notebook
Central Office
Computers
Telecom Equipment
Smart Battery Packs
Test and Measurement
LAN Servers
Multi-Chip Modules
Industrial Controls
General Description
The G767 is a precise digital thermometer that reports
the temperature of both a remote sensor and its own
package. The remote sensor is a diode-connected
transistor typically a low-cost, easily mounted 2N3904
NPN type-that replace conventional thermistors or
thermocouples. Remote accuracy is ±3°C for multiple
transistor manufacturers, with no calibration needed.
The remote channel can also measure the die tem-
perature of other ICs, such as microprocessors, that
contain an on-chip, diode-connected transistor.
The 2-wire serial interface accepts standard System
Management Bus (SMBusTM) Write Byte, Read Byte,
Send Byte, and Receive Byte commands to program
the alarm thresholds and to read temperature data.
The data format is 7 bits plus sign, with each bit cor-
responding to 1°C, in two’s-complement format.
Measurements can be done automatically and
autonomously, with the conversion rate programmed
by the user or programmed to operate in a single-shot
mode. The adjustable rate allows the user to control
the supply-current drain.
The G767 is available in a small, 16-pin SSOP sur-
face-mount package.
Ordering Information
ORDER
NUMBER
ORDER NUMBER
(Pb free)
TEMP.
RANGE
PACKAGE
G767
G767f
-55°C to +125°C
SSOP-16
Pin Configuration
Typical Operating Circuit
0.1µF
200Ω
3V TO 5.5V
Vcc
STBY
DXP
DXN
SMBCLK
SMBDATA
ALERT
10k EACH
CLOCK
DATA
INTERRUPT
TO µC
ADD0 ADD1 GND
2200pF
2N3904
SMBDATA
1
2
3
4
5
6
7
8
N.C.
Vcc
DXP
DXN
N.C.
ADD1
GND
GND
16
15
14
13
12
11
10
9
N.C
STBY
SMBCLK
N.C.
ALERT
ADD0
N.C.
SSOP-16
G767
0.1µF
200Ω
3V TO 5.5V
Vcc
STBY
DXP
DXN
SMBCLK
SMBDATA
ALERT
10k EACH
CLOCK
DATA
INTERRUPT
TO µC
ADD0 ADD1 GND
2200pF
2N3904
0.1µF
200Ω
3V TO 5.5V
Vcc
STBY
DXP
DXN
SMBCLK
SMBDATA
ALERT
10k EACH
CLOCK
DATA
INTERRUPT
TO µC
ADD0 ADD1 GND
2200pF
2N3904
SMBDATA
1
2
3
4
5
6
7
8
N.C.
Vcc
DXP
DXN
N.C.
ADD1
GND
GND
16
15
14
13
12
11
10
9
N.C
STBY
SMBCLK
N.C.
ALERT
ADD0
N.C.
SSOP-16
G767


Similar Part No. - G767

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
G76-010-05H-AGGA-H MITSUMI-G76-010-05H-AGGA-H Datasheet
76Kb / 2P
   Interface Connectors for Cradle
logo
List of Unclassifed Man...
G760A ETC-G760A Datasheet
173Kb / 5P
   Fan Speed PWM Controller
logo
Global Mixed-mode Techn...
G760A GMT-G760A Datasheet
84Kb / 1P
   Fan Speed PWM Controller
G761 GMT-G761 Datasheet
47Kb / 1P
   Fan Speed Controller with Linear or PWM Mode
G762 GMT-G762 Datasheet
309Kb / 1P
   Fan Speed Controller with Linear or PWM Mode
More results

Similar Description - G767

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1617A MAXIM-MAX1617A_12 Datasheet
343Kb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 1; 10/12
MAX1617 MAXIM-MAX1617 Datasheet
226Kb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
19-1265; Rev 1; 3/98
MAX1617A MAXIM-MAX1617A_V01 Datasheet
1Mb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
2016
MAX1617 MAXIM-MAX1617_V01 Datasheet
1Mb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
2016
MAX1617 MAXIM-MAX1617_12 Datasheet
301Kb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 2; 11/12
MAX1617A MAXIM-MAX1617A Datasheet
234Kb / 18P
   Remote/Local Temperature Sensor with SMBus Serial Interface
19-4508; Rev 0; 1/99
logo
Global Mixed-mode Techn...
G788 GMT-G788 Datasheet
45Kb / 1P
   Remote and Local Temperature Sensor with SMBus Serial Interface
Ver: 0.4 Oct 16, 2013
G782 GMT-G782 Datasheet
44Kb / 1P
   짹1C Remote and Local Temperature Sensor with SMBus Serial Interface
G781 GMT-G781 Datasheet
52Kb / 1P
   짹1C Remote and Local Temperature Sensor with SMBus Serial Interface
logo
List of Unclassifed Man...
G781 ETC-G781 Datasheet
342Kb / 14P
   짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com