Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BNH Datasheet(PDF) 1 Page - IDEC Corporation

Part # BNH
Description  Terminal Blocks
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

BNH Datasheet(HTML) 1 Page - IDEC Corporation

  BNH Datasheet HTML 1Page - IDEC Corporation BNH Datasheet HTML 2Page - IDEC Corporation BNH Datasheet HTML 3Page - IDEC Corporation BNH Datasheet HTML 4Page - IDEC Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1007
800-262-IDEC (4332) • USA & Canada
BNH/BN
Terminal Blocks
1705151137
BNH/BN Series
Key features:
• Touch-down terminals with spring-loaded captive screws
• Jumpers available up to 50A model
• Fuse block with or without blown-fuse indicator in neon or LED
• Mounts on 35mm standard DIN rail
UL Recognized
File No. E78117
CSA Certified
File No. LR64803
File No. R9551701
J9551516 (power blocks)
R9650688 (dual-deck blocks)
Specifications
Model
BNH10W
BNH15MW
BNH15LW
BNH30W
Appearance
Width
0.275” (7mm)
0.315” (8mm)
0.413” (10.5mm)
0.472” (12mm)
Approvals
UL, CSA, TUV
UL, CSA, TUV
UL, CSA, TUV
UL, CSA, TUV
No. of Poles
1
1
1
1
Wire Sizes
22 to 16 AWG
22 to 14 AWG
22 to 14 AWG
18 to 10 AWG
Voltage/Current
600V / 10A
600V / 10A
600V / 15A
600V / 30A
Terminals
Size
M3
M3
M3.5
M4
Type
Touch-down
Touch-down
Touch-down
Touch-down
Mounting
35mm DIN rail
35mm DIN rail
35mm DIN rail
35mm DIN rail
Terminal
Torque
(N-m)
0.6 - 1.0
0.6 - 1.0
1.0 - 1.3
1.4 - 2.0
(in-lbs.)
5.3 - 8.9
5.3 - 8.9
8.9 - 11.5
12.4 - 17.8
End Plate
BNE15W
BNE15W
BNE15W
BNE30W
DIN Rail Stop
BNL-5
BNL-5
BNL-5
BNL-5
Dust Cover
BNC230
BNC230
BNC230
BNC230
Marking
Strip
PVC
BNM7
BNM7
BNM7
BNM7
Fiberglass
BNM9
BNM9
BNM9
BNM9
End clip
BNM3
BNM3
BNM3
BNM3
Ring Terminal Jumpers
BNJ16
BNJ26W
BNJ46
BNJ56
Fork Terminal Jumpers
BNJ16F
BNJ26FW
BNJ46F
BNJ56F
1. BNDN1000 aluminum DIN rails are available in 1 meter lengths.
2. Marking strips are sold in 1 meter lengths.
3. Most jumpers are provided with 6 poles (except for BNH50W jumper that is 2-poles only).
4. Remove the “H” in the terminal block part number for standard screw type (ex. BNH10W becomes BN10W).


Similar Part No. - BNH

ManufacturerPart #DatasheetDescription
logo
IDEC Corporation
BNH-W IDEC-BNH-W Datasheet
2Mb / 26P
Terminal Blocks
BNH15MW IDEC-BNH15MW Datasheet
2Mb / 26P
Terminal Blocks
logo
Advanced Crystal Techno...
BNH2700-RF-GOMEFD-PF ACT-BNH2700-RF-GOMEFD-PF Datasheet
179Kb / 1P
3.2 x 2.5mm Crystal unit
BNH2700-RF-GOMEFL-PF ACT-BNH2700-RF-GOMEFL-PF Datasheet
179Kb / 1P
3.2 x 2.5mm Crystal unit
BNH2700-RF-JOMEFD-PF ACT-BNH2700-RF-JOMEFD-PF Datasheet
179Kb / 1P
3.2 x 2.5mm Crystal unit
More results

Similar Description - BNH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSB13 ETC1-TSB13 Datasheet
534Kb / 4P
EURO TERMINAL BLOCKS
0456360000 ETC1-0456360000 Datasheet
96Kb / 2P
Rail Mounted Terminal Blocks
1039900000 ETC1-1039900000 Datasheet
100Kb / 2P
Rail Mounted Terminal Blocks
logo
Altech corporation
38064 ALTECH-38064 Datasheet
90Kb / 1P
SPLICER TERMINAL BLOCKS
logo
Cooper Bussmann, Inc.
14002-2 COOPER-14002-2 Datasheet
55Kb / 1P
Barrier Terminal Blocks
logo
National Instruments Co...
777687-00 NI-777687-00 Datasheet
729Kb / 9P
SCXI Terminal Blocks
logo
Tyco Electronics
1437416-2 MACOM-1437416-2 Datasheet
17Mb / 69P
BUCHANAN Terminal Blocks
logo
Adam Technologies, Inc.
E333935 ADAM-TECH-E333935 Datasheet
38Kb / 2P
Terminal Blocks - Component
logo
IDEC Corporation
BN-W IDEC-BN-W Datasheet
2Mb / 26P
Terminal Blocks
logo
WAGO Kontakttechnik Gmb...
SMD WAGO-SMD Datasheet
1,015Kb / 8P
SMD Terminal Blocks
06/2014
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com