Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRIS-W6756 Datasheet(PDF) 1 Page - International Rectifier

Part # IRIS-W6756
Description  INTEGRATED SWITCHER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRIS-W6756 Datasheet(HTML) 1 Page - International Rectifier

  IRIS-W6756 Datasheet HTML 1Page - International Rectifier IRIS-W6756 Datasheet HTML 2Page - International Rectifier IRIS-W6756 Datasheet HTML 3Page - International Rectifier IRIS-W6756 Datasheet HTML 4Page - International Rectifier IRIS-W6756 Datasheet HTML 5Page - International Rectifier IRIS-W6756 Datasheet HTML 6Page - International Rectifier IRIS-W6756 Datasheet HTML 7Page - International Rectifier IRIS-W6756 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.irf.com
IRIS-W6756
Features
• 6-pin SIP type full molded package, optimum IC for low-height SMPS,
distance between high and low voltage pins is 1.8 mm with pin elimination.
• Oscillator is provided on the monolithic control with adopting On-Chip
Trimming Technology
• Small temperature characteristics variation by adopting a comparator to
compensate for temperature on the control part.
• Low start-up circuit current (100uA max)
•Avalanche energy guaranteed MOSFET with high VDSS
The built-in power MOSFET simplifies the surge
absorption
circuit since the MOSFET guarantees the avalanche energy.
No VDSS de-rating is required.
• Built-in constant voltage drive circuit
• Built-in step drive circuit
• Built-in low frequency PWM mode (≒22 kHz)
• UVLO Burst Standby
• Two operational modes by auto switching functions according to load
For middle~heavy load operation : QR mode
For light~middle load operation : 1 Bottom Skip mode
• Various kinds of protection functions
Pulse-by-Pulse Overcurrent Protection (OCP)
Overvoltage Protection with Latch mode (OVP)
Overload Protection with Latch mode (OLP)
The maximum limit of on-time
Package Outline
TO-220 Fullpack (7 Lead modified)
Description
IRIS-W6756 is a hybrid IC consisting of a power MOSFET and a controller IC, designed for Quasi-Resonant (including low frequency PWM)
fly-back converter type SMPS (Switching Mode Power Supply) applications. This IC realizes high efficiency, low noise, downsizing and
standardizing of a power supply system reducing external component count and simplifying the circuit design.
Typical Connection Diagram
Type
MOSFET
VDSS(V)
RDS(ON)
MAX
AC input(V)
Pout(W)
Note 1
230±15%
240
85 to 264
140
IRIS-W6756
650
0.73Ω
Key Specifications
Note 1:
The Pout (W) represents the thermal rating at Quasi-Resonant operation, and the peak power output is obtained by approximating 120 to
140 % of the above listed value. When the output voltage is low, and the ON-duty is narrow, the Pout (W) shall become lower than that
of the above.
INTEGRATED SWITCHER
D
DD
D
S
SS
S/
//
/G
GG
GN
NN
ND
DD
D
F
FF
FB
BB
B
O
OO
OC
CC
CP
PP
P/
//
/B
BB
BD
DD
D
S
SS
SS
SS
S/
//
/O
OO
OL
LL
LP
PP
P
V
VV
Vc
cc
cc
cc
c
I
II
IR
RR
RI
II
IS
SS
S-
--
-W
WW
W6
66
67
77
756
56
56
56
Data Sheet No. PD 96953A


Similar Part No. - IRIS-W6756

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRIS-W6753 IRF-IRIS-W6753 Datasheet
241Kb / 8P
INTEGRATED SWITCHER
IRIS-W6754 IRF-IRIS-W6754 Datasheet
282Kb / 8P
INTEGRATED SWITCHER
More results

Similar Description - IRIS-W6756

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRIS-G5624A IRF-IRIS-G5624A_1 Datasheet
269Kb / 7P
INTEGRATED SWITCHER
IRIS-G6351S IRF-IRIS-G6351S Datasheet
272Kb / 7P
INTEGRATED SWITCHER
IRIS-G6623 IRF-IRIS-G6623 Datasheet
280Kb / 7P
INTEGRATED SWITCHER
IRISA6331 IRF-IRISA6331 Datasheet
379Kb / 7P
INTEGRATED SWITCHER
IRIS-F6428S IRF-IRIS-F6428S Datasheet
278Kb / 7P
INTEGRATED SWITCHER
IRISG5624A IRF-IRISG5624A Datasheet
271Kb / 7P
INTEGRATED SWITCHER
IRIS4015 IRF-IRIS4015 Datasheet
63Kb / 6P
INTEGRATED SWITCHER
IRIS4013 IRF-IRIS4013 Datasheet
66Kb / 6P
INTEGRATED SWITCHER
IRIS4007 IRF-IRIS4007 Datasheet
62Kb / 6P
INTEGRATED SWITCHER
IRISA6131 IRF-IRISA6131 Datasheet
396Kb / 7P
INTEGRATED SWITCHER
IRIS-G6624 IRF-IRIS-G6624 Datasheet
277Kb / 7P
INTEGRATED SWITCHER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com