Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRIS-W6756 Datasheet(PDF) 8 Page - International Rectifier

Part # IRIS-W6756
Description  INTEGRATED SWITCHER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRIS-W6756 Datasheet(HTML) 8 Page - International Rectifier

  IRIS-W6756 Datasheet HTML 1Page - International Rectifier IRIS-W6756 Datasheet HTML 2Page - International Rectifier IRIS-W6756 Datasheet HTML 3Page - International Rectifier IRIS-W6756 Datasheet HTML 4Page - International Rectifier IRIS-W6756 Datasheet HTML 5Page - International Rectifier IRIS-W6756 Datasheet HTML 6Page - International Rectifier IRIS-W6756 Datasheet HTML 7Page - International Rectifier IRIS-W6756 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
www.irf.com
Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC FAX: (310) 252-7903
Visit us at www.irf.com for sales contact information.
Case Outline
Material of Pin : Cu
Treatment of Pin : Ni plating + solder dip
IRIS-W6756
a Type Number W6756
bLot Number
1st letter The last digit of year
2nd letter Month
1 to 9 for Jan. to Sept.,
O for Oct. N for Nov. D for Dec.
3rd & 4th letter Day
Arabic Numerals
5th letter : Registration Symbol
Weight : Approx. 2.3g
Dimensions in mm
DWG.No. TG3A-2103
6xP1.27±0.15=7.62±0.15
10.0±0.2
4.2±0.2
2.8±0.2
1 23 45 6 7
2.6±0.1
6-0.65
+0.2
-0.1
0.45
+0.2
-0.1
R-end
6-0.74±0.15
5.08±0.6
a
b
gate burr
I
II
IR
RR
RI
II
IS
SS
S
0.5
0.5
0.5
0.5


Similar Part No. - IRIS-W6756

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRIS-W6753 IRF-IRIS-W6753 Datasheet
241Kb / 8P
   INTEGRATED SWITCHER
IRIS-W6754 IRF-IRIS-W6754 Datasheet
282Kb / 8P
   INTEGRATED SWITCHER
More results

Similar Description - IRIS-W6756

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRIS-G5624A IRF-IRIS-G5624A_1 Datasheet
269Kb / 7P
   INTEGRATED SWITCHER
IRIS-G6351S IRF-IRIS-G6351S Datasheet
272Kb / 7P
   INTEGRATED SWITCHER
IRIS-G6623 IRF-IRIS-G6623 Datasheet
280Kb / 7P
   INTEGRATED SWITCHER
IRISA6331 IRF-IRISA6331 Datasheet
379Kb / 7P
   INTEGRATED SWITCHER
IRIS-F6428S IRF-IRIS-F6428S Datasheet
278Kb / 7P
   INTEGRATED SWITCHER
IRISG5624A IRF-IRISG5624A Datasheet
271Kb / 7P
   INTEGRATED SWITCHER
IRIS4015 IRF-IRIS4015 Datasheet
63Kb / 6P
   INTEGRATED SWITCHER
IRIS4013 IRF-IRIS4013 Datasheet
66Kb / 6P
   INTEGRATED SWITCHER
IRIS4007 IRF-IRIS4007 Datasheet
62Kb / 6P
   INTEGRATED SWITCHER
IRISA6131 IRF-IRISA6131 Datasheet
396Kb / 7P
   INTEGRATED SWITCHER
IRIS-G6624 IRF-IRIS-G6624 Datasheet
277Kb / 7P
   INTEGRATED SWITCHER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com