Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRIS-W6756 Datasheet(PDF) 5 Page - International Rectifier

Part # IRIS-W6756
Description  INTEGRATED SWITCHER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRIS-W6756 Datasheet(HTML) 5 Page - International Rectifier

  IRIS-W6756 Datasheet HTML 1Page - International Rectifier IRIS-W6756 Datasheet HTML 2Page - International Rectifier IRIS-W6756 Datasheet HTML 3Page - International Rectifier IRIS-W6756 Datasheet HTML 4Page - International Rectifier IRIS-W6756 Datasheet HTML 5Page - International Rectifier IRIS-W6756 Datasheet HTML 6Page - International Rectifier IRIS-W6756 Datasheet HTML 7Page - International Rectifier IRIS-W6756 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.irf.com
IRIS-W6756
Between channel
and internal frame
/W
1.5
-
-
-
Thermal resistance
θ
ch-F
-
nSec
400
-
-
1 - 3
Switching time
tf
ID=2.2A
Ω
0.73
-
-
1 - 3
On-resistance
R
DS(ON)
VDS=650V
µA
300
-
-
1 - 3
Drain leakage current
I
DSS
ID=300µA
V
-
-
650
1 - 3
Drain-to-Source breakdown voltage
V
DSS
MAX
TYP
MIN
Note
Units
Ratings
Terminals
Definition
Symbol
Electrical characteristics for MOSFET (Ta=25 deg C)
IRIS-W6756
A.S.O. temperature derating coefficient curve
0
20
40
60
80
100
0
20406080
100
120
Internal frame temperature TF [
]
IRIS-W6756
MOS FET A.S.O. curve
0.1
1
10
100
10
100
1000
Drain-to-Source Voltage VDS[V]
Drain current
limit by ON
resistance
0.1ms
1ms
ASO temperature
derating shall be
made by obtaining
ASO Coefficient
from the left curve
in your use.
Ta=25ºC
Single Pulse


Similar Part No. - IRIS-W6756

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRIS-W6753 IRF-IRIS-W6753 Datasheet
241Kb / 8P
   INTEGRATED SWITCHER
IRIS-W6754 IRF-IRIS-W6754 Datasheet
282Kb / 8P
   INTEGRATED SWITCHER
More results

Similar Description - IRIS-W6756

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRIS-G5624A IRF-IRIS-G5624A_1 Datasheet
269Kb / 7P
   INTEGRATED SWITCHER
IRIS-G6351S IRF-IRIS-G6351S Datasheet
272Kb / 7P
   INTEGRATED SWITCHER
IRIS-G6623 IRF-IRIS-G6623 Datasheet
280Kb / 7P
   INTEGRATED SWITCHER
IRISA6331 IRF-IRISA6331 Datasheet
379Kb / 7P
   INTEGRATED SWITCHER
IRIS-F6428S IRF-IRIS-F6428S Datasheet
278Kb / 7P
   INTEGRATED SWITCHER
IRISG5624A IRF-IRISG5624A Datasheet
271Kb / 7P
   INTEGRATED SWITCHER
IRIS4015 IRF-IRIS4015 Datasheet
63Kb / 6P
   INTEGRATED SWITCHER
IRIS4013 IRF-IRIS4013 Datasheet
66Kb / 6P
   INTEGRATED SWITCHER
IRIS4007 IRF-IRIS4007 Datasheet
62Kb / 6P
   INTEGRATED SWITCHER
IRISA6131 IRF-IRISA6131 Datasheet
396Kb / 7P
   INTEGRATED SWITCHER
IRIS-G6624 IRF-IRIS-G6624 Datasheet
277Kb / 7P
   INTEGRATED SWITCHER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com