Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRIS-W6756 Datasheet(PDF) 4 Page - International Rectifier

Part # IRIS-W6756
Description  INTEGRATED SWITCHER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRIS-W6756 Datasheet(HTML) 4 Page - International Rectifier

  IRIS-W6756 Datasheet HTML 1Page - International Rectifier IRIS-W6756 Datasheet HTML 2Page - International Rectifier IRIS-W6756 Datasheet HTML 3Page - International Rectifier IRIS-W6756 Datasheet HTML 4Page - International Rectifier IRIS-W6756 Datasheet HTML 5Page - International Rectifier IRIS-W6756 Datasheet HTML 6Page - International Rectifier IRIS-W6756 Datasheet HTML 7Page - International Rectifier IRIS-W6756 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.irf.com
IRIS-W6756
Electrical Characteristics (for Control IC), Cont’d.
Vcc=29.9→6V
V
8.5
7.2
6
4 - 3
Latch Circuit Release Voltage *5
VCC(La.OFF)
Vcc=29.9→
V
CC(OFF)-0.3V
µA
140
45
--
4 - 3
Latch Circuit Holding Current *5
I
CC(H)
Vcc=0→29.9V
V
29.9
27.7
25.5
4 - 3
OVP Operation Voltage
V
CC(OVP)
-
µA
-6
-11
-16
5 - 3
OLP Operation Charging Current
I
SSOLP(OLP)
-
V
5.8
4.9
4
5 - 3
OLP Operation Threshold Voltage
V
SSOLP(OLP)
-
µSec
39
32.5
27.5
1 - 3
Maximum ON Time
T
ON(MAX)
Protection Operation
-
µSec
1.35
1.0
0.65
1 - 3
Minimum ON Time
T
ON(MIN)
Vcc=12.2V
V
1.5
1.1
0.55
6 - 3
Stand-by Operation FB Pin Threshold
Voltage
V
FB(S)
Vcc=10.2V
µA
14
4
-
6 - 3
FB Pin Inflow Current (Stand-by)
I
FB(S)
Vcc=10.2V
µA
56
20
-
4 - 3
Stand-by Non-Operation Circuit Current
I
CC(S)
-
V
1.65
1.35
1.1
4 - 3
Stand-by Operation Start Voltage Interval
V
CC(SK)
Vcc=0→12.2V
V
12.1
11.1
10.3
4 - 3
Stand-by Operation Start Voltage
V
CC(S)
Stand-by Operation
*5 The latch circuit means a circuit operated O.V.P and O.L.P.
*6 The current ratings are based on those of the IC , and plus(+) represents sink and minas(-) represents source.


Similar Part No. - IRIS-W6756

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRIS-W6753 IRF-IRIS-W6753 Datasheet
241Kb / 8P
   INTEGRATED SWITCHER
IRIS-W6754 IRF-IRIS-W6754 Datasheet
282Kb / 8P
   INTEGRATED SWITCHER
More results

Similar Description - IRIS-W6756

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRIS-G5624A IRF-IRIS-G5624A_1 Datasheet
269Kb / 7P
   INTEGRATED SWITCHER
IRIS-G6351S IRF-IRIS-G6351S Datasheet
272Kb / 7P
   INTEGRATED SWITCHER
IRIS-G6623 IRF-IRIS-G6623 Datasheet
280Kb / 7P
   INTEGRATED SWITCHER
IRISA6331 IRF-IRISA6331 Datasheet
379Kb / 7P
   INTEGRATED SWITCHER
IRIS-F6428S IRF-IRIS-F6428S Datasheet
278Kb / 7P
   INTEGRATED SWITCHER
IRISG5624A IRF-IRISG5624A Datasheet
271Kb / 7P
   INTEGRATED SWITCHER
IRIS4015 IRF-IRIS4015 Datasheet
63Kb / 6P
   INTEGRATED SWITCHER
IRIS4013 IRF-IRIS4013 Datasheet
66Kb / 6P
   INTEGRATED SWITCHER
IRIS4007 IRF-IRIS4007 Datasheet
62Kb / 6P
   INTEGRATED SWITCHER
IRISA6131 IRF-IRISA6131 Datasheet
396Kb / 7P
   INTEGRATED SWITCHER
IRIS-G6624 IRF-IRIS-G6624 Datasheet
277Kb / 7P
   INTEGRATED SWITCHER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com