Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRIS-W6756 Datasheet(PDF) 3 Page - International Rectifier

Part # IRIS-W6756
Description  INTEGRATED SWITCHER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRIS-W6756 Datasheet(HTML) 3 Page - International Rectifier

  IRIS-W6756 Datasheet HTML 1Page - International Rectifier IRIS-W6756 Datasheet HTML 2Page - International Rectifier IRIS-W6756 Datasheet HTML 3Page - International Rectifier IRIS-W6756 Datasheet HTML 4Page - International Rectifier IRIS-W6756 Datasheet HTML 5Page - International Rectifier IRIS-W6756 Datasheet HTML 6Page - International Rectifier IRIS-W6756 Datasheet HTML 7Page - International Rectifier IRIS-W6756 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.irf.com
Electrical Characteristics (for Control IC)
Electrical characteristics for control part (Ta=25℃, Vin=20V,unless otherwise specified)
IRIS-W6756
-
µA
-390
-550
-710
5 - 3
Soft Start Operation Charging Current
I
SSOLP(SS)
-
V
1.4
1.2
1.1
5 - 3
Soft Start Operation Stop Voltage
V
SSOLP(SS)
-
kHz
25
22
19
1 - 3
Oscillation Frequency
fosc
Vcc=15V
µA
100
-
-
4 - 3
Circuit Current in Non-Operation
I
CC(OFF)
-
mA
6
-
-
4 - 3
Circuit Current in Operation
I
CC(ON)
Vcc=19.9→8.8
V
V
10.6
9.7
8.8
4 - 3
Operation Stop Voltage
V
CC(OFF)
Vcc=0→19.9V
V
19.9
18.2
16.3
4 - 3
Operation Start Voltage
V
CC(ON)
Power Supply Start-up Operation
M A X
T Y P
M I N
Note
Units
Ratings
Terminal
s
Definition
Symbol
-
µA
1400
1000
600
6 - 3
FB Pin Inflow Current (Normal Operation)
I
FB(ON)
-
V
1.58
1.45
1.32
6 - 3
FB Pin Threshold Voltage
V
FB(OFF)
-
V
0.93
0.8
0.67
7 - 3
Quasi-Resonant Operation Threshold Voltage 2
V
OCPBD(TH2)
-
V
0.52
0.4
0.28
7 - 3
Quasi-Resonant Operation Threshold Voltage 1
V
OCPBD(TH1)
-
µA
-40
-100
-250
7 - 3
OCP/BD Pin Outflow Current
I
OCPBD
-
V
-0.895
-0.94
-0.995
7 - 3
Overcurrent Detection Threshold Voltage
V
OCPBD(LIM)
-
V
-0.385
-0.435
-0.485
7 - 3
Bottom-Skip Operation Threshold Voltage2
V
OCPBD(BS2)
-
V
-0.605
-0.665
-0.72
7 - 3
Bottom-Skip Operation Threshold Voltage1
V
OCPBD(BS1)
Normal Operation


Similar Part No. - IRIS-W6756

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRIS-W6753 IRF-IRIS-W6753 Datasheet
241Kb / 8P
   INTEGRATED SWITCHER
IRIS-W6754 IRF-IRIS-W6754 Datasheet
282Kb / 8P
   INTEGRATED SWITCHER
More results

Similar Description - IRIS-W6756

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRIS-G5624A IRF-IRIS-G5624A_1 Datasheet
269Kb / 7P
   INTEGRATED SWITCHER
IRIS-G6351S IRF-IRIS-G6351S Datasheet
272Kb / 7P
   INTEGRATED SWITCHER
IRIS-G6623 IRF-IRIS-G6623 Datasheet
280Kb / 7P
   INTEGRATED SWITCHER
IRISA6331 IRF-IRISA6331 Datasheet
379Kb / 7P
   INTEGRATED SWITCHER
IRIS-F6428S IRF-IRIS-F6428S Datasheet
278Kb / 7P
   INTEGRATED SWITCHER
IRISG5624A IRF-IRISG5624A Datasheet
271Kb / 7P
   INTEGRATED SWITCHER
IRIS4015 IRF-IRIS4015 Datasheet
63Kb / 6P
   INTEGRATED SWITCHER
IRIS4013 IRF-IRIS4013 Datasheet
66Kb / 6P
   INTEGRATED SWITCHER
IRIS4007 IRF-IRIS4007 Datasheet
62Kb / 6P
   INTEGRATED SWITCHER
IRISA6131 IRF-IRISA6131 Datasheet
396Kb / 7P
   INTEGRATED SWITCHER
IRIS-G6624 IRF-IRIS-G6624 Datasheet
277Kb / 7P
   INTEGRATED SWITCHER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com