Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGA15N120ANTD Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FGA15N120ANTD
Description  1200V NPT Trench IGBT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGA15N120ANTD Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FGA15N120ANTD Datasheet HTML 1Page - Fairchild Semiconductor FGA15N120ANTD Datasheet HTML 2Page - Fairchild Semiconductor FGA15N120ANTD Datasheet HTML 3Page - Fairchild Semiconductor FGA15N120ANTD Datasheet HTML 4Page - Fairchild Semiconductor FGA15N120ANTD Datasheet HTML 5Page - Fairchild Semiconductor FGA15N120ANTD Datasheet HTML 6Page - Fairchild Semiconductor FGA15N120ANTD Datasheet HTML 7Page - Fairchild Semiconductor FGA15N120ANTD Datasheet HTML 8Page - Fairchild Semiconductor FGA15N120ANTD Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
www.fairchildsemi.com
FGA15N120ANTD Rev. A
Package Marking and Ordering Information
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FGA15N120ANTD
FGA15N120ANTD
TO-3P
--
--
30
Electrical Characteristics of the IGBT T
C = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
Off Characteristics
ICES
Collector Cut-Off Current
VCE = VCES, VGE = 0V
--
--
3
mA
IGES
G-E Leakage Current
VGE = VGES, VCE = 0V
--
--
± 250
nA
On Characteristics
VGE(th)
G-E Threshold Voltage
IC = 15mA, VCE = VGE
4.5
6.5
8.5
V
VCE(sat)
Collector to Emitter
Saturation Voltage
IC = 15A, VGE = 15V
--
1.9
2.4
V
IC = 15A, VGE = 15V,
TC = 125°C
--
2.2
--
V
IC = 30A, VGE = 15V
--
2.3
--
V
Dynamic Characteristics
Cies
Input Capacitance
VCE = 30V, VGE = 0V,
f = 1MHz
--
2650
--
pF
Coes
Output Capacitance
--
143
--
pF
Cres
Reverse Transfer Capacitance
--
96
--
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VCC = 600 V, IC = 15A,
RG = 10Ω, VGE = 15V,
Inductive Load, TC = 25°C
--
15
--
ns
tr
Rise Time
--
20
--
ns
td(off)
Turn-Off Delay Time
--
160
--
ns
tf
Fall Time
--
100
180
ns
Eon
Turn-On Switching Loss
--
3
4.5
mJ
Eoff
Turn-Off Switching Loss
--
0.6
0.9
mJ
Ets
Total Switching Loss
--
3.6
5.4
mJ
td(on)
Turn-On Delay Time
VCC = 600 V, IC = 15A,
RG = 10Ω, VGE = 15V,
Inductive Load, TC = 125°C
--
15
--
ns
tr
Rise Time
--
20
--
ns
td(off)
Turn-Off Delay Time
--
170
--
ns
tf
Fall Time
--
150
--
ns
Eon
Turn-On Switching Loss
--
3.2
4.8
mJ
Eoff
Turn-Off Switching Loss
--
0.8
1.2
mJ
Ets
Total Switching Loss
--
4.0
6.0
mJ
Qg
Total Gate Charge
VCE = 600 V, IC = 15A,
VGE = 15V
--
120
180
nC
Qge
Gate-Emitter Charge
--
16
22
nC
Qgc
Gate-Collector Charge
--
50
65
nC


Similar Part No. - FGA15N120ANTD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGA15N120ANTD FAIRCHILD-FGA15N120ANTD Datasheet
2Mb / 10P
   1200V NPT Trench IGBT
FGA15N120ANTD FAIRCHILD-FGA15N120ANTD Datasheet
938Kb / 10P
   1200V NPT Trench IGBT
logo
List of Unclassifed Man...
FGA15N120ANTDTU ETC2-FGA15N120ANTDTU Datasheet
938Kb / 10P
   NPT Trench Technology, Positive temperature coefficient
logo
ON Semiconductor
FGA15N120ANTDTU ONSEMI-FGA15N120ANTDTU Datasheet
907Kb / 9P
   1200 V, 15 A NPT Trench IGBT
October-2017,Rev.3
FGA15N120ANTDTU-F109 ONSEMI-FGA15N120ANTDTU-F109 Datasheet
907Kb / 9P
   1200 V, 15 A NPT Trench IGBT
October-2017,Rev.3
More results

Similar Description - FGA15N120ANTD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGA25N120ANTD FAIRCHILD-FGA25N120ANTD_07 Datasheet
658Kb / 9P
   1200V NPT Trench IGBT
logo
Unisonic Technologies
UG25N120 UTC-UG25N120 Datasheet
144Kb / 4P
   1200V NPT TRENCH IGBT
logo
SemiHow Co.,Ltd.
HIH25N120TN SEMIHOW-HIH25N120TN Datasheet
870Kb / 8P
   1200V NPT Trench IGBT
logo
Fairchild Semiconductor
FGA15N120ANTD FAIRCHILD-FGA15N120ANTD_07 Datasheet
938Kb / 10P
   1200V NPT Trench IGBT
FGA15N120ANTD FAIRCHILD-FGA15N120ANTD_1 Datasheet
2Mb / 10P
   1200V NPT Trench IGBT
FGA25N120ANTD FAIRCHILD-FGA25N120ANTD Datasheet
867Kb / 9P
   1200V NPT Trench IGBT
FGA25N12ANTD FAIRCHILD-FGA25N12ANTD Datasheet
861Kb / 9P
   1200V NPT Trench IGBT
logo
Wuxi NCE Power Semicond...
NCE25GD120P NCEPOWER-NCE25GD120P Datasheet
328Kb / 8P
   1200V, 25A, Trench NPT IGBT
NCE15GD120T NCEPOWER-NCE15GD120T Datasheet
237Kb / 8P
   1200V, 15A, Trench NPT IGBT
NCE25G120T NCEPOWER-NCE25G120T Datasheet
433Kb / 8P
   1200V, 25A, Trench NPT IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com