Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGA15N120ANTD Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FGA15N120ANTD
Description  1200V NPT Trench IGBT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGA15N120ANTD Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FGA15N120ANTD Datasheet HTML 1Page - Fairchild Semiconductor FGA15N120ANTD Datasheet HTML 2Page - Fairchild Semiconductor FGA15N120ANTD Datasheet HTML 3Page - Fairchild Semiconductor FGA15N120ANTD Datasheet HTML 4Page - Fairchild Semiconductor FGA15N120ANTD Datasheet HTML 5Page - Fairchild Semiconductor FGA15N120ANTD Datasheet HTML 6Page - Fairchild Semiconductor FGA15N120ANTD Datasheet HTML 7Page - Fairchild Semiconductor FGA15N120ANTD Datasheet HTML 8Page - Fairchild Semiconductor FGA15N120ANTD Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
tm
©2006 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FGA15N120ANTD Rev. A
May 2006
FGA15N120ANTD
1200V NPT Trench IGBT
Features
• NPT Trench Technology, Positive temperature coefficient
• Low saturation voltage: VCE(sat), typ = 1.9V
@ IC = 15A and TC = 25°C
• Low switching loss: Eoff, typ = 0.6mJ
@ IC = 15A and TC = 25°C
• Extremely enhanced avalanche capability
Description
Using Fairchild's proprietary trench design and advanced NPT
technology, the 1200V NPT IGBT offers superior conduction
and switching performances, high avalanche ruggedness and
easy parallel operation.
This device is well suited for the resonant or soft switching appli-
cation such as induction heating, microwave oven, etc.
G
C
E
G
C
E
G C E
TO-3P
Absolute Maximum Ratings
Symbol
Description
FGA15N120ANTD
Units
VCES
Collector-Emitter Voltage
1200
V
VGES
Gate-Emitter Voltage
± 20
V
IC
Collector Current
@ TC = 25°C
30
A
Collector Current
@ TC = 100°C
15
A
ICM
Pulsed Collector Current (Note 1)
45
A
IF
Diode Continuous Forward Current
@ TC = 100°C
15
A
IFM
Diode Maximum Forward Current
45
A
PD
Maximum Power Dissipation
@ TC = 25°C
186
W
Maximum Power Dissipation
@ TC = 100°C
74
W
TJ
Operating Junction Temperature
-55 to +150
°C
Tstg
Storage Temperature Range
-55 to +150
°C
TL
Maximum Lead Temp. for soldering
Purposes, 1/8” from case for 5 seconds
300
°C
Thermal Characteristics
Symbol
Parameter
Typ.
Max.
Units
RθJC
Thermal Resistance, Junction-to-Case for IGBT
--
0.67
°C/W
RθJC
Thermal Resistance, Junction-to-Case for Diode
--
2.88
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
--
40
°C/W
Notes:
(1) Repetitive rating: Pulse width limited by max. junction temperature


Similar Part No. - FGA15N120ANTD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGA15N120ANTD FAIRCHILD-FGA15N120ANTD Datasheet
2Mb / 10P
1200V NPT Trench IGBT
FGA15N120ANTD FAIRCHILD-FGA15N120ANTD Datasheet
938Kb / 10P
1200V NPT Trench IGBT
logo
List of Unclassifed Man...
FGA15N120ANTDTU ETC2-FGA15N120ANTDTU Datasheet
938Kb / 10P
NPT Trench Technology, Positive temperature coefficient
logo
ON Semiconductor
FGA15N120ANTDTU ONSEMI-FGA15N120ANTDTU Datasheet
907Kb / 9P
1200 V, 15 A NPT Trench IGBT
October-2017,Rev.3
FGA15N120ANTDTU-F109 ONSEMI-FGA15N120ANTDTU-F109 Datasheet
907Kb / 9P
1200 V, 15 A NPT Trench IGBT
October-2017,Rev.3
More results

Similar Description - FGA15N120ANTD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGA25N120ANTD FAIRCHILD-FGA25N120ANTD_07 Datasheet
658Kb / 9P
1200V NPT Trench IGBT
logo
Unisonic Technologies
UG25N120 UTC-UG25N120 Datasheet
144Kb / 4P
1200V NPT TRENCH IGBT
logo
SemiHow Co.,Ltd.
HIH25N120TN SEMIHOW-HIH25N120TN Datasheet
870Kb / 8P
1200V NPT Trench IGBT
logo
Fairchild Semiconductor
FGA15N120ANTD FAIRCHILD-FGA15N120ANTD_07 Datasheet
938Kb / 10P
1200V NPT Trench IGBT
FGA15N120ANTD FAIRCHILD-FGA15N120ANTD_1 Datasheet
2Mb / 10P
1200V NPT Trench IGBT
FGA25N120ANTD FAIRCHILD-FGA25N120ANTD Datasheet
867Kb / 9P
1200V NPT Trench IGBT
FGA25N12ANTD FAIRCHILD-FGA25N12ANTD Datasheet
861Kb / 9P
1200V NPT Trench IGBT
logo
Wuxi NCE Power Semicond...
NCE25GD120P NCEPOWER-NCE25GD120P Datasheet
328Kb / 8P
1200V, 25A, Trench NPT IGBT
NCE15GD120T NCEPOWER-NCE15GD120T Datasheet
237Kb / 8P
1200V, 15A, Trench NPT IGBT
NCE25G120T NCEPOWER-NCE25G120T Datasheet
433Kb / 8P
1200V, 25A, Trench NPT IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com