Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGA15N120ANTD Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FGA15N120ANTD
Description  1200V NPT Trench IGBT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGA15N120ANTD Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FGA15N120ANTD Datasheet HTML 1Page - Fairchild Semiconductor FGA15N120ANTD Datasheet HTML 2Page - Fairchild Semiconductor FGA15N120ANTD Datasheet HTML 3Page - Fairchild Semiconductor FGA15N120ANTD Datasheet HTML 4Page - Fairchild Semiconductor FGA15N120ANTD Datasheet HTML 5Page - Fairchild Semiconductor FGA15N120ANTD Datasheet HTML 6Page - Fairchild Semiconductor FGA15N120ANTD Datasheet HTML 7Page - Fairchild Semiconductor FGA15N120ANTD Datasheet HTML 8Page - Fairchild Semiconductor FGA15N120ANTD Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
www.fairchildsemi.com
FGA15N120ANTD Rev. A
Typical Performance Characteristics (Continued)
Figure 13. Gate Charge Characteristics
Figure 14. SOA Characteristics
0
20
40
60
80
100
120
0
3
6
9
12
15
600V
400V
Common Emitter
R
L = 40Ω
T
C = 25
oC
Vcc = 200V
Gate Charge, Q
g [nC]
0.1
1
10
100
1000
0.01
0.1
1
10
100
50μs
100μs
1m s
D C O peration
Ic M A X (P ulsed)
Ic M A X (C ontinuous)
S ingle N onrepetitive
Pulse T c = 25
oC
C urves m ust be derated
linearly w ith increase
in tem perature
C ollector - E m itter V oltage, V
CE [V ]
Figure 15. Turn-Off SOA
10
100
1000
1
10
100
Safe Operating Area
V
GE = 15V, TC = 125
oC
Collector-Emitter Voltage, V
CE [V]
1E-5
1E-4
1E-3
0.01
0.1
1
10
1E-3
0.01
0.1
1
10
0.1
0.5
0.2
0.05
0.02
0.01
single pulse
Rectangular Pulse Duration [sec]
Pdm
t1
t2
Duty factor D = t1 / t2
Peak Tj = Pdm
× Zthjc + TC
Figure 16. Transient Thermal Impedance of IGBT


Similar Part No. - FGA15N120ANTD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGA15N120ANTD FAIRCHILD-FGA15N120ANTD Datasheet
2Mb / 10P
1200V NPT Trench IGBT
FGA15N120ANTD FAIRCHILD-FGA15N120ANTD Datasheet
938Kb / 10P
1200V NPT Trench IGBT
logo
List of Unclassifed Man...
FGA15N120ANTDTU ETC2-FGA15N120ANTDTU Datasheet
938Kb / 10P
NPT Trench Technology, Positive temperature coefficient
logo
ON Semiconductor
FGA15N120ANTDTU ONSEMI-FGA15N120ANTDTU Datasheet
907Kb / 9P
1200 V, 15 A NPT Trench IGBT
October-2017,Rev.3
FGA15N120ANTDTU-F109 ONSEMI-FGA15N120ANTDTU-F109 Datasheet
907Kb / 9P
1200 V, 15 A NPT Trench IGBT
October-2017,Rev.3
More results

Similar Description - FGA15N120ANTD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGA25N120ANTD FAIRCHILD-FGA25N120ANTD_07 Datasheet
658Kb / 9P
1200V NPT Trench IGBT
logo
Unisonic Technologies
UG25N120 UTC-UG25N120 Datasheet
144Kb / 4P
1200V NPT TRENCH IGBT
logo
SemiHow Co.,Ltd.
HIH25N120TN SEMIHOW-HIH25N120TN Datasheet
870Kb / 8P
1200V NPT Trench IGBT
logo
Fairchild Semiconductor
FGA15N120ANTD FAIRCHILD-FGA15N120ANTD_07 Datasheet
938Kb / 10P
1200V NPT Trench IGBT
FGA15N120ANTD FAIRCHILD-FGA15N120ANTD_1 Datasheet
2Mb / 10P
1200V NPT Trench IGBT
FGA25N120ANTD FAIRCHILD-FGA25N120ANTD Datasheet
867Kb / 9P
1200V NPT Trench IGBT
FGA25N12ANTD FAIRCHILD-FGA25N12ANTD Datasheet
861Kb / 9P
1200V NPT Trench IGBT
logo
Wuxi NCE Power Semicond...
NCE25GD120P NCEPOWER-NCE25GD120P Datasheet
328Kb / 8P
1200V, 25A, Trench NPT IGBT
NCE15GD120T NCEPOWER-NCE15GD120T Datasheet
237Kb / 8P
1200V, 15A, Trench NPT IGBT
NCE25G120T NCEPOWER-NCE25G120T Datasheet
433Kb / 8P
1200V, 25A, Trench NPT IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com