Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGA15N120ANTD Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FGA15N120ANTD
Description  1200V NPT Trench IGBT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGA15N120ANTD Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FGA15N120ANTD Datasheet HTML 1Page - Fairchild Semiconductor FGA15N120ANTD Datasheet HTML 2Page - Fairchild Semiconductor FGA15N120ANTD Datasheet HTML 3Page - Fairchild Semiconductor FGA15N120ANTD Datasheet HTML 4Page - Fairchild Semiconductor FGA15N120ANTD Datasheet HTML 5Page - Fairchild Semiconductor FGA15N120ANTD Datasheet HTML 6Page - Fairchild Semiconductor FGA15N120ANTD Datasheet HTML 7Page - Fairchild Semiconductor FGA15N120ANTD Datasheet HTML 8Page - Fairchild Semiconductor FGA15N120ANTD Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
www.fairchildsemi.com
FGA15N120ANTD Rev. A
Typical Performance Characteristics (Continued)
Figure 7. Turn-On Characteristics vs. Gate
Figure 8. Turn-Off Characteristics vs. Gate
Resistance
Resistance
0
10
2030
405060
70
1
10
100
Common Emitter
V
CC = 600V, VGE = 15V
I
C = 15A
T
C = 25
oC
T
C = 125
oC
td(on)
tr
Gate Resistance, R
G[Ω ]
0
10
2030
4050
6070
10
100
1000
Common Emitter
V
CC = 600V, VGE = 15V
I
C = 15A
T
C = 25
oC
T
C = 125
oC
td(off)
tf
Gate Resistance, R
G [Ω ]
Figure 9. Switching Loss vs. Gate Resistance
Figure 10. Turn-On Characteristics vs.
0
102030
40
50
6070
1
10
Common Emitter
V
CC = 600V, VGE = 15V
I
C = 15A
T
C = 25
oC
T
C = 125
oC
Eon
Eoff
Gate Resistance, R
G [Ω ]
10
15
20
25
30
10
100
Common Emitter
V
GE = 15V, RG = 10Ω
T
C = 25
oC
T
C = 125
oC
tr
td(on)
Collector Current, I
C [A]
Collector Current
Figure 11. Turn-Off Characteristics vs.
Figure 12. Switching Loss vs. Collector Current
Collector Current
10
15
20
25
30
10
100
Common Emitter
V
GE = 15V, RG = 10Ω
T
C = 25
oC
T
C = 125
oC
td(off)
tf
Collector Current, I
C [A]
5
1015
202530
0.1
1
10
Common Emitter
V
GE = 15V, RG = 10Ω
T
C = 25
oC
T
C = 125
oC
Eon
Eoff
Collector Current, I
C [A]


Similar Part No. - FGA15N120ANTD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGA15N120ANTD FAIRCHILD-FGA15N120ANTD Datasheet
2Mb / 10P
   1200V NPT Trench IGBT
FGA15N120ANTD FAIRCHILD-FGA15N120ANTD Datasheet
938Kb / 10P
   1200V NPT Trench IGBT
logo
List of Unclassifed Man...
FGA15N120ANTDTU ETC2-FGA15N120ANTDTU Datasheet
938Kb / 10P
   NPT Trench Technology, Positive temperature coefficient
logo
ON Semiconductor
FGA15N120ANTDTU ONSEMI-FGA15N120ANTDTU Datasheet
907Kb / 9P
   1200 V, 15 A NPT Trench IGBT
October-2017,Rev.3
FGA15N120ANTDTU-F109 ONSEMI-FGA15N120ANTDTU-F109 Datasheet
907Kb / 9P
   1200 V, 15 A NPT Trench IGBT
October-2017,Rev.3
More results

Similar Description - FGA15N120ANTD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGA25N120ANTD FAIRCHILD-FGA25N120ANTD_07 Datasheet
658Kb / 9P
   1200V NPT Trench IGBT
logo
Unisonic Technologies
UG25N120 UTC-UG25N120 Datasheet
144Kb / 4P
   1200V NPT TRENCH IGBT
logo
SemiHow Co.,Ltd.
HIH25N120TN SEMIHOW-HIH25N120TN Datasheet
870Kb / 8P
   1200V NPT Trench IGBT
logo
Fairchild Semiconductor
FGA15N120ANTD FAIRCHILD-FGA15N120ANTD_07 Datasheet
938Kb / 10P
   1200V NPT Trench IGBT
FGA15N120ANTD FAIRCHILD-FGA15N120ANTD_1 Datasheet
2Mb / 10P
   1200V NPT Trench IGBT
FGA25N120ANTD FAIRCHILD-FGA25N120ANTD Datasheet
867Kb / 9P
   1200V NPT Trench IGBT
FGA25N12ANTD FAIRCHILD-FGA25N12ANTD Datasheet
861Kb / 9P
   1200V NPT Trench IGBT
logo
Wuxi NCE Power Semicond...
NCE25GD120P NCEPOWER-NCE25GD120P Datasheet
328Kb / 8P
   1200V, 25A, Trench NPT IGBT
NCE15GD120T NCEPOWER-NCE15GD120T Datasheet
237Kb / 8P
   1200V, 15A, Trench NPT IGBT
NCE25G120T NCEPOWER-NCE25G120T Datasheet
433Kb / 8P
   1200V, 25A, Trench NPT IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com