Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVA-X1610C Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EVA-X1610C
Description  16-bit, 75 MHz RISC microprocessor with Ethernet and RS-232 connectivity
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EVA-X1610C Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EVA-X1610C Datasheet HTML 1Page - List of Unclassifed Manufacturers EVA-X1610C Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Web-enabled”Automation Solutions
System on Chip
Note: All specifications are subject to change without notice.
EVA-X1610C
Features
• RISC architecture with pipeline technology
• Up to 100 MHz operating frequency
• Fast Ethernet MAC with MII interface
• Dual FIFO UART serial channels
• 80C186 software compatibility
• 16-Bit embedded microcontroller
• Up to 18 programmable I/O pins
• 128-Pin PQFP
16-bit, 75 MHz RISC microprocessor with Ethernet and RS-232 connectivity
Introduction
With the Ethernet protocol becoming the de facto network of choice for ever
more professional, office, industrial, and even home environments, it makes
sense to develop new systems and leverage existing ones to take advantage
of Ethernet connectivity.
Advantech’s EVA-X1610C integrates 10/100 Ethernet and RS-232 connectivity
into an economical 80C186-compatible 75MHz RISC microprocessor, putting
the Ethernet within reach of a host of applications.
Best Performance-to-Cost
The EVA-X1610C is a 16-bit, high performance, RISC architecture
microprocessor with 80C186 compatibility. Additional functions integrated
on the chip are: SDRAM controller, non-multiplexed address bus, interrupt
controller, DMA controller, timers, watchdog timer, FIFO UART serial ports,
programmable I/O (PIO) pins and fast Ethernet MAC (Media Access
Controller).
The advanced internal high-speed local bus architecture significantly increases
overall system performance. And high performance plus high integration
enable the EVA-X1610C to increase functionality while reducing BOM system
costs. This, combined with a royalty-free real-time OS, contributes to its
highly advantageous performance-to-cost ratio. The EVA-X1610C has been
designed to meet the communication requirements of products such as device
servers, medical monitors, industrial machines, scales, security systems,
code scanners, shared IP devices, thermostats, and wireless access points.
Solution on Chip
16-bit Microprocessor
• RISC architecture with Pipeline Technology
• Five-stage pipeline
• Static design & Synthesizable design
• 1 M byte memory address space
• 64 K byte I/O address space
• 80C186 software compatibility
• Up to 100 MHz operating frequency
SDRAM Control Interface
• Supports 16-bit data bus width
• Supports 1Mbit x 16 and 4Mbit x 16 SDRAM devices
Bus Interface
• One Non-Multiplexed System Bus Interface
• Non-multiplexed address and data bus
• Supports non-multiplexed address bus A [19:0]
• 8- or 16-bit external bus dynamic access
• Supports max. 512 KB, 8- or 16-bit data width Flash ROM
• Multiplexed with SDRAM bus interface
• 64 K-byte I/O space
• Supports memory and I/O devices
• 1 M-byte memory address space
• Supports an independent bus for slower I/O devices
Supports an Independent Bus for I/O Devices
• Multiplexed address and data
• External latches are needed to separate address and data bus
• Only used for I/O devices to prevent throttling the performance of
SDRAM & non-multiplexed system bus
• Shares same pins as one of the FIFO UART channels
Dual FIFO UART Serial Channels


Similar Part No. - EVA-X1610C

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EVA-X4150 ADVANTECH-EVA-X4150 Datasheet
285Kb / 2P
Cost-Effective x86 SoC for Industrial Embedded Platforms
EVA-X41500A-C00E ADVANTECH-EVA-X41500A-C00E Datasheet
285Kb / 2P
Cost-Effective x86 SoC for Industrial Embedded Platforms
EVA-X41500A-CB0E ADVANTECH-EVA-X41500A-CB0E Datasheet
285Kb / 2P
Cost-Effective x86 SoC for Industrial Embedded Platforms
EVA-X4300 ADVANTECH-EVA-X4300 Datasheet
287Kb / 2P
Highly Integrated x86 SoC for Industrial Embedded Platforms
More results

Similar Description - EVA-X1610C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3P7588X SAMSUNG-S3P7588X Datasheet
1Mb / 326P
4-BIT RISC MICROPROCESSOR
UM_S3C2501X SAMSUNG-UM_S3C2501X Datasheet
1Mb / 465P
32-BIT RISC MICROPROCESSOR
S3C2440X SAMSUNG-S3C2440X Datasheet
6Mb / 429P
16/32-bit RISC microprocessor
logo
Toshiba Semiconductor
TMPR3922AU TOSHIBA-TMPR3922AU Datasheet
253Kb / 45P
32-bit RISC Microprocessor
TMP1962C10BXBG TOSHIBA-TMP1962C10BXBG Datasheet
6Mb / 459P
32-Bit RISC Microprocessor
TMP1962F10AXBG TOSHIBA-TMP1962F10AXBG Datasheet
3Mb / 108P
32-Bit RISC Microprocessor
TMP19A64C1DXBG TOSHIBA-TMP19A64C1DXBG Datasheet
6Mb / 460P
32-bit RISC Microprocessor
TMP19A43FD TOSHIBA-TMP19A43FD Datasheet
1Mb / 105P
32-bit RISC Microprocessor
TMP19A43CD TOSHIBA-TMP19A43CD Datasheet
12Mb / 523P
32-bit RISC Microprocessor
logo
Renesas Technology Corp
IDT79R4700 RENESAS-IDT79R4700 Datasheet
984Kb / 26P
64-Bit RISC Microprocessor
December 5, 2008
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com