Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24211102 Datasheet(PDF) 26 Page - Toshiba Semiconductor

Part # 24211102
Description  COLOUR TELEVISION C9PJ Chassis
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

24211102 Datasheet(HTML) 26 Page - Toshiba Semiconductor

Back Button 24211102 Datasheet HTML 22Page - Toshiba Semiconductor 24211102 Datasheet HTML 23Page - Toshiba Semiconductor 24211102 Datasheet HTML 24Page - Toshiba Semiconductor 24211102 Datasheet HTML 25Page - Toshiba Semiconductor 24211102 Datasheet HTML 26Page - Toshiba Semiconductor 24211102 Datasheet HTML 27Page - Toshiba Semiconductor 24211102 Datasheet HTML 28Page - Toshiba Semiconductor 24211102 Datasheet HTML 29Page - Toshiba Semiconductor 24211102 Datasheet HTML 30Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 126 page
background image
– 26 –
Item
NO
Description
10
Adjust NTSC S.Live
Used for manual adjustment of the NTSC Super Live screen.
Select this mode for Super Live screen color matching and distortion adjustment.
Use the specified dimensions when adjusting.
11
Adjust NTSC Cinema
Used for manual adjustment of the NTSC Cinema screen.
Select this mode for Cinema screen color matching and distortion adjustment.
Use the specified dimensions when adjusting.
12
Adjust NTSC S.title
Used for manual adjustment of the NTSC Subtitle screen.
Select this mode for Subtitle screen color matching and distortion adjustment.
Use the specified dimensions when adjusting.
3) Adjustment Sequence
When the initial screen opens, X = 1, Y = 1, C = R and S = [Select Menu] are displayed as the defaults. The cursor can
now be moved up, down, left and right using the (2), (8), (4) and (6) keys of the remote control. Select the desired
adjustment and press the (5) key; the cursor will light steady and the screen display will be cleared. Again press the (2),
(8), (4) and (6) keys of the remote control to adjust the shape of the screen. When adjustment has been completed, press
the (+) key to return to the Adjustment Menu. When all of the screen adjustments have been completed, turn off the main
power supply of the set to reset the menu.
2) Adjustment Screen
X : 1
Y : 1
C : R
S : 08
Displayed when the cursor blinks and cleared
when the cursor lights steady.
X Cursor horizontal position display
Y Cursor vertical position display
C Cursor color select display
S Menu select display
Displayed when the cursor blinks and
cleared when the cursor lights steady.
Displays the current screen mode.
Wide


Similar Part No. - 24211102

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
24211102 TOSHIBA-24211102 Datasheet
2Mb / 50P
   COLOR TELEVISION N0NSP Chassis
2000
More results

Similar Description - 24211102

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
29VH14P TOSHIBA-29VH14P Datasheet
5Mb / 70P
   COLOUR TELEVISION
28ZD06B TOSHIBA-28ZD06B Datasheet
5Mb / 22P
   COLOUR TELEVISION
2000
2806XH TOSHIBA-2806XH Datasheet
7Mb / 39P
   TOSHIBA COLOUR TELEVISION
1990
36HFX71 TOSHIBA-36HFX71 Datasheet
2Mb / 54P
   COLOR TELEVISION N1PS Chassis
Jul., 2001
36HFX72 TOSHIBA-36HFX72 Datasheet
9Mb / 109P
   COLOR TELEVISION N2PS Chassis
Jun. 2002
50A60 TOSHIBA-50A60 Datasheet
2Mb / 50P
   COLOR TELEVISION N0NSP Chassis
2000
logo
Zilog, Inc.
Z90209 ZILOG-Z90209 Datasheet
59Kb / 2P
   TELEVISION CONTROLLERS
logo
Toshiba Semiconductor
32HFX71 TOSHIBA-32HFX71 Datasheet
2Mb / 54P
   COLOR TELEVISION
Jul. 2001
logo
List of Unclassifed Man...
EA50 ETC2-EA50 Datasheet
86Kb / 2P
   TELEVISION DIODE
logo
Toshiba Semiconductor
29CZ8URB TOSHIBA-29CZ8URB Datasheet
4Mb / 70P
   Color Television
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com