Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24211102 Datasheet(PDF) 12 Page - Toshiba Semiconductor

Part # 24211102
Description  COLOUR TELEVISION C9PJ Chassis
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

24211102 Datasheet(HTML) 12 Page - Toshiba Semiconductor

Back Button 24211102 Datasheet HTML 8Page - Toshiba Semiconductor 24211102 Datasheet HTML 9Page - Toshiba Semiconductor 24211102 Datasheet HTML 10Page - Toshiba Semiconductor 24211102 Datasheet HTML 11Page - Toshiba Semiconductor 24211102 Datasheet HTML 12Page - Toshiba Semiconductor 24211102 Datasheet HTML 13Page - Toshiba Semiconductor 24211102 Datasheet HTML 14Page - Toshiba Semiconductor 24211102 Datasheet HTML 15Page - Toshiba Semiconductor 24211102 Datasheet HTML 16Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 126 page
background image
– 12 –
8. SELF DIAGNOSTIC FUNCTION
1) Press “9” button on Remote Control during display of adjustment menu in the service mode.
The diagnosis will begin to check if interface among IC’s are executed properly.
2) During diagnosis, the following displays are shown.
2300****
POWER
: 00
BUS CONT : OK
BLOCK
: UV V1 V2 V3
QV01
<SELF CHECK>
Part number of microcomputer (QA01)
Operation number of protecting circuit ----“00” is nor-
mal.
When indication is other than “00”, overcurrent apts to
flow, and circuit parts may possibly be damaged.
BUS CONT ----“OK” is normal.
When indication shows “Q uuu (Green: OK, Red:
NG)”, the device with the number may possibly be dam-
aged.
BLOCK
UV
: TV reception mode
V1
: VIDEO 1 input mode (a1)
V2
: VIDEO 2 input mode (a2)
V3
: VIDEO 3 input mode (a3)
Indicated color of mode now selected : Green and Red
Indicated color of other modes
: White
Green : Normal
Red :
The microcomputer operates to provide judgement
of no video signal. The red color is still indicated
though the signal is input, failure may exist in input
signal line including QV01.
QV01 : In case of indication green ---Normal
In case of indication red with input signal----
Failure may exist in output line including QV01.
NOTE: Component which controls character display on
screen is QT01 (TELETEXT IC.). If this display
function fails to operate due to damage in QT01,
self diagnosis procedure is as follows.
(1) In case that on timer indicator is blinking with
interval of 0.5 seconds; it means protecting cir-
cuit (Current limiter) is operating, and circuit
components may possibly be damaged. Check
related components.
* The items marked with
are not usable to display in the SELF DIAGNOSTIC FUCTION for some model.


Similar Part No. - 24211102

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
24211102 TOSHIBA-24211102 Datasheet
2Mb / 50P
COLOR TELEVISION N0NSP Chassis
2000
More results

Similar Description - 24211102

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z90209 ZILOG-Z90209 Datasheet
59Kb / 2P
TELEVISION CONTROLLERS
logo
List of Unclassifed Man...
EA50 ETC2-EA50 Datasheet
86Kb / 2P
TELEVISION DIODE
logo
Toshiba Semiconductor
2806XH TOSHIBA-2806XH Datasheet
7Mb / 39P
TOSHIBA COLOUR TELEVISION
1990
28ZD06B TOSHIBA-28ZD06B Datasheet
5Mb / 22P
COLOUR TELEVISION
2000
29CZ8URB TOSHIBA-29CZ8URB Datasheet
4Mb / 70P
Color Television
2005
29VH14P TOSHIBA-29VH14P Datasheet
5Mb / 70P
COLOUR TELEVISION
32HFX71 TOSHIBA-32HFX71 Datasheet
2Mb / 54P
COLOR TELEVISION
Jul. 2001
36HFX71 TOSHIBA-36HFX71 Datasheet
2Mb / 54P
COLOR TELEVISION N1PS Chassis
Jul., 2001
36HFX72 TOSHIBA-36HFX72 Datasheet
9Mb / 109P
COLOR TELEVISION N2PS Chassis
Jun. 2002
50A60 TOSHIBA-50A60 Datasheet
2Mb / 50P
COLOR TELEVISION N0NSP Chassis
2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com