Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24211102 Datasheet(PDF) 10 Page - Toshiba Semiconductor

Part # 24211102
Description  COLOUR TELEVISION C9PJ Chassis
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

24211102 Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button 24211102 Datasheet HTML 6Page - Toshiba Semiconductor 24211102 Datasheet HTML 7Page - Toshiba Semiconductor 24211102 Datasheet HTML 8Page - Toshiba Semiconductor 24211102 Datasheet HTML 9Page - Toshiba Semiconductor 24211102 Datasheet HTML 10Page - Toshiba Semiconductor 24211102 Datasheet HTML 11Page - Toshiba Semiconductor 24211102 Datasheet HTML 12Page - Toshiba Semiconductor 24211102 Datasheet HTML 13Page - Toshiba Semiconductor 24211102 Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 126 page
background image
– 10 –
SERVICE MODE
1. ENTERING TO SERVICE MODE
S
(Service mode display)
Item
Data
or Sound Mute
3) While pressing the o button,
press MENU button on TV set.
2) Press o button again to
keep pressing.
2. DISPLAYING THE ADJUSTMENT MENU
1)
Press MENU button on TV.
3. KEY FUNCTION IN THE SERVICE MODE
The following key entry during display of adjustment menu provides special functions.
Screen adjustment mode ON/OFF:
-/-- button (on Remote)
Test signal selection :
a button (on Remote)
Selection of the adjustment items :
Channel s/t (on TV or Remote)
Change of the data value :
Volume ; +/– (on TV or Remote)
Adjustment menu mode ON/OFF :
MENU button (on TV)
Initialization of the memory (QA02) :
CALL + Channel button on TV (s)
Reset the count of operating protect
circuit to “00”:
CALL + Channel button on TV (t)
“RCUT” selection :
1 button
“GCUT” selection :
2 button
“BCUT” selection :
3 button
“SCNT” (or “CNTX”) selection :
4 button
“COLC” (or “SCOL”) selection :
5 button
“TNTC” selection :
6 button
Convergence adj :
YELLOW button
Self diagnostic display ON/OFF :
9 button
1) Press o button once on
Remote Control.
Adjustment mode
Press
Press
Service mode
Item
Data
S
Color thickness correction
note: Displayed differently as shown below, de-
pending on the setting of the receiving color
system.
COLP (PAL)
COLC (NTSC)
COLS (SECAM)
CAUTION : Never try to perform initialization unless you have changed the memory IC.


Similar Part No. - 24211102

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
24211102 TOSHIBA-24211102 Datasheet
2Mb / 50P
   COLOR TELEVISION N0NSP Chassis
2000
More results

Similar Description - 24211102

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
29VH14P TOSHIBA-29VH14P Datasheet
5Mb / 70P
   COLOUR TELEVISION
28ZD06B TOSHIBA-28ZD06B Datasheet
5Mb / 22P
   COLOUR TELEVISION
2000
2806XH TOSHIBA-2806XH Datasheet
7Mb / 39P
   TOSHIBA COLOUR TELEVISION
1990
36HFX71 TOSHIBA-36HFX71 Datasheet
2Mb / 54P
   COLOR TELEVISION N1PS Chassis
Jul., 2001
36HFX72 TOSHIBA-36HFX72 Datasheet
9Mb / 109P
   COLOR TELEVISION N2PS Chassis
Jun. 2002
50A60 TOSHIBA-50A60 Datasheet
2Mb / 50P
   COLOR TELEVISION N0NSP Chassis
2000
logo
Zilog, Inc.
Z90209 ZILOG-Z90209 Datasheet
59Kb / 2P
   TELEVISION CONTROLLERS
logo
Toshiba Semiconductor
32HFX71 TOSHIBA-32HFX71 Datasheet
2Mb / 54P
   COLOR TELEVISION
Jul. 2001
logo
List of Unclassifed Man...
EA50 ETC2-EA50 Datasheet
86Kb / 2P
   TELEVISION DIODE
logo
Toshiba Semiconductor
29CZ8URB TOSHIBA-29CZ8URB Datasheet
4Mb / 70P
   Color Television
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com