Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24211102 Datasheet(PDF) 34 Page - Toshiba Semiconductor

Part # 24211102
Description  COLOUR TELEVISION C9PJ Chassis
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

24211102 Datasheet(HTML) 34 Page - Toshiba Semiconductor

Back Button 24211102 Datasheet HTML 30Page - Toshiba Semiconductor 24211102 Datasheet HTML 31Page - Toshiba Semiconductor 24211102 Datasheet HTML 32Page - Toshiba Semiconductor 24211102 Datasheet HTML 33Page - Toshiba Semiconductor 24211102 Datasheet HTML 34Page - Toshiba Semiconductor 24211102 Datasheet HTML 35Page - Toshiba Semiconductor 24211102 Datasheet HTML 36Page - Toshiba Semiconductor 24211102 Datasheet HTML 37Page - Toshiba Semiconductor 24211102 Datasheet HTML 38Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 126 page
background image
– 34 –
SETTING & ADJUSTING DATA
40"
HIGH VOLTAGE AT ZERO BEAM:
(A)
31.9 kV
MAX HIGH VOLTAGE:
(B)
32.5 kV
AV VOLTAGE
(C)
230 V
CHAPTER 2 SPECIFIC INFORMATIONS
SAFETY INSTRUCTIONS
Table-1
SERVICE MODE
ADJUSTING ITEMS AND DATAS IN THE SERVICE MODE:
Table-2
RCUT
GCUT
BCUT
RDRV
BDRV
CNTX
BRTC
COLC
TNTC
COLP
COLS
SCNT
BELL
SRY
SBY
R CUTOFF (B/W)
G CUTOFF (B/W)
B CUTOFF (B/W)
R DRIVE
B DRIVE
SUB CONTRAST MAX
SUB BRIGHT CEN
SUB COLOR CEN NTSC
SUB TINT CEN
SUB COLOR CEN PAL
SUB COLOR CEN SECAM
SUB CONTRAST
SECAM BELL FILTER
SECAM R-Y
SECAM B-Y
Item
Adjustment
Reference data
40H
40H
40H
40H
40H
7FH
80H
FDH
45H
50H
38H
07H
80H
08H
08H
Item
Adjustment
Reference data
HPOS
VPOS
HIT
GMPS
VLIN
VSC
VPS
VCP
WID
PARA
CNR
TRAP
HCP
VFC
50Hz H-POSITION
V-POSITION
HEIGHT
V-POSITION (RASTER)
V-LINEARITY
V-S CORRECTION
V-SHIFT
V-COMPENSATION
PICTURE WIDTH
E-W PARABOLA
E-W CORNER
TRAPEZIUM
H-COMPENSATION
V-F CORRECTION
0CH
01H
26H
00H
15H
26H
12H
05H
1EH
02H
10H
40H
04H
0FH
DESIGN MODE
ADJUSTING ITEMS AND DATAS IN THE DESIGN MODE:
RCUT
OPT1
OPT0
OSD
RCUT
Table-3
OPTION 1
OPTION 0
4CH
80H
4CH
4CH
80H
81H
Item
Name of adjustment
Preset Data
40PW03G
40PW03B
Remarks


Similar Part No. - 24211102

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
24211102 TOSHIBA-24211102 Datasheet
2Mb / 50P
   COLOR TELEVISION N0NSP Chassis
2000
More results

Similar Description - 24211102

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
29VH14P TOSHIBA-29VH14P Datasheet
5Mb / 70P
   COLOUR TELEVISION
28ZD06B TOSHIBA-28ZD06B Datasheet
5Mb / 22P
   COLOUR TELEVISION
2000
2806XH TOSHIBA-2806XH Datasheet
7Mb / 39P
   TOSHIBA COLOUR TELEVISION
1990
36HFX71 TOSHIBA-36HFX71 Datasheet
2Mb / 54P
   COLOR TELEVISION N1PS Chassis
Jul., 2001
36HFX72 TOSHIBA-36HFX72 Datasheet
9Mb / 109P
   COLOR TELEVISION N2PS Chassis
Jun. 2002
50A60 TOSHIBA-50A60 Datasheet
2Mb / 50P
   COLOR TELEVISION N0NSP Chassis
2000
logo
Zilog, Inc.
Z90209 ZILOG-Z90209 Datasheet
59Kb / 2P
   TELEVISION CONTROLLERS
logo
Toshiba Semiconductor
32HFX71 TOSHIBA-32HFX71 Datasheet
2Mb / 54P
   COLOR TELEVISION
Jul. 2001
logo
List of Unclassifed Man...
EA50 ETC2-EA50 Datasheet
86Kb / 2P
   TELEVISION DIODE
logo
Toshiba Semiconductor
29CZ8URB TOSHIBA-29CZ8URB Datasheet
4Mb / 70P
   Color Television
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com