Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

450MMG153JE7TS Datasheet(PDF) 3 Page - RUBYCON CORPORATION

Part # 450MMG153JE7TS
Description  METALLIZED POLYESTER FILM CAPACITORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

450MMG153JE7TS Datasheet(HTML) 3 Page - RUBYCON CORPORATION

  450MMG153JE7TS Datasheet HTML 1Page - RUBYCON CORPORATION 450MMG153JE7TS Datasheet HTML 2Page - RUBYCON CORPORATION 450MMG153JE7TS Datasheet HTML 3Page - RUBYCON CORPORATION 450MMG153JE7TS Datasheet HTML 4Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
◆RATED VOLTAGE:630VDC
: Tolerance(J:±5%,K:±10%)  **:Suffix
Part No.
Dimensions (mm)
Typical Packaging Quantity (pcs)
630MMG103 **
630MMG123 **
630MMG153 **
630MMG183 **
630MMG223 **
630MMG273 **
630MMG333 **
630MMG393 **
630MMG473 **
630MMG563 **
630MMG683 **
630MMG823 **
630MMG104 **
630MMG124 **
630MMG154 **
630MMG184 **
630MMG224 **
630MMG274 **
630MMG334 **
630MMG394 **
630MMG474 **
630MMG564 **
630MMG684 **
630MMG824 **
630MMG105 **
630MMG125 **
630MMG155 **
630MMG185 **
630MMG225 **
cap(μF)
AB
C
F±1.0 LS±0.5
d
Bag
Carton
AB, D
C
E
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
12.8
12.8
12.8
12.8
12.8
12.8
12.8
12.8
17.8
17.8
17.8
17.8
17.8
17.8
25.5
25.5
25.5
25.5
25.5
25.5
5.5
5.5
6.0
6.5
6.0
6.0
6.0
6.5
7.5
6.0
6.5
7.0
7.0
7.5
8.0
9.0
10.0
8.0
8.5
8.5
9.5
10.0
11.0
9.0
10.0
11.0
12.5
14.0
15.5
8.5
9.0
9.5
10.0
9.0
9.5
11.0
11.0
12.5
11.0
11.0
11.5
13.0
14.0
14.5
15.0
16.5
14.5
14.0
17.0
17.5
19.5
20.5
19.5
20.5
21.5
22.5
24.0
25.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
15.0
15.0
15.0
15.0
15.0
15.0
22.5
22.5
22.5
22.5
22.5
22.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
22.5
22.5
22.5
22.5
22.5
22.5
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
200
200
200
200
200
200
200
200
200
200
200
100
100
100
100
100
100
100
100
200
200
200
200
200
200
100
100
100
100
6,000
6,000
6,000
6,000
6,000
5,000
5,000
4,000
4,000
4,000
3,000
3,000
2,000
2,000
2,000
2,000
1,000
1,000
1,000
1,000
1,000
1,000
800
800
800
500
500
500
500
1,500
1,500
1,500
1,000
1,000
1,000
1,000
1,000
1,000
1,000
500
500
500
500
500
500
500
500
500
500
500
400
400
400
400
400
400
400
300
300
300
300
300
300
300
300
200
S
1,500
1,500
1,500
1,000
1,000
1,000
1,000
1,000
1,000
500
500
500
500
400
400
400
400
0.01
0.012
0.015
0.018
0.022
0.027
0.033
0.039
0.047
0.056
0.068
0.082
0.1
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.0
1.2
1.5
1.8
2.2
Long Lead type
Taping Ammo pack type - style
METALLIZED POLYESTER FILM CAPACITORS
MMG
◆RATED VOLTAGE:450VDC
: Tolerance(J:±5%,K:±10%)  **:Suffix
Part No.
Dimensions (mm)
Typical Packaging Quantity (pcs)
450MMG104 **
450MMG124 **
450MMG154 **
450MMG184 **
450MMG224 **
450MMG274 **
450MMG334 **
450MMG394 **
450MMG474 **
450MMG564 **
450MMG684 **
450MMG824 **
450MMG105 **
450MMG125 **
450MMG155 **
450MMG185 **
450MMG225 **
cap(μF)
AB
C
F±1.0 LS±0.5
d
Bag
Carton
AB, D
C
E
10.0
12.8
12.8
12.8
12.8
12.8
12.8
12.8
12.8
17.8
17.8
17.8
17.8
17.8
25.5
25.5
25.5
5.5
5.0
5.0
6.0
6.0
6.0
7.0
7.5
8.0
6.5
6.5
7.5
8.0
8.5
8.0
8.5
9.5
10.5
10.0
10.0
10.5
11.5
13.5
14.0
14.5
15.0
14.0
15.0
16.0
16.5
19.0
17.0
18.0
19.5
7.5
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
15.0
15.0
15.0
15.0
15.0
22.5
22.5
22.5
5.0/7.5
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
22.5
22.5
22.5
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.8
0.8
0.8
0.8
0.8
0.8
0.8
200
200
200
200
200
200
200
100
100
100
100
100
100
200
200
200
200
6,000
5,000
5,000
4,000
4,000
4,000
3,000
2,000
2,000
2,000
2,000
2,000
1,000
1,000
1,000
1,000
800
1,500
1,000
1,000
1,000
1,000
1,000
1,000
500
500
500
500
500
500
500
500
500
500
500
500
500
500
400
500
500
400
400
400
S
1,500
500
500
500
500
500
500
500
500
0.1
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.0
1.2
1.5
1.8
2.2
Long Lead type
Taping Ammo pack type - style
TC
TX, TH
TL, TJ
TN
TS
TC
TX, TH
TL, TJ
TN
TS


Similar Part No. - 450MMG153JE7TS

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
450MMH104J77 RUBYCON-450MMH104J77 Datasheet
46Kb / 2P
   METALLIZED POLYESTER FILM CAPACITORS
450MMH104JE7 RUBYCON-450MMH104JE7 Datasheet
46Kb / 2P
   METALLIZED POLYESTER FILM CAPACITORS
450MMH104JH7 RUBYCON-450MMH104JH7 Datasheet
46Kb / 2P
   METALLIZED POLYESTER FILM CAPACITORS
450MMH104JS7 RUBYCON-450MMH104JS7 Datasheet
46Kb / 2P
   METALLIZED POLYESTER FILM CAPACITORS
450MMH104JW7 RUBYCON-450MMH104JW7 Datasheet
46Kb / 2P
   METALLIZED POLYESTER FILM CAPACITORS
More results

Similar Description - 450MMG153JE7TS

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
logo
NXP Semiconductors
MKT370 PHILIPS-MKT370 Datasheet
1Mb / 74P
   Metallized polyester film capacitors
2001 Jun 22
logo
Illinois Capacitor, Inc...
102MWR630K ILLINOISCAPACITOR-102MWR630K Datasheet
396Kb / 4P
   Metallized Polyester Film Capacitors
logo
RUBYCON CORPORATION
MMK RUBYCON-MMK Datasheet
45Kb / 2P
   METALLIZED POLYESTER FILM CAPACITORS
logo
List of Unclassifed Man...
MKT365 ETC2-MKT365 Datasheet
181Kb / 30P
   Metallized polyester film capacitors
logo
MERITEK ELECTRONICS COR...
TMPE MERITEK-TMPE Datasheet
167Kb / 1P
   Metallized Polyester Film Capacitors
DMPE MERITEK-DMPE Datasheet
122Kb / 1P
   Metallized Polyester Film Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com