Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24211222 Datasheet(PDF) 47 Page - Toshiba Semiconductor

Part # 24211222
Description  COLOR TELEVISION N0NSP Chassis
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

24211222 Datasheet(HTML) 47 Page - Toshiba Semiconductor

Back Button 24211222 Datasheet HTML 42Page - Toshiba Semiconductor 24211222 Datasheet HTML 43Page - Toshiba Semiconductor 24211222 Datasheet HTML 44Page - Toshiba Semiconductor 24211222 Datasheet HTML 45Page - Toshiba Semiconductor 24211222 Datasheet HTML 46Page - Toshiba Semiconductor 24211222 Datasheet HTML 47Page - Toshiba Semiconductor 24211222 Datasheet HTML 48Page - Toshiba Semiconductor 24211222 Datasheet HTML 49Page - Toshiba Semiconductor 24211222 Datasheet HTML 50Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 47 / 50 page
background image
– 51 –
TERMINAL VIEW OF TRANSISTORS
2SD2253
(old)
2SC5243
2SC3852
2SD1763A
2SC1569
2SC4544
2SA1788
2SA1306
2SA1186A
2SC752GTM
2SC2482
2SC2655
2SC4721P
2SC752
2SA562TM
2SA1015
2SC1815
2SC2878
2SC1740S
2SC2120
2SA9335
2SA1788
RN2203
RN2201
RN2004
RN1203
RN1204
RN2204
RN1205
RN1202
RN1201
2SD1554
2SD2253
2SD1556
2SD2553
2SC5143
E
C
B
B
C
E
B
CE
B
CE
B
C
E
E
C B
E
C
B
ON4409
B
C
E


Similar Part No. - 24211222

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
24211102 TOSHIBA-24211102 Datasheet
6Mb / 126P
   COLOUR TELEVISION C9PJ Chassis
2000
logo
Wurth Elektronik GmbH &...
242117113 WURTH-242117113 Datasheet
340Kb / 6P
   WE-D-SUB Filter Bent 90° SMT
001.001
More results

Similar Description - 24211222

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
36HFX71 TOSHIBA-36HFX71 Datasheet
2Mb / 54P
   COLOR TELEVISION N1PS Chassis
Jul., 2001
36HFX72 TOSHIBA-36HFX72 Datasheet
9Mb / 109P
   COLOR TELEVISION N2PS Chassis
Jun. 2002
32HFX71 TOSHIBA-32HFX71 Datasheet
2Mb / 54P
   COLOR TELEVISION
Jul. 2001
29CZ8URB TOSHIBA-29CZ8URB Datasheet
4Mb / 70P
   Color Television
2005
34HF84 TOSHIBA-34HF84 Datasheet
1Mb / 35P
   Color Television
2004
36HF72 TOSHIBA-36HF72 Datasheet
2Mb / 44P
   COLOR TELEVISION
Jun. 2002
27WL55A TOSHIBA-27WL55A Datasheet
8Mb / 90P
   LCD Color Television
2005
40PW03G TOSHIBA-40PW03G Datasheet
6Mb / 126P
   COLOUR TELEVISION C9PJ Chassis
2000
23HLV85 TOSHIBA-23HLV85 Datasheet
4Mb / 31P
   LCD Color Television
2005
32WLT58 TOSHIBA-32WLT58 Datasheet
5Mb / 43P
   LCD Color Television
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com