Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24211222 Datasheet(PDF) 36 Page - Toshiba Semiconductor

Part # 24211222
Description  COLOR TELEVISION N0NSP Chassis
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

24211222 Datasheet(HTML) 36 Page - Toshiba Semiconductor

Back Button 24211222 Datasheet HTML 32Page - Toshiba Semiconductor 24211222 Datasheet HTML 33Page - Toshiba Semiconductor 24211222 Datasheet HTML 34Page - Toshiba Semiconductor 24211222 Datasheet HTML 35Page - Toshiba Semiconductor 24211222 Datasheet HTML 36Page - Toshiba Semiconductor 24211222 Datasheet HTML 37Page - Toshiba Semiconductor 24211222 Datasheet HTML 38Page - Toshiba Semiconductor 24211222 Datasheet HTML 39Page - Toshiba Semiconductor 24211222 Datasheet HTML 40Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 50 page
background image
– 38 –
Location
No.
Part No.
Description
Location
No.
Part No.
Description
D661
23316570
Diode, Zener, MA8056-L, TX
D701
23115537
Diode, 1SS131
D702
23115537
Diode, 1SS131
D703
23115537
Diode, 1SS131
D704
23115537
Diode, 1SS131
D705
23316675
Diode, Zener, MTZJ6.2B
D706
23316675
Diode, Zener, MTZJ6.2B
D707
23316675
Diode, Zener, MTZJ6.2B
D801
23357041
Diode, LN6SB60-F05
D819
A7801205
SCR, SF0R3G42(N,G5H1)
D820
23316757
Diode, Zener, MTZJ36A
D821
23118859
Diode, 1SS133
D840
23316962
Diode, S1WBA20 4101
D845
23118859
Diode, 1SS133
D851
23357215
Diode, D4SBS6
D862
23118094
Diode, EU2A, LF-F10
* D863
23316689
Diode, Zener, MTZJ10A
D864
23118094
Diode, EU2A, LF-F10
D873
23316747
Diode, Zener, MTZJ27C
D875
23316688
Diode, Zener, MTZJ9.1C
D876
23316747
Diode, Zener, MTZJ27C
D877
23316747
Diode, Zener, MTZJ27C
D878
23316686
Diode, Zener, MTZJ9.1A
D881
23118859
Diode, 1SS133
D884
23357217
Diode, D4SBL40
D885
23357216
Diode, D4SBL20U
D891
23357214
Diode, D4SBS4
D892
23357042
Diode, FMX-12S(023
D899
24000948
Varistor, TNR15G391K
D901
23118859
Diode, 1SS133
D902
23118859
Diode, 1SS133
D911
23118859
Diode, 1SS133
D912
23118859
Diode, 1SS133
D921
23118859
Diode, 1SS133
D922
23118859
Diode, 1SS133
D924
23118859
Diode, 1SS133
D925
23118859
Diode, 1SS133
D961
23118859
Diode, 1SS133
D965
23118859
Diode, 1SS133
D966
23118859
Diode, 1SS133
D975
23118859
Diode, 1SS133
D7703
23316675
Diode, Zener, MTZJ6.2B
D7705
23118041
Diode, MA111-(TX)
D7706
23118041
Diode, MA111-(TX)
D7707
23118041
Diode, MA111-(TX)
D7708
23118041
Diode, MA111-(TX)
D7709
23316675
Diode, Zener, MTZJ6.2B
D7710
23316716
Diode, Zener, MTZJ11B
D7711
23316687
Diode, Zener, MTZJ9.1B
D7712
23118041
Diode, MA111-(TX)
D7713
23118041
Diode, MA111-(TX)
D7717
23316675
Diode, Zener, MTZJ6.2B
D7718
23316675
Diode, Zener, MTZJ6.2B
D7719
23316675
Diode, Zener, MTZJ6.2B
DA02
23316574
Diode, Zener, MA8062-M, TX
DA11
23118859
Diode, 1SS133
DA34
23118041
Diode, MA111-(TX)
DA43
23118041
Diode, MA111-(TX)
DA44
23118041
Diode, MA111-(TX)
DA45
23118041
Diode, MA111-(TX)
DA46
23118041
Diode, MA111-(TX)
DB01
23358501
Diode (LED), SCL003URC5F
DB13
23358522
Diode (LED), SIR-56SB3F
DB30
23118859
Diode, 1SS133
DV01
23316686
Diode, Zener, MTZJ9.1A
DV02
23316686
Diode, Zener, MTZJ9.1A
DV03
23316686
Diode, Zener, MTZJ9.1A
DV07
23316686
Diode, Zener, MTZJ9.1A
DV08
23316686
Diode, Zener, MTZJ9.1A
DV09
23316686
Diode, Zener, MTZJ9.1A
DV11
23316686
Diode, Zener, MTZJ9.1A
DV12
23316686
Diode, Zener, MTZJ9.1A
DV13
23316686
Diode, Zener, MTZJ9.1A
DV17
23316686
Diode, Zener, MTZJ9.1A
DV25
23118859
Diode, 1SS133
DW04
23118859
Diode, 1SS133
DW05
23118859
Diode, 1SS133
DW21
23118859
Diode, 1SS133
MISCELLANEOUS
MISCELLANEOUS
MISCELLANEOUS
MISCELLANEOUS
MISCELLANEOUS
B224
23035412
Screw, BTB 4X12 SZN
B225
23035412
Screw, BTB 4X12 SZN
B230
23037312
Screw, BTBW 3X12 SZN
B233
23035412
Screw, BTB 4X12 SZN
B234
23035412
Screw, BTB 4X12 SZN
B235
23035310
Screw, BTB 3X8 SZN
BB30
23903022
Socket, 8P
BB31
23903022
Socket, 8P
BB300
23368627
Plug, 8P
F470
23144906
Fuse, 1.25A, 125V
F470A
23165433
Holder, Fuse
F801
23144481
Fuse, 7.0A, 125V
F801A
23165433
Holder, Fuse
F850
23144893
Fuse, 3.15, 125V
F850A
23165433
Holder, Fuse
F851
23144893
Fuse, 3.15, 125V
F851A
23165433
Holder, Fuse
F860
23144511
Fuse, 4.0A, 125V
F889
23144893
Fuse, 3.15, 125V
F889A
23165433
Holder, Fuse
F890
23144897
Fuse, 2.0A, 125V
F890A
23165433
Holder, Fuse
F891
23144854
Fuse, 1.6A, 125V
F891A
23165433
Holder, Fuse
G005
23118859
Diode, 1SS133
G023
24327180
MF, 18 ohm,
±1%, 1/4W
G101
24872101
Chip, 100 ohm, 1/16W
G102
24872101
Chip, 100 ohm, 1/16W
GJ01
24000824
Chip Jumper, 2125Type
GJ05
24000824
Chip Jumper, 2125Type
GJ06
24000824
Chip Jumper, 2125Type
GJ07
24000824
Chip Jumper, 2125Type
GJ31
24000824
Chip Jumper, 2125Type
GJ32
24000824
Chip Jumper, 2125Type
GJ59
24000824
Chip Jumper, 2125Type
GJ77
24000824
Chip Jumper, 2125Type
GJ701
24000824
Chip Jumper, 2125Type
GJ702
24000824
Chip Jumper, 2125Type
GJ705
24000824
Chip Jumper, 2125Type
GR01
24000824
Chip Jumper, 2125Type
(50A60/55A60/61A60)
GR02
24000824
Chip Jumper, 2125Type
H003
23344421
RF Switch, RSU133X6
H003A
23740989
Nut, F-Connector
K912A
23101988
Battery, LR6G R SP-2A
(50A60/55A60/61A60)
K912A
23101998
Battery, R6KGT SP-2T (50A50)


Similar Part No. - 24211222

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
24211102 TOSHIBA-24211102 Datasheet
6Mb / 126P
   COLOUR TELEVISION C9PJ Chassis
2000
logo
Wurth Elektronik GmbH &...
242117113 WURTH-242117113 Datasheet
340Kb / 6P
   WE-D-SUB Filter Bent 90° SMT
001.001
More results

Similar Description - 24211222

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
36HFX71 TOSHIBA-36HFX71 Datasheet
2Mb / 54P
   COLOR TELEVISION N1PS Chassis
Jul., 2001
36HFX72 TOSHIBA-36HFX72 Datasheet
9Mb / 109P
   COLOR TELEVISION N2PS Chassis
Jun. 2002
32HFX71 TOSHIBA-32HFX71 Datasheet
2Mb / 54P
   COLOR TELEVISION
Jul. 2001
29CZ8URB TOSHIBA-29CZ8URB Datasheet
4Mb / 70P
   Color Television
2005
34HF84 TOSHIBA-34HF84 Datasheet
1Mb / 35P
   Color Television
2004
36HF72 TOSHIBA-36HF72 Datasheet
2Mb / 44P
   COLOR TELEVISION
Jun. 2002
27WL55A TOSHIBA-27WL55A Datasheet
8Mb / 90P
   LCD Color Television
2005
40PW03G TOSHIBA-40PW03G Datasheet
6Mb / 126P
   COLOUR TELEVISION C9PJ Chassis
2000
23HLV85 TOSHIBA-23HLV85 Datasheet
4Mb / 31P
   LCD Color Television
2005
32WLT58 TOSHIBA-32WLT58 Datasheet
5Mb / 43P
   LCD Color Television
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com