Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA2182 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SA2182
Description  Power Amplifier Applications Driver Stage Amplifier Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA2182 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SA2182 Datasheet HTML 1Page - Toshiba Semiconductor 2SA2182 Datasheet HTML 2Page - Toshiba Semiconductor 2SA2182 Datasheet HTML 3Page - Toshiba Semiconductor 2SA2182 Datasheet HTML 4Page - Toshiba Semiconductor 2SA2182 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SA2182
2006-11-13
3
Collector-emitter voltage VCE (V)
IC – VCE
Base-emitter voltage VBE (V)
IC – VBE
VCE (sat) – IC
Collector current
−IC (A)
hFE – IC
Collector current
−IC (A)
0
0
−1
−0.5
−0.2
−0.4
−0.6
−0.8
−1.2
−1
−1.4
10
0.001
0.01
0.1
1
Collector current
−IC (A)
fT – IC
Common emitter
Ta=25℃
VCE=
− 10V
1000
0
0
−1
−0.2
−0.4
−0.6
−10
−0.8
−2
−4
−6
−8
10
0.001
0.01
0.1
1
1
0.001
1
0.01
0.1
10
100
−2
−1.5
0
0
40
80
120
160
4
8
16
20
24
Ambient temperature Ta (°C)
PC – Ta
12
Tc=Ta Infinite heat sink
No heat sink
Common emitter
VCE =
− 5 V
Single non-repetitive pulse
Tc = 100°C
−25
25
1
1000
10
100
Common emitter
VCE =
− 5 V
Single non-repetitive pulse
Tc = 100°C
−25°C
25°C
0.01
1
0.1
10
Common emitter
VCE =
− 5 V
Single non-repetitive pulse
IB = −1 mA
−3 mA
−20mA
−10 mA
−5 mA
−4 mA
−2 mA
Common emitter
β
=10
Single non-repetitive pulse
Tc = 100°C
−25°C
25°C


Similar Part No. - 2SA2182

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA2182 TOSHIBA-2SA2182 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
More results

Similar Description - 2SA2182

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SA1837 UTC-2SA1837 Datasheet
108Kb / 3P
POWER AMPLIFIER APPLICATIONS DRIVER STAGE AMPLIFIER APPLICATIONS
logo
Toshiba Semiconductor
2SA1225 TOSHIBA-2SA1225_07 Datasheet
163Kb / 4P
Power Amplifier Applications Driver Stage Amplifier Applications
2SA1425 TOSHIBA-2SA1425_07 Datasheet
124Kb / 4P
Power Amplifier Applications Driver-Stage Amplifier Applications
2SA1930 TOSHIBA-2SA1930 Datasheet
119Kb / 5P
Power Amplifier Applications Driver Stage Amplifier Applications
2SA1225 TOSHIBA-2SA1225_10 Datasheet
150Kb / 4P
Power Amplifier Applications Driver Stage Amplifier Applications
2SA1425 TOSHIBA-2SA1425_10 Datasheet
136Kb / 4P
Power Amplifier Applications Driver-Stage Amplifier Applications
2SC2983 TOSHIBA-2SC2983_05 Datasheet
155Kb / 4P
Power Amplifier Applications Driver Stage Amplifier Applications
2SC4793FM TOSHIBA-2SC4793FM Datasheet
131Kb / 4P
Power Amplifier Applications Driver Stage Amplifier Applications
2SA1837M TOSHIBA-2SA1837M Datasheet
122Kb / 4P
Power Amplifier Applications Driver Stage Amplifier Applications
logo
First Silicon Co., Ltd
FTA1225 FS-FTA1225 Datasheet
582Kb / 2P
Power Amplifier Applications Driver Stage Amplifier Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com