Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24212102 Datasheet(PDF) 17 Page - Toshiba Semiconductor

Part # 24212102
Description  COLOR TELEVISION
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

24212102 Datasheet(HTML) 17 Page - Toshiba Semiconductor

Back Button 24212102 Datasheet HTML 13Page - Toshiba Semiconductor 24212102 Datasheet HTML 14Page - Toshiba Semiconductor 24212102 Datasheet HTML 15Page - Toshiba Semiconductor 24212102 Datasheet HTML 16Page - Toshiba Semiconductor 24212102 Datasheet HTML 17Page - Toshiba Semiconductor 24212102 Datasheet HTML 18Page - Toshiba Semiconductor 24212102 Datasheet HTML 19Page - Toshiba Semiconductor 24212102 Datasheet HTML 20Page - Toshiba Semiconductor 24212102 Datasheet HTML 21Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 54 page
background image
– 17 –
PROGRAMMING CHANNEL MEMORY
The channel memory is the list of TV channel numbers your TV will stop on when you press the CHANNEL s or t button.
First, use the TV/CABLE and CH PROGRAM functions to preset all active channels in your area automatically.
If necessary, arrange the preset channels with the ADD/ERASE functions so that you can tune into only desired channels.
Note: If you utilize both ANT-1 and ANT-2 terminals for some model, perform programming channels for each input source.
TV/CABLE function
1 Press MENU, then press S or T until the SET UP menu
appears.
2 Press t (or s) until “TV/CABLE” is highlighted.
3 Press : or ; to highlight either “TV” or “CABLE”, whichever
you use.
CH PROGRAM function
1 Select “CH PROGRAM” following steps 1 and 2 above.
2 Press : or ; to start channel programming.
The TV will automatically cycle through all the TV or CABLE
channels selected by the TV/CABLE function, and store
active channels in the channel memory.
3 When channel programming is complete, you will see the
message to the right.
4 Press CHANNEL s or t to make sure the channel pro-
gramming has been done properly.
ADD/ERASE function
After performing the CH PROGRAM function, you can add
or erase specific channels.
1 Select the channel you want to erase using the CHANNEL
s or t button, or select the channel you want to add using
the Channel Number buttons.
2 Press MENU, then press S or T until the SET UP menu
appears.
3 Press t (or s) until “ADD/ERASE” is highlighted.
4 Press S or T :
To erase the channel
Press the button until “Erase” is highlighted.
To add the channel
Press the button until “Add” is highlighted.
5 Repeat steps 1 to 4 for other channels.
You have now completed the channel programming.
Note: The CHANNEL t/s buttons on the TV function as
the t/s buttons while a menu is on the screen.
∗ Please refer to owner's manual in detail.


Similar Part No. - 24212102

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
24212102 TOSHIBA-24212102 Datasheet
1Mb / 35P
Color Television
2004
24212102 TOSHIBA-24212102 Datasheet
2Mb / 44P
COLOR TELEVISION
Jun. 2002
24212102 TOSHIBA-24212102 Datasheet
2Mb / 54P
COLOR TELEVISION N1PS Chassis
Jul., 2001
24212102 TOSHIBA-24212102 Datasheet
9Mb / 109P
COLOR TELEVISION N2PS Chassis
Jun. 2002
24212102 TOSHIBA-24212102 Datasheet
6Mb / 126P
COLOUR TELEVISION C9PJ Chassis
2000
More results

Similar Description - 24212102

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
29CZ8URB TOSHIBA-29CZ8URB Datasheet
4Mb / 70P
Color Television
2005
34HF84 TOSHIBA-34HF84 Datasheet
1Mb / 35P
Color Television
2004
36HF72 TOSHIBA-36HF72 Datasheet
2Mb / 44P
COLOR TELEVISION
Jun. 2002
27WL55A TOSHIBA-27WL55A Datasheet
8Mb / 90P
LCD Color Television
2005
23HLV85 TOSHIBA-23HLV85 Datasheet
4Mb / 31P
LCD Color Television
2005
32WLT58 TOSHIBA-32WLT58 Datasheet
5Mb / 43P
LCD Color Television
2005
37HLX95 TOSHIBA-37HLX95 Datasheet
10Mb / 42P
LCD Color Television
2005
42AV554D TOSHIBA-42AV554D Datasheet
13Mb / 196P
LCD Color Television
Ver. 2.02
42WL55A TOSHIBA-42WL55A Datasheet
7Mb / 10P
LCD Color Television
2005
42WP56P TOSHIBA-42WP56P Datasheet
7Mb / 85P
Plasma Color Television
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com