Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24212102 Datasheet(PDF) 12 Page - Toshiba Semiconductor

Part # 24212102
Description  COLOR TELEVISION
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

24212102 Datasheet(HTML) 12 Page - Toshiba Semiconductor

Back Button 24212102 Datasheet HTML 8Page - Toshiba Semiconductor 24212102 Datasheet HTML 9Page - Toshiba Semiconductor 24212102 Datasheet HTML 10Page - Toshiba Semiconductor 24212102 Datasheet HTML 11Page - Toshiba Semiconductor 24212102 Datasheet HTML 12Page - Toshiba Semiconductor 24212102 Datasheet HTML 13Page - Toshiba Semiconductor 24212102 Datasheet HTML 14Page - Toshiba Semiconductor 24212102 Datasheet HTML 15Page - Toshiba Semiconductor 24212102 Datasheet HTML 16Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 54 page
background image
– 12 –
ITEM
ADJUSTMENT PROCEDURE
E-W PARABOLA (DPC)
(PARA)
1. Call up the adjustment mode display, then select the item PARA.
2. Press the TV/VIDEO button on Remote until the cross-hatch pattern appears on
the screen.
3. Press the VOLUME s or t button to make vertical lines straight as shown below.
HORIZONTAL POSITION
(HPOS)
VERTICAL POSITION
(VPOS)
1. Call up the adjustment mode display, then select the item HPOS or VPOS.
2. Press the TV/VIDEO button on Remote until the
white cross-bar or black cross-bar pattern appears
on the screen.
3. Adjust the HORIZONTAL and VERTICAL position
alternately by pressing the VOLUME s or t but-
ton for proper picture position.
4. Check the picture with off-air signal.
HEIGHT
(HIT)
1. Call up the adjustment mode display, then select the item HIT.
2. Press the VOLUME s or t button to get the picture so the top of raster begins to
lack.
3. Press the VOLUME s button to advance the data by 9 steps.
Note : Check the vertical picture position is correct.
WHITE BALANCE
(RCUT)
(GCUT)
(BCUT)
(GDRV)
(BDRV)
1. Adjust the CONTRAST control to the center, and BRIGHTNESS control to the
maximum.
2. Call up the adjustment mode display, and press the TV/VIDEO button on Remote
until the white and black pattern appears on the screen.
3. Adjust the following items with the CHANNEL s/t and VOLUME s/t buttons.
4. Press the TV/VIDEO button on TV to display a single horizontal line on the screen.
5. Turn the SCREEN control (FBT) fully counterclockwise and gradually rotate clock-
wise until the first horizontal line appears slightly on the screen.
6. Press the TV/VIDEO button to display the normal picture.
7. Adjust the remaining two “?CUT” items (CHANNEL s/t → TV/VIDEO → VOL-
UME s/t in order) to obtain the slightly lighted horizontal line in the same levels of
three (red, green, blue) colors. The line should be white if the adjustments are
proper.
Bright area
Adjust "GDRV" or "BDRV" to be white.
Dark area
Fine adjust "RCUT", "GCUT" or "BCUT" to be black.
RCUT
Data : 40H
GCUT
Data : 40H
BCUT
Item :
Item :
Item :
Item :
Item :
Data : 40H
GDRV
Data : 40H
BDRV
Data : 40H


Similar Part No. - 24212102

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
24212102 TOSHIBA-24212102 Datasheet
1Mb / 35P
   Color Television
2004
24212102 TOSHIBA-24212102 Datasheet
2Mb / 44P
   COLOR TELEVISION
Jun. 2002
24212102 TOSHIBA-24212102 Datasheet
2Mb / 54P
   COLOR TELEVISION N1PS Chassis
Jul., 2001
24212102 TOSHIBA-24212102 Datasheet
9Mb / 109P
   COLOR TELEVISION N2PS Chassis
Jun. 2002
24212102 TOSHIBA-24212102 Datasheet
6Mb / 126P
   COLOUR TELEVISION C9PJ Chassis
2000
More results

Similar Description - 24212102

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
29CZ8URB TOSHIBA-29CZ8URB Datasheet
4Mb / 70P
   Color Television
2005
34HF84 TOSHIBA-34HF84 Datasheet
1Mb / 35P
   Color Television
2004
36HF72 TOSHIBA-36HF72 Datasheet
2Mb / 44P
   COLOR TELEVISION
Jun. 2002
27WL55A TOSHIBA-27WL55A Datasheet
8Mb / 90P
   LCD Color Television
2005
23HLV85 TOSHIBA-23HLV85 Datasheet
4Mb / 31P
   LCD Color Television
2005
32WLT58 TOSHIBA-32WLT58 Datasheet
5Mb / 43P
   LCD Color Television
2005
37HLX95 TOSHIBA-37HLX95 Datasheet
10Mb / 42P
   LCD Color Television
2005
42AV554D TOSHIBA-42AV554D Datasheet
13Mb / 196P
   LCD Color Television
Ver. 2.02
42WL55A TOSHIBA-42WL55A Datasheet
7Mb / 10P
   LCD Color Television
2005
42WP56P TOSHIBA-42WP56P Datasheet
7Mb / 85P
   Plasma Color Television
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com