Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24212102 Datasheet(PDF) 10 Page - Toshiba Semiconductor

Part # 24212102
Description  COLOR TELEVISION
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

24212102 Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button 24212102 Datasheet HTML 6Page - Toshiba Semiconductor 24212102 Datasheet HTML 7Page - Toshiba Semiconductor 24212102 Datasheet HTML 8Page - Toshiba Semiconductor 24212102 Datasheet HTML 9Page - Toshiba Semiconductor 24212102 Datasheet HTML 10Page - Toshiba Semiconductor 24212102 Datasheet HTML 11Page - Toshiba Semiconductor 24212102 Datasheet HTML 12Page - Toshiba Semiconductor 24212102 Datasheet HTML 13Page - Toshiba Semiconductor 24212102 Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
– 10 –
8. SELF DIAGNOSTIC FUNCTION
1) Press “9” button on Remote Control during display of adjustment menu in the service mode.
The diagnosis will begin to check if interface among IC’s are executed properly.
2) During diagnosis, the following displays are shown.
SELF CHECK
NO. 23 * * * * * *
POWER
: 000
BUS LINE : OK
BUS CONT : OK
BLOCK : UV V1 V2
or
QV01 QV01S
SYNC
Part number of microprocessor (QA01)
Operation number of protection circuit (current limiter) . . . . “000” is normal.
BUS line check
“OK” ................... Normal
“SCL-GND” or “NG” .......... SCL-GND short circuit
“SDA-GND” or “NG” .......... SDA-GND short circuit
“SCL-SDA” or “NG” ........... SCL-SDA short circuit
BUS line ACK (acknowledge) check
“OK” ..................... Normal
Display of Location Number . . . . NG
(Display example)
“QA02 NG”, “H001 NG”, “Q501 NG” etc.
Note: The indication of failure place is only one place though failure places are plural. When
repair of a failure place finishes, the next failure place is indicated. (The order of priority of
indication is left side.)
Sync. signal check
Green display ..... Normal
Cyan display ...... No check
Red display ........ NG
UV ........... TV mode
V1 ........... VIDEO 1 mode
V2 ........... VIDEO 2 mode
* The items marked with
are not usable to display in the SELF DIAGNOSTIC FUNCTION for some model.


Similar Part No. - 24212102

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
24212102 TOSHIBA-24212102 Datasheet
1Mb / 35P
   Color Television
2004
24212102 TOSHIBA-24212102 Datasheet
2Mb / 44P
   COLOR TELEVISION
Jun. 2002
24212102 TOSHIBA-24212102 Datasheet
2Mb / 54P
   COLOR TELEVISION N1PS Chassis
Jul., 2001
24212102 TOSHIBA-24212102 Datasheet
9Mb / 109P
   COLOR TELEVISION N2PS Chassis
Jun. 2002
24212102 TOSHIBA-24212102 Datasheet
6Mb / 126P
   COLOUR TELEVISION C9PJ Chassis
2000
More results

Similar Description - 24212102

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
29CZ8URB TOSHIBA-29CZ8URB Datasheet
4Mb / 70P
   Color Television
2005
34HF84 TOSHIBA-34HF84 Datasheet
1Mb / 35P
   Color Television
2004
36HF72 TOSHIBA-36HF72 Datasheet
2Mb / 44P
   COLOR TELEVISION
Jun. 2002
27WL55A TOSHIBA-27WL55A Datasheet
8Mb / 90P
   LCD Color Television
2005
23HLV85 TOSHIBA-23HLV85 Datasheet
4Mb / 31P
   LCD Color Television
2005
32WLT58 TOSHIBA-32WLT58 Datasheet
5Mb / 43P
   LCD Color Television
2005
37HLX95 TOSHIBA-37HLX95 Datasheet
10Mb / 42P
   LCD Color Television
2005
42AV554D TOSHIBA-42AV554D Datasheet
13Mb / 196P
   LCD Color Television
Ver. 2.02
42WL55A TOSHIBA-42WL55A Datasheet
7Mb / 10P
   LCD Color Television
2005
42WP56P TOSHIBA-42WP56P Datasheet
7Mb / 85P
   Plasma Color Television
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com