Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24212102 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # 24212102
Description  COLOR TELEVISION
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

24212102 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  24212102 Datasheet HTML 1Page - Toshiba Semiconductor 24212102 Datasheet HTML 2Page - Toshiba Semiconductor 24212102 Datasheet HTML 3Page - Toshiba Semiconductor 24212102 Datasheet HTML 4Page - Toshiba Semiconductor 24212102 Datasheet HTML 5Page - Toshiba Semiconductor 24212102 Datasheet HTML 6Page - Toshiba Semiconductor 24212102 Datasheet HTML 7Page - Toshiba Semiconductor 24212102 Datasheet HTML 8Page - Toshiba Semiconductor 24212102 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
– 5 –
CONVERGENCE ADJUSTMENTS
NOTE: Before attempting any convergence adjustments,
the receiver should be operated for at least fifteen
minutes.
s
CENTER CONVERGENCE ADJUSTMENT
1. Display built-in cross-dot pattern using the TEST SIG-
NAL SELECTION function.
2. Adjust the BRIGHTNESS and CONTRAST Controls
for well defined pattern.
3. Loosen the tightening ring and adjust two tabs of the
4-Pole Magnets to change the angle between them
(See figure 4.) and superimpose red and blue vertical
lines in the center area of the picture screen.
(See figure 3.)
4. Turn the both tabs at the same time keeping the con-
stant angle to superimpose red and blue horizontal
lines at the centre of the screen. (See figure 3.)
5. Adjust two tabs of 6-Pole Magnets to superimpose red/
blue line with green one. Adjusting the angle affects
the vertical lines and rotating both magnets affects the
horizontal lines.
6. Repeat adjustments 3, 4, 5 keeping in mind red, green
and blue movement, because 4-Pole Magnets and 6-
Pole magnets interact and make dot movement com-
plex.
7. After completing the “CENTER CONVERGENCE AD-
JUSTMENT” tighten the tightening ring to fix the mag-
nets.
Figure 3.
s
Xv COIL ADJUSTMENT
Adjust the Xv coil (on the deflection yoke) to correct
misconvergence at both sides on screen.
Use a hexagonal tip stick (plastic) to adjust the core of
coil.
BLU
BLU RED
RED
6-POLE MAGNETS
MOVEMENT
4-POLE MAGNETS
MOVEMENT
RED/BLUE
RED/BLUE GRN
GRN
Center Convergence by Convergence Magnets
R
B
B
R
B
R
R
B
Clockwise Adjustment Counterclockwise Adjustment
Xv Cross Pattern View
s
SCREEN-CORNER CONVERGENCE
When the misconvergence is still evident on corners even
though the above adjustment is done, use the ferrite sheet
(Part No. 23993622) to correct misconvergence.
1. Put ferrite sheets into the space under the yoke.
Decide such position that misconvergence becomes
minimum, watching picture screen. (See figure below.)
2. Remove cover paper of ferrite sheet to stick it in the
place on the tube. Put adhesive tapes on ferrite sheets
to fix.
Figure 4.
Ferrite
Sheets
Ferrite
Sheets
For correcting misconvergence
on the position A
A
4-POLE
MAGNETS
6-POLE
MAGNETS
PURITY
MAGNETS
PURITY/CONVERGENCE
MAGNETS
ADJUST THE ANGLE
(VERTICAL LINES)
FIXED
ROTATE TWO TABS
AT THE SAME TIME
(HORIZONTAL LINES)
ADJUSTMENT OF MAGNETS
Clockwise Adjustment
Counterclockwise Adjustment
XV Cross Pattern View


Similar Part No. - 24212102

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
24212102 TOSHIBA-24212102 Datasheet
1Mb / 35P
   Color Television
2004
24212102 TOSHIBA-24212102 Datasheet
2Mb / 44P
   COLOR TELEVISION
Jun. 2002
24212102 TOSHIBA-24212102 Datasheet
2Mb / 54P
   COLOR TELEVISION N1PS Chassis
Jul., 2001
24212102 TOSHIBA-24212102 Datasheet
9Mb / 109P
   COLOR TELEVISION N2PS Chassis
Jun. 2002
24212102 TOSHIBA-24212102 Datasheet
6Mb / 126P
   COLOUR TELEVISION C9PJ Chassis
2000
More results

Similar Description - 24212102

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
29CZ8URB TOSHIBA-29CZ8URB Datasheet
4Mb / 70P
   Color Television
2005
34HF84 TOSHIBA-34HF84 Datasheet
1Mb / 35P
   Color Television
2004
36HF72 TOSHIBA-36HF72 Datasheet
2Mb / 44P
   COLOR TELEVISION
Jun. 2002
27WL55A TOSHIBA-27WL55A Datasheet
8Mb / 90P
   LCD Color Television
2005
23HLV85 TOSHIBA-23HLV85 Datasheet
4Mb / 31P
   LCD Color Television
2005
32WLT58 TOSHIBA-32WLT58 Datasheet
5Mb / 43P
   LCD Color Television
2005
37HLX95 TOSHIBA-37HLX95 Datasheet
10Mb / 42P
   LCD Color Television
2005
42AV554D TOSHIBA-42AV554D Datasheet
13Mb / 196P
   LCD Color Television
Ver. 2.02
42WL55A TOSHIBA-42WL55A Datasheet
7Mb / 10P
   LCD Color Television
2005
42WP56P TOSHIBA-42WP56P Datasheet
7Mb / 85P
   Plasma Color Television
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com