Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

32WLT58 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # 32WLT58
Description  LCD Color Television
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

32WLT58 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  32WLT58 Datasheet HTML 1Page - Toshiba Semiconductor 32WLT58 Datasheet HTML 2Page - Toshiba Semiconductor 32WLT58 Datasheet HTML 3Page - Toshiba Semiconductor 32WLT58 Datasheet HTML 4Page - Toshiba Semiconductor 32WLT58 Datasheet HTML 5Page - Toshiba Semiconductor 32WLT58 Datasheet HTML 6Page - Toshiba Semiconductor 32WLT58 Datasheet HTML 7Page - Toshiba Semiconductor 32WLT58 Datasheet HTML 8Page - Toshiba Semiconductor 32WLT58 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
– 5 –
HANDLING THE LCD MODULE
Safety Precautions
In the event that the screen is damaged or the liquid crystal
(fluid) leaks, do not breathe in or drink this fluid. Also, never
touch this fluid.
Such actions could cause toxicity or skin irritation. If this fluid
should enter the mouth, rinse the mouth thoroughly with wa-
ter. If the fluid should contact the skin or clothing, wipe off
with alcohol, etc., and rinse thoroughly with water. If the fluid
should enter the eyes, immediately rinse the eyes thoroughly
with running water.
Precautions for Handling the LCD Module
The LCD module can easily be damaged during disassembly
or reassembly; therefore, always obser ve the following pre-
cautions when handling the module.
1. When attaching the LCD module to the LCD cover, posi-
tion it appropr iately and fasten at the position where the
display can be viewed most conveniently.
2. Carefully align the holes at all f our cor ners of the LCD
module with the corresponding holes in the LCD co ver
and fasten with screws. Do not strongly push on the mod-
ule because any impact can adversely affect the perform-
ance. Also use caution when handling the polar
ized screen
because it can easily be damaged.
CAUTION
The metal edges of the LCD module
are sharp, so use caution to avoid in-
jury.
3. If the panel surface becomes soiled, wipe with cotton or a
soft cloth. If this does not remove the soiling, breathe on
the surface and then wipe again.
If the panel surface is extremely solied, use a CRT cleaner
as a cleaner. Wipe off the panel surface by drop the cleaner
on the cloth. Do not drop the cleaner on the panel. Pay
attention not to scratch the panel surface.
4. Leaving water or other fluids on the panel screen f or an
extended per iod of time can result in discolor
ation or
stripes. Immediately remo ve an y type of fluid from the
screen.
5. Glass is used in the panel, so do not drop or str ike with
hard objects. Such actions can damage the panel.
6. CMOS-LSI circuitry is used in the LCD module, so avoid
damage due to static electricity. When handling the mod-
ule, use a wrist ground or anchor ground.


Similar Part No. - 32WLT58

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
32WLT58 TOSHIBA-32WLT58 Datasheet
6Mb / 43P
LCD Color Television
2005
More results

Similar Description - 32WLT58

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
27WL55A TOSHIBA-27WL55A Datasheet
8Mb / 90P
LCD Color Television
2005
23HLV85 TOSHIBA-23HLV85 Datasheet
4Mb / 31P
LCD Color Television
2005
37HLX95 TOSHIBA-37HLX95 Datasheet
10Mb / 42P
LCD Color Television
2005
42AV554D TOSHIBA-42AV554D Datasheet
13Mb / 196P
LCD Color Television
Ver. 2.02
42WL55A TOSHIBA-42WL55A Datasheet
7Mb / 10P
LCD Color Television
2005
37WLT58 TOSHIBA-37WLT58 Datasheet
6Mb / 43P
LCD Color Television
2005
32HFX71 TOSHIBA-32HFX71 Datasheet
2Mb / 54P
COLOR TELEVISION
Jul. 2001
29CZ8URB TOSHIBA-29CZ8URB Datasheet
4Mb / 70P
Color Television
2005
34HF84 TOSHIBA-34HF84 Datasheet
1Mb / 35P
Color Television
2004
36HF72 TOSHIBA-36HF72 Datasheet
2Mb / 44P
COLOR TELEVISION
Jun. 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com