Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN314 Datasheet(PDF) 2 Page - Cirrus Logic

Part # AN314
Description  Multiplexing the CS556x/7x/8x Delta-Sigma ADCs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

AN314 Datasheet(HTML) 2 Page - Cirrus Logic

  AN314 Datasheet HTML 1Page - Cirrus Logic AN314 Datasheet HTML 2Page - Cirrus Logic AN314 Datasheet HTML 3Page - Cirrus Logic AN314 Datasheet HTML 4Page - Cirrus Logic AN314 Datasheet HTML 5Page - Cirrus Logic AN314 Datasheet HTML 6Page - Cirrus Logic AN314 Datasheet HTML 7Page - Cirrus Logic AN314 Datasheet HTML 8Page - Cirrus Logic AN314 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
AN314REV1
AN314
3. REQUIREMENTS FOR MULTIPLEXING THE CS556X/7X/8X
For higher-throughput in multiplexed applications, it is desirable for the converter to fully settle on each conversion.
In other words, the digital filter's output must accurately reflect the analog value on the input during the conversion.
Additionally, the input multiplexer and any buffer amplifiers must be settled to the full accuracy of the converter be-
fore the samples are taken. This requires both the converter and the analog input circuitry to be fast settling. This
is especially true if any amplifier or anti-aliasing resistor and capacitor is placed between the multiplexer and the
ADC as illustrated in Figure 2. With a multiplexer it is possible for the ADC input to see a full-scale change from one
conversion to the next. Any amplifier, or RC time constant due to resistance and capacitance, between the multi-
plexer and the ADC must fully settle to the new value before the sampling begins.
Figure 2. Amplifier and Filter between Multiplexer and ADC
With high-throughput converters like the 50 kSps CS5560/61, 100 kSps CS5570/71, or the 200 kSps CS5580/81
the circuit must settle in less than 10 MCLK periods (625 nanoseconds). The multiplexer before a SAR converter
can be switched to the next channel after the conversion begins since the signal has already been sampled. How-
ever, many SAR ADC data sheets warn that a certain "quiet" period should be observed to prevent coupling of noise.
The CS556x/7x/8x requires that the multiplexer be switched at the end of the conversion, since it is taking multiple
samples of the input signal during the conversion (see Figure 3).
Figure 3. Multiplexer Timing Requirements
Therefore, an alternative should be considered where the amplifiers and anti-aliasing capacitors are on the input of
the multiplexer. This generally requires a multiplexer with very low “on” resistance but the benefits are that the am-
plifier(s) and RC networks do not have to settle from possible large step changes when the multiplexer switches to
another input. Figure 4 illustrates this arrangement.
ADC
MUX
AIN1
AIN2
AIN3
AIN4
AMP
CONV
RDY
Switch MUX here
Analog Input must be settled here.
If CONV is held low , input must be
settled within 10 MCLKs after RDY falls.
See data sheet for specific timing
CS 5560/ 61– 304 MCLKs
CS 5570/ 71– 144 MCLKs
CS 5580/ 81 – 64 MCLKs


Similar Part No. - AN314

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3140 STMICROELECTRONICS-AN3140 Datasheet
272Kb / 14P
   How to configure the SPEAr3xx general purpose timers
AN3141 STMICROELECTRONICS-AN3141 Datasheet
344Kb / 14P
   LC filters for mobile phone LCD and camera links
AN3142 STMICROELECTRONICS-AN3142 Datasheet
841Kb / 44P
   Solution for designing a 400 W fixed-off-time controlled
AN3143 STMICROELECTRONICS-AN3143 Datasheet
256Kb / 13P
   Audio software codec for the STM8S
AN3147 STMICROELECTRONICS-AN3147 Datasheet
376Kb / 25P
   Power management in STM8L and STM8AL
More results

Similar Description - AN314

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE9322B AD-ADE9322B Datasheet
72Kb / 2P
   mSure Enabled Sigma-Delta ADCs
AD7789 AD-AD7789_15 Datasheet
382Kb / 20P
   Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
AD7788 AD-AD7788_15 Datasheet
382Kb / 20P
   Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
AD7788 AD-AD7788 Datasheet
382Kb / 20P
   Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
logo
Microchip Technology
MCP355XDV-MS1 MICROCHIP-MCP355XDV-MS1 Datasheet
885Kb / 36P
   Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
03/26/09
MCP3550 MICROCHIP-MCP3550_09 Datasheet
885Kb / 36P
   Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
2009
logo
Maxim Integrated Produc...
MAX1415 MAXIM-MAX1415_05 Datasheet
574Kb / 36P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADCs
Rev 1; 12/05
MAX1415 MAXIM-MAX1415_V01 Datasheet
1Mb / 35P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADCs
2015
logo
Microchip Technology
MCP3551 MICROCHIP-MCP3551 Datasheet
616Kb / 30P
   Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
2005
MCP3550 MICROCHIP-MCP3550 Datasheet
583Kb / 30P
   Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com