Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN314 Datasheet(PDF) 1 Page - Cirrus Logic

Part # AN314
Description  Multiplexing the CS556x/7x/8x Delta-Sigma ADCs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

AN314 Datasheet(HTML) 1 Page - Cirrus Logic

  AN314 Datasheet HTML 1Page - Cirrus Logic AN314 Datasheet HTML 2Page - Cirrus Logic AN314 Datasheet HTML 3Page - Cirrus Logic AN314 Datasheet HTML 4Page - Cirrus Logic AN314 Datasheet HTML 5Page - Cirrus Logic AN314 Datasheet HTML 6Page - Cirrus Logic AN314 Datasheet HTML 7Page - Cirrus Logic AN314 Datasheet HTML 8Page - Cirrus Logic AN314 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Copyright
© Cirrus Logic, Inc. 2007
(All Rights Reserved)
http://www.cirrus.com
Multiplexing the CS556x/7x/8x Delta-Sigma ADCs
1. INTRODUCTION
The CS556x/7x/8x devices represent a new generation of delta-sigma analog-to-digital converters that compete
with SAR (successive approximation register) converters, with some distinct advantages. The unique features of
these over-sampling converters allow them to be multiplexed at high speed across many input channels, because
every conversion produces a fully settled result. In this application note the similarities and differences between
SAR converters and the CS556x/7x/8x family of ADCs will be discussed as well as some design tips on choosing
the right multiplexer and input amplifiers to drive these ADCs.
2. COMPARING THE CS556X/7X/8X WITH A SAR
Typically SAR ADCs have been used in the past for any high-throughput multiplexed application. This is because
most delta-sigma converters require multiple conversions to fully settle. In other words, a large step change on the
input takes a considerable amount of time to be reflected accurately (settled) in the output of the digital filter. Most
delta-sigma converters use single-bit modulators and sample at kilohertz rates, and many samples are required as
input to the digital filter to achieve the required accuracy. The CS556x/7x/8x family of converters is unique in that
the modulator output is multi-bit and the sample rate is 8 MSps (megasamples per second). This, in combination
with a specially designed FIR filter that only takes a few clock cycles to compute a result, produces a converter that
can fully settle in a single conversion.
There are several distinct advantages of delta-sigma converters over SAR converters such as their superior DNL
(differential non-linearity) performance and excellent noise immunity. One of the main reasons for the increased
noise immunity is that the digital filter attenuates the out-of-band noise. However, a SAR ADC typically has a band-
width much higher than Nyquist, and out-of-band noise can alias down into the pass band. Another reason is that
a SAR converter samples the input signal once per conversion (Figure 1a) while the delta-sigma converter averages
many samples per conversion (Figure 1b). As can be seen in Figure 1a, a noisy input signal (one with noise tran-
sients as illustrated) can result in significant errors within a SAR ADC unless multiple conversions are taken and
averaged in software. In Figure 1b, the delta-sigma converter does this internally in the digital filter resulting in a
conversion much less susceptible to transient noise.
Figure 1a. SAR ADC Sampling (One Sample per Conversion)
Figure 1b. Delta-Sigma ADC Sampling (Many Sample per Conversion)
}Error
Noise
Noise
Noise
Noise
Noise
Noise
AN314
AUG
‘07
AN314REV1


Similar Part No. - AN314

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3140 STMICROELECTRONICS-AN3140 Datasheet
272Kb / 14P
   How to configure the SPEAr3xx general purpose timers
AN3141 STMICROELECTRONICS-AN3141 Datasheet
344Kb / 14P
   LC filters for mobile phone LCD and camera links
AN3142 STMICROELECTRONICS-AN3142 Datasheet
841Kb / 44P
   Solution for designing a 400 W fixed-off-time controlled
AN3143 STMICROELECTRONICS-AN3143 Datasheet
256Kb / 13P
   Audio software codec for the STM8S
AN3147 STMICROELECTRONICS-AN3147 Datasheet
376Kb / 25P
   Power management in STM8L and STM8AL
More results

Similar Description - AN314

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE9322B AD-ADE9322B Datasheet
72Kb / 2P
   mSure Enabled Sigma-Delta ADCs
AD7789 AD-AD7789_15 Datasheet
382Kb / 20P
   Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
AD7788 AD-AD7788_15 Datasheet
382Kb / 20P
   Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
AD7788 AD-AD7788 Datasheet
382Kb / 20P
   Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
logo
Microchip Technology
MCP355XDV-MS1 MICROCHIP-MCP355XDV-MS1 Datasheet
885Kb / 36P
   Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
03/26/09
MCP3550 MICROCHIP-MCP3550_09 Datasheet
885Kb / 36P
   Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
2009
logo
Maxim Integrated Produc...
MAX1415 MAXIM-MAX1415_05 Datasheet
574Kb / 36P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADCs
Rev 1; 12/05
MAX1415 MAXIM-MAX1415_V01 Datasheet
1Mb / 35P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADCs
2015
logo
Microchip Technology
MCP3551 MICROCHIP-MCP3551 Datasheet
616Kb / 30P
   Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
2005
MCP3550 MICROCHIP-MCP3550 Datasheet
583Kb / 30P
   Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com