Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN314 Datasheet(PDF) 6 Page - Cirrus Logic

Part # AN314
Description  Multiplexing the CS556x/7x/8x Delta-Sigma ADCs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

AN314 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button AN314 Datasheet HTML 2Page - Cirrus Logic AN314 Datasheet HTML 3Page - Cirrus Logic AN314 Datasheet HTML 4Page - Cirrus Logic AN314 Datasheet HTML 5Page - Cirrus Logic AN314 Datasheet HTML 6Page - Cirrus Logic AN314 Datasheet HTML 7Page - Cirrus Logic AN314 Datasheet HTML 8Page - Cirrus Logic AN314 Datasheet HTML 9Page - Cirrus Logic AN314 Datasheet HTML 10Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
AN314REV1
AN314
5. SELECTING AN AMPLIFIER
If an amplifier is needed to change the full-scale range or to buffer the inputs and it is placed between the MUX and
the ADC, one of the most critical parameters will be settling time. However, as mentioned above, if the amplifier is
placed before the MUX (one on each input of the MUX where needed) this requirement is greatly relaxed. In this-
case, signal-to-noise, distortion, DC offset, and stability over temperature become the primary selection criteria for
most applications. Each application will determine which parameters are most critical so it becomes difficult to spec-
ify an op-amp and circuit configuration that will work in all situations. The CS3003 and CS3004 operational ampli-
fiers will be suitable for many applications due to their excellent DC performance, moderate bandwidth, and low
noise.
6. OPTIMIZED CIRCUITS FOR MULTIPLEXING CS556X/7X/8X ADCs
The following are examples of circuits that optimize the performance of the CS556x/7x/8x family of high-throughput
ADCs for a number of general-purpose applications. Each circuit is followed by a brief circuit description with the
key selection criteria noted.


Similar Part No. - AN314

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3140 STMICROELECTRONICS-AN3140 Datasheet
272Kb / 14P
How to configure the SPEAr3xx general purpose timers
AN3141 STMICROELECTRONICS-AN3141 Datasheet
344Kb / 14P
LC filters for mobile phone LCD and camera links
AN3142 STMICROELECTRONICS-AN3142 Datasheet
841Kb / 44P
Solution for designing a 400 W fixed-off-time controlled
AN3143 STMICROELECTRONICS-AN3143 Datasheet
256Kb / 13P
Audio software codec for the STM8S
AN3147 STMICROELECTRONICS-AN3147 Datasheet
376Kb / 25P
Power management in STM8L and STM8AL
More results

Similar Description - AN314

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE9322B AD-ADE9322B Datasheet
72Kb / 2P
mSure Enabled Sigma-Delta ADCs
AD7789 AD-AD7789_15 Datasheet
382Kb / 20P
Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
AD7788 AD-AD7788_15 Datasheet
382Kb / 20P
Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
AD7788 AD-AD7788 Datasheet
382Kb / 20P
Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
logo
Microchip Technology
MCP355XDV-MS1 MICROCHIP-MCP355XDV-MS1 Datasheet
885Kb / 36P
Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
03/26/09
MCP3550 MICROCHIP-MCP3550_09 Datasheet
885Kb / 36P
Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
2009
logo
Maxim Integrated Produc...
MAX1415 MAXIM-MAX1415_05 Datasheet
574Kb / 36P
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADCs
Rev 1; 12/05
MAX1415 MAXIM-MAX1415_V01 Datasheet
1Mb / 35P
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADCs
2015
logo
Microchip Technology
MCP3551 MICROCHIP-MCP3551 Datasheet
616Kb / 30P
Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
2005
MCP3550 MICROCHIP-MCP3550 Datasheet
583Kb / 30P
Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com