Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN314 Datasheet(PDF) 4 Page - Cirrus Logic

Part # AN314
Description  Multiplexing the CS556x/7x/8x Delta-Sigma ADCs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

AN314 Datasheet(HTML) 4 Page - Cirrus Logic

  AN314 Datasheet HTML 1Page - Cirrus Logic AN314 Datasheet HTML 2Page - Cirrus Logic AN314 Datasheet HTML 3Page - Cirrus Logic AN314 Datasheet HTML 4Page - Cirrus Logic AN314 Datasheet HTML 5Page - Cirrus Logic AN314 Datasheet HTML 6Page - Cirrus Logic AN314 Datasheet HTML 7Page - Cirrus Logic AN314 Datasheet HTML 8Page - Cirrus Logic AN314 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
AN314REV1
AN314
selected input's voltage level and this charge will be dumped into the next input’s source when that switch closes.
If an op-amp or high-impedance source is used for the input to the MUX, there could be an issue with settling when
this charge is transferred through the switch. One of the functions of the anti-alias capacitor on the input side of the
MUX in Figure 3 is to provide a reservoir of charge to the switch-channel capacitance. This is another reason why
the on resistance of the MUX should be as low as possible – so the channel capacitance can be charged quickly.
However, there is an inverse relationship between on resistance and channel capacitance because low on resis-
tance requires larger transistors and larger transistors result in higher channel capacitance. The following table
shows some examples of MUX devices along with their critical parameters. The devices grayed out are not recom-
mended due to the parameters indicated.
Table 1: Critical Parameters of Typical Multiplexers
Notes:
1. Devices in gray are not recommended for this application due to the indicated parameters.
2. Parameters are typical values and are for comparative purposes only.
3. The manufacturer's data sheet should be referenced for min and max values
The third parameter to be considered when selecting a MUX is the switching speed. What needs to be considered
here is the total time from when the system selects another channel to when the conversion can begin. This includes
MUX turn-on time and analog circuitry settling time. For example, if it is desired to convert with the CS556x at its
maximum speed of 50 kSps (CONV held low), then from the time the RDY signal falls until the next conversion be-
gins is 10 MCLKs (at 16 MHz) or 625 nanoseconds. This means that the MUX channel must change as RDY falls
and its turn on time and all analog settling must occur in less than 625 nanoseconds. If a MUX requires
250 nanoseconds to turn on, there is only 325 nanoseconds for the analog circuitry to settle. If more settling time
is required, the CONV pin timing can be delayed to slow down the conversion rate, allowing enough delay after the
MUX channel is changed to ensure complete settling.
The type of multiplexer selected will depend upon whether the converter is a single-ended-input or a differential-
input ADC. The advantage of using a differential ADC rather than one with a single-ended input is an improvement
Part
Number
# of
Poles
# of
Inputs
On/Off
Speed ns
On Res
Ohms
Off
Cap pF
On Cap
pF
Supply
Voltage
ADG706
1
16
50/14
2.5
13
200
1.8 to 5.5
ADG707
2
8
50/14
2.5
13
100
1.8 to 5.5
ADG787
2
2
22/6
2.5
16
40
1.8 to 5.5
ADG884
2
2
53/21
0.28
103
295
1.8 to 5.5
DG406
1
16
134/98
60
6
114
±5 to ±20
DG407
2
8
134/98
60
6
57
±5 to ±20
DG408
1
8
150/150
100
3
37
±5 to ±20
DG409
2
4
150/150
100
3
25
±5 to ±20
HI-506
1
16
250/250
180
10
62
±15
HI-507
2
8
250/250
180
10
40
±15
HI-508
1
8
250/250
180
10
27
±15
HI-509
2
4
250/250
180
10
22
±15
ISL43L220
2
2
12/5
0.23
115
224
1.1 to 4.5
MAX306
1
16
130/55
60
8
140
±4.5 to ±20
MAX307
2
8
130/55
60
8
70
±4.5 to ±20
MAX4617
1
8
7/4.5
8
5
32
2 to 5.5
MAX4618
2
4
7/4.5
8
5
21
2 to 5.5
MAX4635
2
2
12/5
2.5
9
32
1.8 to 5.5


Similar Part No. - AN314

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3140 STMICROELECTRONICS-AN3140 Datasheet
272Kb / 14P
   How to configure the SPEAr3xx general purpose timers
AN3141 STMICROELECTRONICS-AN3141 Datasheet
344Kb / 14P
   LC filters for mobile phone LCD and camera links
AN3142 STMICROELECTRONICS-AN3142 Datasheet
841Kb / 44P
   Solution for designing a 400 W fixed-off-time controlled
AN3143 STMICROELECTRONICS-AN3143 Datasheet
256Kb / 13P
   Audio software codec for the STM8S
AN3147 STMICROELECTRONICS-AN3147 Datasheet
376Kb / 25P
   Power management in STM8L and STM8AL
More results

Similar Description - AN314

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE9322B AD-ADE9322B Datasheet
72Kb / 2P
   mSure Enabled Sigma-Delta ADCs
AD7789 AD-AD7789_15 Datasheet
382Kb / 20P
   Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
AD7788 AD-AD7788_15 Datasheet
382Kb / 20P
   Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
AD7788 AD-AD7788 Datasheet
382Kb / 20P
   Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
logo
Microchip Technology
MCP355XDV-MS1 MICROCHIP-MCP355XDV-MS1 Datasheet
885Kb / 36P
   Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
03/26/09
MCP3550 MICROCHIP-MCP3550_09 Datasheet
885Kb / 36P
   Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
2009
logo
Maxim Integrated Produc...
MAX1415 MAXIM-MAX1415_05 Datasheet
574Kb / 36P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADCs
Rev 1; 12/05
MAX1415 MAXIM-MAX1415_V01 Datasheet
1Mb / 35P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADCs
2015
logo
Microchip Technology
MCP3551 MICROCHIP-MCP3551 Datasheet
616Kb / 30P
   Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
2005
MCP3550 MICROCHIP-MCP3550 Datasheet
583Kb / 30P
   Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com