Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

29VH14P Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 29VH14P
Description  COLOUR TELEVISION
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

29VH14P Datasheet(HTML) 2 Page - Toshiba Semiconductor

  29VH14P Datasheet HTML 1Page - Toshiba Semiconductor 29VH14P Datasheet HTML 2Page - Toshiba Semiconductor 29VH14P Datasheet HTML 3Page - Toshiba Semiconductor 29VH14P Datasheet HTML 4Page - Toshiba Semiconductor 29VH14P Datasheet HTML 5Page - Toshiba Semiconductor 29VH14P Datasheet HTML 6Page - Toshiba Semiconductor 29VH14P Datasheet HTML 7Page - Toshiba Semiconductor 29VH14P Datasheet HTML 8Page - Toshiba Semiconductor 29VH14P Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 70 page
background image
1. Precautions
1-1 Safety Precautions
1. Be sure that all of the built-in protective
devices are replaced. Restore any missing
protective shields.
2. When reinstalling the chassis and its
assemblies, be sure to restore all protective
devices, including: nonmetallic control knobs
and compartment covers.
3. Make sure that there are no cabinet openings
through which people—particularly
children—might insert fingers and contact
dangerous voltages. Such openings include
the spacing between the picture tube and the
cabinet mask, excessively wide cabinet
ventilation slots, and improperly fitted back
covers.
If the measured resistance is less than 1.0
megohm or greater than 5.2 megohms, an
abnormality exists that must be corrected
before the unit is returned to the customer.
4. Leakage Current Hot Check (Figure 1-1):
Warning: Do not use an isolation
transformer during this test. Use a leakage-
current tester or a metering system that
complies with American National Standards
Institute (ANIS C101.1, Leakage Current for
Appliances), and Underwriters Laboratories
(UL Publication UL1410, 59.7).
5. With the unit completely reassembled, plug
the AC line cord directly into the power
outlet. With the unit’s AC switch first in the
ON position and then OFF, measure the
current between a known earth ground (metal
water pipe, conduit, etc.) and all exposed
metal parts, including: antennas, handle
brackets, metal cabinets, screwheads and
control shafts. The current measured should
not exceed 0.5 milliamp. Reverse the power-
plug prongs in the AC outlet and repeat the
test.
Fig. 1-1 AC Leakage Test
6. Antenna Cold Check:
With the unit’s AC plug disconnected from the
AC source, connect an electrical jumper across
the two AC prongs. Connect one lead of the
ohmmeter to an AC prong. Connect the other
lead to the coaxial connector.
7. X-ray Limits:
The picture tube is especially designed to
prohibit X-ray emissions. To ensure continued
X-ray protection, replace the picture tube only
with one that is the same type as the original.
Carefully reinstall the picture tube shields and
mounting hardware; these also provide X-ray
protection.
8. High Voltage Limits:
High voltage must be measured each time
servicing is done on the B+, horizontal
deflection or high voltage circuits.
Correct operation of the X-ray protection
circuits must be reconfirmed whenever they
are serviced.
(X-ray protection circuits also may be called
“horizontal disable” or “hold-down”.)
Heed the high voltage limits. These include
the X–ray Protection Specifications Label, and
the Product Safety and X-ray Warning Note on
the service data schematic.
Precautions
1-1
LEAKAGE
CURRENT
TESTER
DEVICE
UNDER
TEST
TEST ALL
EXPOSED METAL
SURFACES
3-WIRE CORD
ALSO TEST WITH
PLUG REVERSED
(USING AC ADAPTER
PLUG AS REQUIRED)
EARTH
GROUND
(READING SHOULD
NOT BE ABOVE
0.5mA)
Follow these safety, servicing and ESD precautions to prevent damage and protect against potential
hazards such as electrical shock and X-rays.


Similar Description - 29VH14P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
28ZD06B TOSHIBA-28ZD06B Datasheet
5Mb / 22P
COLOUR TELEVISION
2000
2806XH TOSHIBA-2806XH Datasheet
7Mb / 39P
TOSHIBA COLOUR TELEVISION
1990
40PW03G TOSHIBA-40PW03G Datasheet
6Mb / 126P
COLOUR TELEVISION C9PJ Chassis
2000
logo
Zilog, Inc.
Z90209 ZILOG-Z90209 Datasheet
59Kb / 2P
TELEVISION CONTROLLERS
logo
Toshiba Semiconductor
32HFX71 TOSHIBA-32HFX71 Datasheet
2Mb / 54P
COLOR TELEVISION
Jul. 2001
logo
List of Unclassifed Man...
EA50 ETC2-EA50 Datasheet
86Kb / 2P
TELEVISION DIODE
logo
Toshiba Semiconductor
29CZ8URB TOSHIBA-29CZ8URB Datasheet
4Mb / 70P
Color Television
2005
34HF84 TOSHIBA-34HF84 Datasheet
1Mb / 35P
Color Television
2004
36HF72 TOSHIBA-36HF72 Datasheet
2Mb / 44P
COLOR TELEVISION
Jun. 2002
52HM85 TOSHIBA-52HM85 Datasheet
4Mb / 34P
Projection Television
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com