Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XN4210 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # XN4210
Description  Silicon NPN epitaxial planer transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

XN4210 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  XN4210 Datasheet HTML 1Page - Panasonic Semiconductor XN4210 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Composite Transistors
XN4210
Silicon NPN epitaxial planer transistor
For switching/digital circuits
s Features
q
Two elements incorporated into one package.
(Transistors with built-in resistor)
q
Reduction of the mounting area and assembly cost by one half.
s Basic Part Number of Element
q
UN1210
× 2 elements
s Absolute Maximum Ratings (Ta=25˚C)
1 : Collector (Tr1)
4 : Collector (Tr2)
2 : Base (Tr2)
5 : Base (Tr1)
3 : Emitter (Tr2)
6 : Emitter (Tr1)
EIAJ : SC–74
Mini Type Package (6–pin)
Unit: mm
Marking Symbol:
8Z
Internal Connection
Parameter
Symbol
Ratings
Unit
Collector to base voltage
VCBO
50
V
Collector to emitter voltage
VCEO
50
V
Collector current
IC
100
mA
Total power dissipation
PT
300
mW
Junction temperature
Tj
150
˚C
Storage temperature
Tstg
–55 to +150
˚C
Rating
of
element
Overall
s Electrical Characteristics (Ta=25˚C)
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector to base voltage
VCBO
IC = 10µA, IE = 0
50
V
Collector to emitter voltage
VCEO
IC = 2mA, IB = 0
50
V
Collector cutoff current
ICBO
VCB = 50V, IE = 0
0.1
µA
ICEO
VCE = 50V, IB = 0
0.5
µA
Emitter cutoff current
IEBO
VEB = 6V, IC = 0
0.01
mA
Forward current transfer ratio
hFE
VCE = 10V, IC = 5mA
160
460
Collector to emitter saturation voltage
VCE(sat)
IC = 10mA, IB = 0.3mA
0.25
V
Output voltage high level
VOH
VCC = 5V, VB = 0.5V, RL = 1kΩ
4.9
V
Output voltage low level
VOL
VCC = 5V, VB = 2.5V, RL = 1kΩ
0.2
V
Transition frequency
fT
VCB = 10V, IE = –2mA, f = 200MHz
150
MHz
Input resistance
R1
–30%
47
+30%
k
2.8
+0.2
–0.3
1.5
0.65
±0.15
0.65
±0.15
1
6
5
4
3
2
+0.25
–0.05
0.4
±0.2
0.1 to 0.3
6
Tr2
Tr1
5
43
2
1


Similar Part No. - XN4210

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
XN4210 PANASONIC-XN4210 Datasheet
87Kb / 3P
   Silicon NPN epitaxial planer transistor
More results

Similar Description - XN4210

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
XP1554 PANASONIC-XP1554 Datasheet
34Kb / 2P
   Silicon NPN epitaxial planer transistor
XP2211 PANASONIC-XP2211 Datasheet
33Kb / 2P
   Silicon NPN epitaxial planer transistor
UN9211 PANASONIC-UN9211 Datasheet
202Kb / 15P
   Silicon NPN epitaxial planer transistor
XN1214 PANASONIC-XN1214 Datasheet
33Kb / 2P
   Silicon NPN epitaxial planer transistor
XN1507 PANASONIC-XN1507 Datasheet
32Kb / 2P
   Silicon NPN epitaxial planer transistor
XN1509 PANASONIC-XN1509 Datasheet
31Kb / 2P
   Silicon NPN epitaxial planer transistor
XN2212 PANASONIC-XN2212 Datasheet
33Kb / 2P
   Silicon NPN epitaxial planer transistor
XN2501 PANASONIC-XN2501 Datasheet
33Kb / 2P
   Silicon NPN epitaxial planer transistor
XN4212 PANASONIC-XN4212 Datasheet
33Kb / 2P
   Silicon NPN epitaxial planer transistor
XN4216 PANASONIC-XN4216 Datasheet
32Kb / 2P
   Silicon NPN epitaxial planer transistor
XN4502 PANASONIC-XN4502 Datasheet
34Kb / 2P
   Silicon NPN epitaxial planer transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com