Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XN1509 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # XN1509
Description  Silicon NPN epitaxial planer transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

XN1509 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  XN1509 Datasheet HTML 1Page - Panasonic Semiconductor XN1509 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Composite Transistors
XN1509
PT — Ta
IC — VCE
IC — VBE
VCE(sat) — IC
hFE — IC
fT — IE
Cob — VCB
0
0
160
40
120
80
240
200
160
120
80
40
Ambient temperature Ta (˚C)
0
012
210
48
6
120
100
80
60
40
20
Collector to emitter voltage VCE (V)
Ta=25˚C
IB=300
µA
100
µA
150
µA
200
µA
250
µA
50
µA
0
60
50
40
30
20
10
Base to emitter voltage VBE (V)
01.2
0.2
1.0
0.4
0.8
0.6
VCE=10V
Ta=75˚C
– 25˚C
25˚C
0.01
0.03
13
0.1
0.3
1
3
10
30
100
10
30
100
300
1000
Collector current IC (mA)
IC/IB=10
Ta=75˚C
25˚C
– 25˚C
0
0.1
0.3
600
500
400
300
200
100
1
3
10
30
100
Collector current IC (mA)
VCE=10V
Ta=75˚C
25˚C
– 25˚C
0.1
0.3
1
3
10
30
100
Emitter current IE (mA)
0
600
500
400
300
200
100
VCB=10V
Ta=25˚C
0
1
6
5
4
3
2
1
3
10
30
100
Collector to base voltage VCB (V)
f=1MHz
IE=0
Ta=25˚C


Similar Part No. - XN1509

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
XN1501 PANASONIC-XN1501 Datasheet
30Kb / 2P
Silicon NPN epitaxial planer transistor
XN1504 PANASONIC-XN1504 Datasheet
33Kb / 2P
Silicon NPN epitaxial planer transistor
XN1504 PANASONIC-XN1504 Datasheet
87Kb / 3P
Silicon NPN epitaxial planar type
XN1507 PANASONIC-XN1507 Datasheet
32Kb / 2P
Silicon NPN epitaxial planer transistor
More results

Similar Description - XN1509

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UN9211 PANASONIC-UN9211 Datasheet
202Kb / 15P
Silicon NPN epitaxial planer transistor
XN1214 PANASONIC-XN1214 Datasheet
33Kb / 2P
Silicon NPN epitaxial planer transistor
XN1507 PANASONIC-XN1507 Datasheet
32Kb / 2P
Silicon NPN epitaxial planer transistor
XN2212 PANASONIC-XN2212 Datasheet
33Kb / 2P
Silicon NPN epitaxial planer transistor
XN2501 PANASONIC-XN2501 Datasheet
33Kb / 2P
Silicon NPN epitaxial planer transistor
XN4212 PANASONIC-XN4212 Datasheet
33Kb / 2P
Silicon NPN epitaxial planer transistor
XN4216 PANASONIC-XN4216 Datasheet
32Kb / 2P
Silicon NPN epitaxial planer transistor
XN4502 PANASONIC-XN4502 Datasheet
34Kb / 2P
Silicon NPN epitaxial planer transistor
XP1554 PANASONIC-XP1554 Datasheet
34Kb / 2P
Silicon NPN epitaxial planer transistor
XP2211 PANASONIC-XP2211 Datasheet
33Kb / 2P
Silicon NPN epitaxial planer transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com