Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KQ2 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # KQ2
Description  One-touch Fittings
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KQ2 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button KQ2 Datasheet HTML 10Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 11Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 12Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 13Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 14Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 15Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 16Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 17Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 120 page
background image
11
Series
KQ2
Applicable Tubing: Metric Size, Connection Thread: M, R, Rc
øD
1
Applicable tubing
H
ø
D2
Connection thread
ø
D2
øD
1
Applicable tubing
Connection thread
(With sealant)
H
45° Male Elbow: KQ2K (Gasket seal)
Note) øD1 is maximum diameter.
l/A: Brass, N: Brass + Electroless nickel plated
45° Male Elbow: KQ2K (Sealant)
l/A: Brass, N: Brass + Electroless nickel plated
* Reference dimensions after installation of R
thread
Note) øD1 is maximum diameter.
Dimensions
Applicable
tubing O.D.
(mm)
Connection
thread
M
Model
H
(Width
across
flats)
Note)
ø
D1 øD2 L1
L2
A
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
4
M5 x 0.8
KQ2K04-M5
l 7
8.2
7
14.4 13.1 22.8 13.3 3.4
3.4
2.5
3
M6 x 1.0
KQ2K04-M6
l 8
8.2
7
14.4 14.1 22.8 13.3 3.4
3.4
2.5
4.1
ø
6
M5 x 0.8
KQ2K06-M5
l 7 10.4 7 14.4 17
27.4 13.3 3.4
3.4
2.5
3.5
M6 x 1.0
KQ2K06-M6
l 8 10.4 7 14.4 18
27.4 13.3 3.4
3.4
2.5
4.5
Applicable
tubing O.D.
(mm)
Connection
thread
R
Model
H
(Width
across
flats)
Note)
ø
D1 øD2 L1
L2 A*
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
4
1/8
KQ2K04-01
lS 10
8.2
10 14.4 12.7 22.3 13.3
3.4
3.4
3
4.6
1/4
KQ2K04-02
lS 14
8.2
10 14.4 17.2 25.2 13.3
3.4
3.4
3
14.1
ø
6
1/8
KQ2K06-01
lS 10 10.4 10 14.7 14.8 25.3 13.3 8.7 6.9 4.5 5
1/4
KQ2K06-02
lS 14 10.4 10 14.7 19.3 28.2 13.3 8.7 6.9 4.5 14.5
3/8
KQ2K06-03
lS 17 10.4 10 14.7 20.6 29.1 13.3 8.7 6.9 4.5 26.2
ø
8
1/8
KQ2K08-01
lS 10 13.2 10 16
15.7 28
14.2
8.7
8.7
4.5
6
1/4
KQ2K08-02
lS 14 13.2 12 16
22.4 33.1 14.2 19.7 19.7
6
17.5
3/8
KQ2K08-03
lS 17 13.2 12 16
22.5 32.8 14.2 19.7 19.7
6
24.5
ø
10
1/8
KQ2K10-01
lS 12 15.9 12 18.2 21.5 36.2 15.6 30.9 23.2 6
11.1
1/4
KQ2K10-02
lS 17 15.9 17 17.6 29.1 41.8 15.6 30.9 23.2 7.5 21.8
3/8
KQ2K10-03
lS 17 15.9 17 17.6 24.3 36.6 15.6 30.9 23.2 7.5 21.7
1/2
KQ2K10-04
lS 22 15.9 17 17.6 28.3 39.3 15.6 30.9 23.2 7.5 44.1
ø
12
1/4
KQ2K12-02
lS 17 18.5 17 19.4 29
43.8 17
44.5 35.1
9
23.3
3/8
KQ2K12-03
lS 17 18.5 17 19.4 24.2 38.6 17
44.5 35.1
9
23.2
1/2
KQ2K12-04
lS 22 18.5 17 19.4 28.2 41.3 17
44.5 35.1
9
45.7
ø
16
1/4
KQ2K16-02
lS 17 23.8 17 24.3 29.6 49.2 20.6 44.5 44.5 9
27.7
3/8
KQ2K16-03
lS 22 23.8 21 23.8 31.4 50.2 20.6 65.8 58
11
39.2
1/2
KQ2K16-04
lS 22 23.8 21 23.8 30.1 47.6 20.6 91.9 58
13
42.9
New
New


Similar Part No. - KQ2

ManufacturerPart #DatasheetDescription
logo
SMC Corporation.
KQ2 SMC-CORP-KQ2 Datasheet
3Mb / 79P
Metric Size One-touch Fittings
KQ2F02-01AS SMC-CORP-KQ2F02-01AS Datasheet
3Mb / 79P
Metric Size One-touch Fittings
KQ2F02-01GS SMC-CORP-KQ2F02-01GS Datasheet
3Mb / 79P
Metric Size One-touch Fittings
KQ2F02-01NS SMC-CORP-KQ2F02-01NS Datasheet
3Mb / 79P
Metric Size One-touch Fittings
KQ2F02-02AS SMC-CORP-KQ2F02-02AS Datasheet
3Mb / 79P
Metric Size One-touch Fittings
More results

Similar Description - KQ2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
KR01 HIROSE-KR01 Datasheet
403Kb / 3P
one touch push pull lock
logo
DDK Ltd.
FSE DDK-FSE Datasheet
121Kb / 3P
Locking-with-one-touch system
logo
ATMEL Corporation
AT42QT1011 ATMEL-AT42QT1011 Datasheet
252Kb / 18P
One-channel Touch Sensor IC
AT42QT1010 ATMEL-AT42QT1010 Datasheet
264Kb / 20P
One-channel Touch Sensor IC
logo
Tontek Design Technolog...
SS8022W TONTEK-SS8022W Datasheet
59Kb / 6P
One channel LED Touch Dimmer
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
bUTTWELD fittings
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
Adapter for Miscellaneous Fittings
logo
Axiomtek Co., Ltd.
MPC152-832 AXIOMTEK-MPC152-832 Datasheet
418Kb / 2P
One key touch screen on/off button
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
PUSH-IN fittings, metric
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com