Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KQ2 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # KQ2
Description  One-touch Fittings
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KQ2 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button KQ2 Datasheet HTML 9Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 10Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 11Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 12Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 13Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 14Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 15Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 16Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 120 page
background image
10
Metric Size One-touch Fittings
Series
KQ2
Applicable Tubing: Metric Size, Connection Thread: M, R, Rc
øN
ø
D
Q1
L1
M
2 x Applicable tubing
H
Connection thread
øN
Q1
L1
M
2 x Applicable tubing
H
Connection thread
(With sealant)
ø
D
Male Branch Connector: KQ2LU (Sealant)
* Reference dimensions after installation of R
thread
Note) øD is maximum diameter.
Male Branch Connector: KQ2LU (Gasket seal)
Note) øD is maximum diameter.
l/A: Brass, N: Brass + Electroless nickel plated
l/A: Brass, N: Brass + Electroless nickel plated
Dimensions
Applicable
tubing O.D.
(mm)
Connection
thread
R
Model
H
(Width
across
flats)
Note)
ø
D L1 L2 L3 A* M P øO øN Q1 Q2
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
4
1/8
KQ2LU04-01
lS 10 8.2 15.8 23.3 27.4 24.3 13.3 8.2 6 3.2 15.8 7.9 6 4.1 3
9.5
1/4
KQ2LU04-02
lS 14 8.2 15.8 27.7 31.8 27.1 13.3 8.2 6 3.2 15.8 7.9 6 4.1 3 19.3
ø
6
1/8
KQ2LU06-01
lS 12 10.4 16.5 24 29.2 26.1 13.3 10.4 6 3.2 16.5 10 13.9 11 4.5 10.6
1/4
KQ2LU06-02
lS 14 10.4 16.5 28.4 33.6 28.9 13.3 10.4 6 3.2 16.5 10 13.9 11 4.5 19.5
3/8
KQ2LU06-03
lS 17 10.4 16.5 29.8 35 29.9 13.3 10.4 6 3.2 16.5 10 13.9 11 4.5 31.5
ø
8
1/8
KQ2LU08-01
lS 14 13.2 18.2 25.7 32.3 29.2 14.2 13.2 8 4.2 18.2 13.1 26.3 18.2 6 16.4
1/4
KQ2LU08-02
lS 14 13.2 18.2 30.1 36.7 32 14.2 13.2 8 4.2 18.2 13.1 26.3 18.2 6 21.5
3/8
KQ2LU08-03
lS 17 13.2 18.2 31.5 38.1 33 14.2 13.2 8 4.2 18.2 13.1 26.3 18.2 6 33.3
ø
10
1/4
KQ2LU10-02
lS 17 15.9 20.3 32.2 40.2 35.5 15.6 15.9 8 4.2 20.3 15.9 40.8 29 7.5 26.6
3/8
KQ2LU10-03
lS 17 15.9 20.3 33.6 41.6 36.5 15.6 15.9 8 4.2 20.3 15.9 40.8 29 7.5 34.4
1/2
KQ2LU10-04
lS 22 15.9 20.3 37.8 45.8 39.4 15.6 15.9 8 4.2 20.3 15.9 40.8 29 7.5 62.3
ø
12
1/4
KQ2LU12-02
lS 19 18.5 22.5 34.4 43.6 38.9 17 18.5 8 4.2 22.5 17.9 57.2 45.2 9 37.7
3/8
KQ2LU12-03
lS 19 18.5 22.5 35.8 45 39.9 17 18.5 8 4.2 22.5 17.9 57.2 45.2 9 40.6
1/2
KQ2LU12-04
lS 22 18.5 22.5 40 49.2 42.8 17 18.5 8 4.2 22.5 17.9 57.2 45.2 9 62.7
Applicable
tubing O.D.
(mm)
Connection
thread
M
Model
H
(Width
across
flats)
Note)
ø
D L1 L2 L3 A M P øO øN Q1 Q2
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
4
M5 x 0.8
KQ2LU04-M5
l 10 8.2 15.8 20.7 24.8 21.8 13.3 8.2 6 3.2 15.8 7.9 4.3 4.1 1.8 6.9
M6 x 1.0
KQ2LU04-M6
l 10 8.2 15.8 21.7 25.8 21.8 13.3 8.2 6 3.2 15.8 7.9 4.3 4.1 3
6.8
ø
6
M5 x 0.8
KQ2LU06-M5
l 12 10.4 16.5 21.4 26.6 23.6 13.3 10.4 6 3.2 16.5 10 4.3 4.3 1.8 10.3
M6 x 1.0
KQ2LU06-M6
l 12 10.4 16.5 22.4 27.6 23.6 13.3 10.4 6 3.2 16.5 10 4.3 4.3 3 10.3


Similar Part No. - KQ2

ManufacturerPart #DatasheetDescription
logo
SMC Corporation.
KQ2 SMC-CORP-KQ2 Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01AS SMC-CORP-KQ2F02-01AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01GS SMC-CORP-KQ2F02-01GS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01NS SMC-CORP-KQ2F02-01NS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-02AS SMC-CORP-KQ2F02-02AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
More results

Similar Description - KQ2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
KR01 HIROSE-KR01 Datasheet
403Kb / 3P
   one touch push pull lock
logo
DDK Ltd.
FSE DDK-FSE Datasheet
121Kb / 3P
   Locking-with-one-touch system
logo
ATMEL Corporation
AT42QT1011 ATMEL-AT42QT1011 Datasheet
252Kb / 18P
   One-channel Touch Sensor IC
AT42QT1010 ATMEL-AT42QT1010 Datasheet
264Kb / 20P
   One-channel Touch Sensor IC
logo
Tontek Design Technolog...
SS8022W TONTEK-SS8022W Datasheet
59Kb / 6P
   One channel LED Touch Dimmer
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
   bUTTWELD fittings
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
   Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
   Adapter for Miscellaneous Fittings
logo
Axiomtek Co., Ltd.
MPC152-832 AXIOMTEK-MPC152-832 Datasheet
418Kb / 2P
   One key touch screen on/off button
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
   PUSH-IN fittings, metric
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com