Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KQ2 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # KQ2
Description  One-touch Fittings
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KQ2 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button KQ2 Datasheet HTML 8Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 9Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 10Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 11Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 12Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 13Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 14Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 15Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 120 page
background image
9
Series
KQ2
Applicable Tubing: Metric Size, Connection Thread: M, R, Rc
ø
D2
ø
d
Applicable fitting size
ø
d
M
L1
Applicable tubing
ø
D2
Applicable tubing
M
L1
ø
d
Applicable fitting size
ø
d
2 x
øN
Q1
M
L1
3 x Applicable tubing
ø
D
øO
L
M
2 x Applicable tubing
ø
D
Q
Reducer Elbow: KQ2L
Note) øD1 is maximum diameter.
Union Elbow: KQ2L
Plug-in Elbow: KQ2L
Note) øD is maximum diameter.
Note) øD1 is maximum diameter.
Branch Union Elbow: KQ2LU
Note) øD is maximum diameter.
Dimensions
Applicable
tubing O.D.
(mm)
Model
Note)
ø
D L1 L2 Q1 Q2 M
P øO øN
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
4
KQ2LU04-00A 8.2 15.8 19.9 15.8 7.9 13.3 8.2 6 3.2 6
4.1 3
3.1
ø
6
KQ2LU06-00A 10.4 16.5 21.7 16.5 10 13.3 10.4 6 3.2 13.9 11
4.5 4.4
ø
8
KQ2LU08-00A 13.2 18.2 24.8 18.2 13.1 14.2 13.2 8 4.2 26.3 18.2 6
8
ø
10
KQ2LU10-00A 15.9 20.3 28.3 20.3 15.9 15.6 15.9 8 4.2 40.8 29
7.5 12.2
ø
12
KQ2LU12-00A 18.5 22.5 31.7 22.5 17.9 17 18.5 8 4.2 57.2 45.2 9
18.1
Applicable
tubing O.D.
(mm)
Applicable
fitting size
ø
d
Model
Note)
ø
D1 øD2 L1
L2
A
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
3.2
ø
4
KQ2L23-04A
7.1
6.4 14.5 23.9 14.1 13.3
3
2.5 2.5
1.1
ø
6
KQ2L23-06A
7.1
6.4 14.5 24.1 14.3 13.3
3
2.5 2.5
1.3
ø
4
ø
6
KQ2L04-06A
8.2
7.2 14.8 24.6 15.4 13.3
4.2
4.2 3
1.5
ø
8
KQ2L04-08A
8.2
7.2 14.8 29.5 19.4 13.3
4.2
4.2 3
1.8
ø
6
ø
8
KQ2L06-08A 10.4
9
15.5 24.2 15.2 13.3 11.4
9
4.5
2.1
ø
10
KQ2L06-10A 10.4
9
15.5 31.6 21.2 13.3 11.4
9
4.5
2.7
ø
8
ø
10
KQ2L08-10A 13.2 10
18.8 27.1 18.1 14.2 21.6 14.9 6
3.5
ø
12
KQ2L08-12A 13.2 10
18.8 34
23.6 14.2 21.6 14.9 6
4.9
ø
10
ø
12
KQ2L10-12A 15.9 12
19.3 35.6 26.5 15.6 35.2 25
7.5
5.6
ø
12
ø
16
KQ2L12-16A 18.5 14
21.5 42.6 31.2 17
50.2 39.7 9
8.7
Applicable
tubing O.D.
(mm)
Applicable
fitting size
ø
d
Model
Note)
ø
D1 øD2 L1
L2
A
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
3.2
ø
3.2 KQ2L23-99A 7.1
6.4 14.4 20.9 11.1 13.3
3
2.5
2.2
0.9
ø
4
ø
4
KQ2L04-99A 8.2
7.2 14.5 21.1 11.9 13.3
4.2 4.2
2.5
1.2
ø
6
ø
6
KQ2L06-99A 10.4
8
15.3 22.3 14.2 13.3
9
9
4
1.8
ø
8
ø
8
KQ2L08-99A 13.2 10
17.2 26.2 18.6 14.2 21.6 14.9
6
3
ø
10
ø
10 KQ2L10-99A 15.9 12
19.3 28.2 20.5 15.6 35.2 25
7.5
4.7
ø
12
ø
12 KQ2L12-99A 18.5 14
21.5 31
23.2 17
50.2 39.7
9
7
ø
16
ø
16 KQ2L16-99A 23.8 20
27.1 36.8 28.1 20.6 100
58.9 13
13.7
Applicable
tubing O.D.
(mm)
Model
Note)
ø
D
L
Q
M
ø
O øN
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
3.2
KQ2L23-00A
7.1 14.9
5.4 13.3
6
3.2
3
2.5
2.5
1.6
ø
4
KQ2L04-00A
8.2 15.3
5.7 13.3
6
3.2
4.2 4.2
3
1.9
ø
6
KQ2L06-00A
10.4 16.3
6.8 13.3
6
3.2
11.4 9
4.5
2.7
ø
8
KQ2L08-00A
13.2 18.2
8.4 14.2
8
4.2
21.6 14.9
6
4.7
ø
10
KQ2L10-00A
15.9 20.6
9.6 15.6
8
4.2
35.2 25
7.5
7.1
ø
12
KQ2L12-00A
18.5 23
10.7 17
8
4.2
50.2 39.7
9
10.3
ø
16
KQ2L16-00A
23.8 28.6 13.4 20.6
8
4.2 100
58.9 13
19.7


Similar Part No. - KQ2

ManufacturerPart #DatasheetDescription
logo
SMC Corporation.
KQ2 SMC-CORP-KQ2 Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01AS SMC-CORP-KQ2F02-01AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01GS SMC-CORP-KQ2F02-01GS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01NS SMC-CORP-KQ2F02-01NS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-02AS SMC-CORP-KQ2F02-02AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
More results

Similar Description - KQ2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
KR01 HIROSE-KR01 Datasheet
403Kb / 3P
   one touch push pull lock
logo
DDK Ltd.
FSE DDK-FSE Datasheet
121Kb / 3P
   Locking-with-one-touch system
logo
ATMEL Corporation
AT42QT1011 ATMEL-AT42QT1011 Datasheet
252Kb / 18P
   One-channel Touch Sensor IC
AT42QT1010 ATMEL-AT42QT1010 Datasheet
264Kb / 20P
   One-channel Touch Sensor IC
logo
Tontek Design Technolog...
SS8022W TONTEK-SS8022W Datasheet
59Kb / 6P
   One channel LED Touch Dimmer
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
   bUTTWELD fittings
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
   Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
   Adapter for Miscellaneous Fittings
logo
Axiomtek Co., Ltd.
MPC152-832 AXIOMTEK-MPC152-832 Datasheet
418Kb / 2P
   One key touch screen on/off button
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
   PUSH-IN fittings, metric
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com