Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KQ2 Datasheet(PDF) 106 Page - List of Unclassifed Manufacturers

Part # KQ2
Description  One-touch Fittings
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KQ2 Datasheet(HTML) 106 Page - List of Unclassifed Manufacturers

Back Button KQ2 Datasheet HTML 102Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 103Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 104Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 105Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 106Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 107Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 108Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 109Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 110Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 120 page
background image
106
Metric Size Uni One-touch Fittings
Series
KQ2
Applicable Tubing: Metric Size, Connection Thread: Rc, G, NPT, NPTF
ø
D2
M
L1
L1
M
H
Connection
thread
2 x Applicable
tubing
ø
D2
M
L1
ø
D1
H
Connection
thread
2 x Applicable
tubing
ø
D
P
ø
D
2 x ø
N
2 x øO
H
Q
Q
Connection
thread
2 x Applicable
tubing
Male Branch Tee: KQ2T (Gasket seal)
Male Run Tee: KQ2Y (Gasket seal)
Branch “Y”: KQ2U (Gasket seal)
Dimensions
* Reference dimensions after installation of Uni thread
Note) øD1 is maximum diameter.
l/A: Brass, N: Brass + Electroless nickel plated
* Reference dimensions after installation of Uni thread
Note) øD1 is maximum diameter.
l/A: Brass, N: Brass + Electroless nickel plated
* Reference dimensions after installation of Uni thread
Note) øD is maximum diameter.
l/A: Brass, N: Brass + Electroless nickel plated
Applicable
tubing O.D.
(mm)
Connection
thread
Uni
Model
H
(Width
across
flats)
Note)
ø
D L
P A* M Q øO øN
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
4
1/8
KQ2U04-U01
l 11 8.2 35.4 8.2 30.6 13.3 5.7 6 3.2 4.2 4.2 3.6 8.6
1/4
KQ2U04-U02
l 14 8.2 37.4 8.2 31 13.3 5.7 6 3.2 4.2 4.2 3.6 14.6
ø
6
1/8
KQ2U06-U01
l 12 10.4 36.8 10.4 32 13.3 6.8 6 3.2 13.4 10.6 5.4 10
1/4
KQ2U06-U02
l 14 10.4 38.5 10.4 32.1 13.3 6.8 6 3.2 13.4 10.6 5.4 15
3/8
KQ2U06-U03
l 17 10.4 39.3 10.4 32.9 13.3 6.8 6 3.2 13.4 10.6 5.4 23.3
ø
8
1/8
KQ2U08-U01
l 14 13.2 41.6 13.2 36.8 14.2 8.7 8 4.2 25.6 17.7 6 17.6
1/4
KQ2U08-U02
l 14 13.2 42.6 13.2 36.2 14.2 8.7 8 4.2 25.6 17.7 7.3 18.3
3/8
KQ2U08-U03
l 17 13.2 42.4 13.2 36 14.2 8.7 8 4.2 25.6 17.7 7.3 25.5
ø
10
1/4
KQ2U10-U02
l 17 15.9 47.6 15.9 41.2 15.6 10.1 8 4.2 40 28.4 9 25.3
3/8
KQ2U10-U03
l 19 15.9 47.5 15.9 41.1 15.6 10.1 8 4.2 40 28.4 9.4 31.6
1/2
KQ2U10-U04
l 22 15.9 49.4 15.9 40.8 15.6 10.1 8 4.2 40 28.4 9.4 47.6
ø
12
1/4
KQ2U12-U02
l 22 18.5 52.1 18.5 45.7 17 11.4 8 4.2 57.4 45.4 9 42.6
3/8
KQ2U12-U03
l 22 18.5 52 18.5 45.6 17 11.4 8 4.2 57.4 45.4 11 41.2
1/2
KQ2U12-U04
l 22 18.5 53.4 18.5 44.8 17 11.4 8 4.2 57.4 45.4 11.6 48.8
Applicable
tubing O.D.
(mm)
Connection
thread
Uni
Model
H
(Width
across
flats)
Note)
ø
D1 øD2 L1 L2 L3 A* M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
4
1/8
KQ2Y04-U01
l 10
8.2 10 15.3 16.4 15.3 26.9 13.3
6.4 4
3
5.6
1/4
KQ2Y04-U02
l 14
8.2 10 15.3 19.2 15.3 28.1 13.3
6.4 4
3
12.2
ø
6
1/8
KQ2Y06-U01
l 10 10.4 10 16.3 17.5 16.3 29 13.3 13.4 10.6 4.5 6.3
1/4
KQ2Y06-U02
l 14 10.4 10 16.3 20.3 16.3 30.2 13.3 13.4 10.6 4.5 13
3/8
KQ2Y06-U03
l 17 10.4 10 16.3 21.4 16.3 31.3 13.3 13.4 10.6 4.5 22.5
ø
8
1/8
KQ2Y08-U01
l 10 13.2 10 18.2 18.9 18.2 32.3 14.2 13.4 13.4 4.5 8
1/4
KQ2Y08-U02
l 14 13.2 12 18.2 21.7 18.2 33.5 14.2 25.6 17.7 6 12.7
3/8
KQ2Y08-U03
l 17 13.2 12 18.2 22.8 18.2 34.6 14.2 25.6 17.7 6 22
ø
10
1/8
KQ2Y10-U01
l 14 15.9 12 20.6 21.4 20.6 37.3 15.6 40 28.4 6 15.2
1/4
KQ2Y10-U02
l 17 15.9 17 20.6 24.2 20.6 38.5 15.6 40 28.4 7.5 19.7
3/8
KQ2Y10-U03
l 17 15.9 17 20.6 26.8 20.6 41.1 15.6 40 28.4 7.5 20.7
1/2
KQ2Y10-U04
l 22 15.9 17 20.6 34.4 20.6 46.5 15.6 40 28.4 7.5 50.9
ø
12
1/4
KQ2Y12-U02
l 17 18.5 17 23 25.5 23 42.2 17
57.4 45.4 9
22.8
3/8
KQ2Y12-U03
l 17 18.5 17 23 28.1 23 44.8 17
57.4 45.4 9
23.9
1/2
KQ2Y12-U04
l 22 18.5 17 23 35.7 23 50.2 17
57.4 45.4 9
54.2
ø
16
3/8
KQ2Y16-U03
l 22 23.8 21 28.6 32.4 28.6 54.6 20.6 81 60 11 44.9
1/2
KQ2Y16-U04
l 22 23.8 21 28.6 35 28.6 55 20.6 113 60 13 55.4
Applicable
tubing O.D.
(mm)
Connection
thread
Uni
Model
H
(Width
across
flats)
Note)
ø
D1 øD2 L1
L2 A*
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
4
1/8
KQ2T04-U01
l 10
8.2 10 14.8 16.4 15.7 13.3
6
4.1
3
5.5
1/4
KQ2T04-U02
l 14
8.2 10 14.8 19.2 16.9 13.3
6
4.1
3
12.2
ø
6
1/8
KQ2T06-U01
l 10 10.4 10 15.5 17.5 17.9 13.3 13.9 11
4.5
6.2
1/4
KQ2T06-U02
l 14 10.4 10 15.5 20.3 19.1 13.3 13.9 11
4.5 12.9
3/8
KQ2T06-U03
l 17 10.4 10 15.5 21.4 20.2 13.3 13.9 11
4.5 22.3
ø
8
1/8
KQ2T08-U01
l 10 13.2 10 16.4 18.9 20.7 14.2 13.9 13.9 4.5 7.9
1/4
KQ2T08-U02
l 14 13.2 12 17.2 21.7 21.9 14.2 26.3 18.2 6
12.6
3/8
KQ2T08-U03
l 17 13.2 12 17.2 22.8 23
14.2 26.3 18.2
6
21.9
ø
10
1/8
KQ2T10-U01
l 14 15.9 12 18.6 21.4 24.6 15.6 21.6 14.9 6
15.1
1/4
KQ2T10-U02
l 17 15.9 17 19.3 24.2 25.8 15.6 35.2 25
7.5 19.5
3/8
KQ2T10-U03
l 17 15.9 17 19.3 26.8 28.4 15.6 35.2 25
7.5 20.5
1/2
KQ2T10-U04
l 22 15.9 17 19.3 34.4 33.8 15.6 35.2 25
7.5 50.8
ø
12
1/4
KQ2T12-U02
l 17 18.5 17 21.5 25.5 28.4 17
57.2 45.2
9
22.5
3/8
KQ2T12-U03
l 17 18.5 17 21.5 28.1 31
17
57.2 45.2
9
23.6
1/2
KQ2T12-U04
l 22 18.5 17 21.5 35.7 36.4 17
57.2 45.2
9
53.9
ø
16
3/8
KQ2T16-U03
l 22 23.8 21 27.1 32.4 37.9 20.6 71 58.9 11
44.3
1/2
KQ2T16-U04
l 22 23.8 21 27.1 35
38.3 20.6 100
58.9 13
54.8
A


Similar Part No. - KQ2

ManufacturerPart #DatasheetDescription
logo
SMC Corporation.
KQ2 SMC-CORP-KQ2 Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01AS SMC-CORP-KQ2F02-01AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01GS SMC-CORP-KQ2F02-01GS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01NS SMC-CORP-KQ2F02-01NS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-02AS SMC-CORP-KQ2F02-02AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
More results

Similar Description - KQ2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
KR01 HIROSE-KR01 Datasheet
403Kb / 3P
   one touch push pull lock
logo
DDK Ltd.
FSE DDK-FSE Datasheet
121Kb / 3P
   Locking-with-one-touch system
logo
ATMEL Corporation
AT42QT1011 ATMEL-AT42QT1011 Datasheet
252Kb / 18P
   One-channel Touch Sensor IC
AT42QT1010 ATMEL-AT42QT1010 Datasheet
264Kb / 20P
   One-channel Touch Sensor IC
logo
Tontek Design Technolog...
SS8022W TONTEK-SS8022W Datasheet
59Kb / 6P
   One channel LED Touch Dimmer
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
   bUTTWELD fittings
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
   Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
   Adapter for Miscellaneous Fittings
logo
Axiomtek Co., Ltd.
MPC152-832 AXIOMTEK-MPC152-832 Datasheet
418Kb / 2P
   One key touch screen on/off button
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
   PUSH-IN fittings, metric
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com