Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KQ2 Datasheet(PDF) 105 Page - List of Unclassifed Manufacturers

Part # KQ2
Description  One-touch Fittings
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KQ2 Datasheet(HTML) 105 Page - List of Unclassifed Manufacturers

Back Button KQ2 Datasheet HTML 101Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 102Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 103Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 104Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 105Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 106Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 107Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 108Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 109Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 120 page
background image
105
Series
KQ2
Applicable Tubing: Metric Size, Connection Thread: Rc, G, NPT, NPTF
ø
D2
L1
øD
1
H
Connection
thread
Applicable
tubing
L1
M
H
ø
D2
Connection
thread
Applicable
tubing
L1
M
ø
D2
H
Connection
thread
Applicable
tubing
45° Male Elbow: KQ2K (Gasket seal)
Universal Male Elbow: KQ2V (Gasket seal)
Extended Male Elbow: KQ2W (Gasket seal)
Dimensions
* Reference dimensions after installation of
Uni thread
Note) øD1 is maximum diameter.
l/A: Brass, N: Brass + Electroless nickel plated
* Reference dimensions after installation of
Uni thread
Note) øD1 is maximum diameter.
l/A: Brass, N: Brass + Electroless nickel plated
* Reference dimensions after installation of
Uni thread
Note) øD1 is maximum diameter.
l/A: Brass, N: Brass + Electroless nickel plated
Applicable
tubing O.D.
(mm)
Connection
thread
Uni
Model
H
(Width
across
flats)
Note)
ø
D1 øD2 L1
L2 A*
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
4
1/8
KQ2W04-U01
l 10
8.2 10 14.8 24.1 23.4 13.3
4
4
3
8.3
1/4
KQ2W04-U02
l 14
8.2 10 14.8 30.1 27.8 13.3
4
4
3
23.9
ø
6
1/8
KQ2W06-U01
l 10 10.4 10 15.5 31.2 31.6 13.3 10.9 8.6 4.5 11.5
1/4
KQ2W06-U02
l 14 10.4 10 15.5 31.2 30
13.3 10.9
8.6 4.5 24.3
3/8
KQ2W06-U03
l 17 10.4 10 15.5 32.3 31.1 13.3 10.9 8.6 4.5 41
ø
8
1/8
KQ2W08-U01
l 10 13.2 10 16.4 32.6 34.4 14.2 10.9 10.9 4.5 12.3
1/4
KQ2W08-U02
l 14 13.2 12 17.2 35.4 35.6 14.2 20.5 14.2 6
24.1
3/8
KQ2W08-U03
l 17 13.2 12 17.2 36.5 36.7 14.2 20.5 14.2 6
42.5
ø
10
1/4
KQ2W10-U02
l 17 15.9 17 19.3 48.5 50.1 15.6 33.5 23.8 7.5 54.2
3/8
KQ2W10-U03
l 17 15.9 17 19.3 45.8 47.4 15.6 33.5 23.8 7.5 47
1/2
KQ2W10-U04
l 22 15.9 17 19.3 53.4 52.8 15.6 33.5 23.8 7.5 95.5
ø
12
1/4
KQ2W12-U02
l 17 18.5 17 21.5 49.8 52.7 17
47.7 37.7 9
55.9
3/8
KQ2W12-U03
l 17 18.5 17 21.5 47.1 50
17
47.7 37.7 9
48.9
1/2
KQ2W12-U04
l 22 18.5 17 21.5 54.7 55.4 17
47.7 37.7 9
97.4
Applicable
tubing O.D.
(mm)
Connection
thread
Uni
Model
H
(Width
across
flats)
Note)
ø
D1 øD2 L1
L2 A*
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
4
1/8
KQ2K04-U01
l 10
8.2 10 14.4 12.9 20.8 13.3
3.4
3.4 4.5
4.7
1/4
KQ2K04-U02
l 14
8.2 10 14.4 14.7 21
13.3
3.4
3.4 4.5 11.3
ø
6
1/8
KQ2K06-U01
l 10 10.4 10 14.7 15
23.8 13.3
8.7
6.9 4.5
5.1
1/4
KQ2K06-U02
l 14 10.4 10 14.7 16.8 24
13.3
8.7
6.9 4.5 11.7
3/8
KQ2K06-U03
l 17 10.4 10 14.7 17.9 25.1 13.3 8.7 6.9 4.5 21.2
ø
8
1/8
KQ2K08-U01
l 10 13.2 10 16
15.9 26.5 14.2
8.7
8.7 4.5
6
1/4
KQ2K08-U02
l 14 13.2 12 16
18.7 27.7 14.2 19.7 19.7 6
10.7
3/8
KQ2K08-U03
l 17 13.2 12 16
19.8 28.8 14.2 19.7 19.7 6
20
ø
10
1/8
KQ2K10-U01
l 14 15.9 12 18.2 19.4 32.4 15.6 30.9 23.2 6
12.2
1/4
KQ2K10-U02
l 17 15.9 17 17.6 24.7 35.7 15.6 30.9 23.2 7.5 17
3/8
KQ2K10-U03
l 17 15.9 17 17.6 21.6 32.6 15.6 30.9 23.2 7.5 17.4
1/2
KQ2K10-U04
l 22 15.9 17 17.6 29.2 38
15.6 30.9 23.2 7.5 47.7
ø
12
1/4
KQ2K12-U02
l 17 18.5 17 19.4 24.6 37.7 17
44.5 35.1 9
18.5
3/8
KQ2K12-U03
l 17 18.5 17 19.4 21.5 34.6 17
44.5 35.1 9
18.9
1/2
KQ2K12-U04
l 22 18.5 17 19.4 29.1 40
17
44.5 35.1 9
49.2
Applicable
tubing O.D.
(mm)
Connection
thread
Uni
Model
H
(Width
across
flats)
Note)
ø
D1 øD2 L1 L2 L3 A* M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
4
1/8
KQ2V04-U01
l
8
8.2 13.4 19.3 13.6 25.5 20.7 13.3 2.9 2.9 4.5 13.5
ø
6
1/8
KQ2V06-U01
l
8 10.4 13.4 20.5 13.6 25.5 20.7 13.3 7.5 5.9 4.5 13.9
1/4
KQ2V06-U02
l 10 10.4 15.3 19.9 15.4 28 21.6 13.3 7.5 5.9 4.5 21.8
ø
8
1/8
KQ2V08-U01
l 12 13.2 17.6 23.5 15 27.5 22.7 14.2 16 11.2 6
23.7
1/4
KQ2V08-U02
l 12 13.2 17.6 23.5 17 29.5 23.1 14.2 16 11.2 6
28
3/8
KQ2V08-U03
l 14 13.2 20.6 23.1 18.2 34 27.6 14.2 20.5 14.3 7.5 43.1
ø
10
1/4
KQ2V10-U02
l 14 15.9 20.6 25.9 19 34 27.6 15.6 27 20.3 7.5 38.9
3/8
KQ2V10-U03
l 14 15.9 20.6 25.9 19 34 27.6 15.6 27 20.3 7.5 44.4
ø
12
3/8
KQ2V12-U03
l 17 18.5 25.2 28.5 20.2 36.4 30 17 39 30.8 9
60.5
1/2
KQ2V12-U04
l 17 18.5 25.2 28.5 22.9 39.1 30.5 17 39 30.8 9
74.5


Similar Part No. - KQ2

ManufacturerPart #DatasheetDescription
logo
SMC Corporation.
KQ2 SMC-CORP-KQ2 Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01AS SMC-CORP-KQ2F02-01AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01GS SMC-CORP-KQ2F02-01GS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01NS SMC-CORP-KQ2F02-01NS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-02AS SMC-CORP-KQ2F02-02AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
More results

Similar Description - KQ2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
KR01 HIROSE-KR01 Datasheet
403Kb / 3P
   one touch push pull lock
logo
DDK Ltd.
FSE DDK-FSE Datasheet
121Kb / 3P
   Locking-with-one-touch system
logo
ATMEL Corporation
AT42QT1011 ATMEL-AT42QT1011 Datasheet
252Kb / 18P
   One-channel Touch Sensor IC
AT42QT1010 ATMEL-AT42QT1010 Datasheet
264Kb / 20P
   One-channel Touch Sensor IC
logo
Tontek Design Technolog...
SS8022W TONTEK-SS8022W Datasheet
59Kb / 6P
   One channel LED Touch Dimmer
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
   bUTTWELD fittings
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
   Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
   Adapter for Miscellaneous Fittings
logo
Axiomtek Co., Ltd.
MPC152-832 AXIOMTEK-MPC152-832 Datasheet
418Kb / 2P
   One key touch screen on/off button
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
   PUSH-IN fittings, metric
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com