Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KQ2 Datasheet(PDF) 104 Page - List of Unclassifed Manufacturers

Part # KQ2
Description  One-touch Fittings
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KQ2 Datasheet(HTML) 104 Page - List of Unclassifed Manufacturers

Back Button KQ2 Datasheet HTML 100Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 101Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 102Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 103Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 104Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 105Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 106Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 107Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 108Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 120 page
background image
104
Metric Size Uni One-touch Fittings
Series
KQ2
Applicable Tubing: Metric Size, Connection Thread: Rc, G, NPT, NPTF
ø
D
H
Connection
thread
Applicable
tubing
ø
D
H
Connection
thread
Applicable
tubing
ø
D2
L1
M
H
Connection
thread
Applicable
tubing
Male Connector: KQ2H (Gasket seal)
Hexagon Socket Head Male Connector: KQ2S (Gasket seal)
Male Elbow: KQ2L (Gasket seal)
Dimensions
* Reference dimensions after installation of
Uni thread
l/A: Brass, N: Brass + Electroless nickel plated
* Reference dimensions after installation of
Uni thread
Note) øD is maximum diameter.
l/A: Brass, N: Brass + Electroless nickel plated
* Reference dimensions after installation of
Uni thread
Note) øD1, øD2 are maximum diameters.
l/A: Brass, N: Brass + Electroless nickel plated
Applicable
tubing O.D.
(mm)
Connection
thread
Uni
Model
H
(Width
across
flats)
Note)
ø
D1
Note)
ø
D2 L1
L2 A*
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
4
1/8
KQ2L04-U01
l 10
8.2 10 14.8 16.4 15.7 13.3
4.2
4.2
3
4.8
1/4
KQ2L04-U02
l 14
8.2 10 14.8 19.2 16.9 13.3
4.2
4.2
3
11.5
ø
6
1/8
KQ2L06-U01
l 10 10.4 10 15.5 17.5 17.9 13.3 11.4 9
4.5
5.3
1/4
KQ2L06-U02
l 14 10.4 10 15.5 20.3 19.1 13.3 11.4 9
4.5 12
3/8
KQ2L06-U03
l 17 10.4 10 15.5 21.4 20.2 13.3 11.4 9
4.5 21.4
ø
8
1/8
KQ2L08-U01
l 10 13.2 10 16.4 18.9 20.7 14.2 11.4 11.4 4.5 6.1
1/4
KQ2L08-U02
l 14 13.2 12 17.2 21.7 21.9 14.2 21.6 14.9 6
10.9
3/8
KQ2L08-U03
l 17 13.2 12 17.2 22.8 23.0 14.2 21.6 14.9 6
20.2
ø
10
1/8
KQ2L10-U01
l 14 15.9 12 18.6 21.5 24.6 15.6 21.6 14.9 6
12.3
1/4
KQ2L10-U02
l 17 15.9 17 19.3 24.3 25.8 15.6 35.2 25
7.5 16.9
3/8
KQ2L10-U03
l 17 15.9 17 19.3 26.9 28.4 15.6 35.2 25
7.5 17.9
1/2
KQ2L10-U04
l 22 15.9 17 19.3 34.5 33.8 15.6 35.2 25
7.5 48.2
ø
12
1/4
KQ2L12-U02
l 17 18.5 17 21.5 25.6 28.4 17
50.2 39.7
9
18.7
3/8
KQ2L12-U03
l 17 18.5 17 21.5 28.2 31.0 17
50.2 39.7
9
19.8
1/2
KQ2L12-U04
l 22 18.5 17 21.5 35.8 36.4 17
50.2 39.7
9
50
ø
16
3/8
KQ2L16-U03
l 22 23.8 21 27.1 32.4 37.9 20.6 71 58.9 11
37.4
1/2
KQ2L16-U04
l 22 23.8 21 27.1 35.0 38.3 20.6 100 58.9 13
47.9
Applicable
tubing O.D.
(mm)
Connection
thread
Uni
Model
H
(Width
across
flats)
Note)
ø
D
L1
L2
A*
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
4
1/8
KQ2S04-U01
l
3
10
20.6 19.6 15.8 13.3
4.1
3.6
3.1
8
ø
6
1/8
KQ2S06-U01
l
4
12
19.8 18.8 15
13.3 10
9.9
4.1
8.2
1/4
KQ2S06-U02
l
4
14
19.8 18.8 13.4 13.3 10.7 10
4.1 12.3
ø
8
1/8
KQ2S08-U01
l
5
14
20.7 19.7 15.9 14.2 17.2 16.2
5.1
9.4
1/4
KQ2S08-U02
l
6
14
20.5 19.5 14.1 14.2 23.3 16.2
6.1 10.9
3/8
KQ2S08-U03
l
6
17
20.7 19.7 14.3 14.2 23.3 16.2
6.1 19.8
ø
10
1/8
KQ2S10-U01
l
5
15
22.4 21.9 16.8 15.6 17.2 16.2
5.1 10.5
1/4
KQ2S10-U02
l
8
17
23.7 20.1 17.3 15.6 39
26.6
8.1 15.4
3/8
KQ2S10-U03
l
8
17
21.1 20.1 14.7 15.6 39
26.6
8.1 16.4
1/2
KQ2S10-U04
l
8
21
21.1 20.1 12.5 15.6 39
26.6
8.1 29.7
ø
12
1/4
KQ2S12-U02
l
8
18
27.8 21.5 21.4 17
46
44.5
8.1 20.7
3/8
KQ2S12-U03
l 10
18
22.8 21.8 16.4 17
60
44.5 10.1 16.1
1/2
KQ2S12-U04
l 10
21
22.8 21.8 14.2 17
60
44.5 10.1 28.1
Applicable
tubing O.D.
(mm)
Connection
thread
Uni
Model
H
(Width
across
flats)
ø
D
L
A*
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
4
1/8
KQ2H04-U01
l 10
7.7 15.9 11.1 13.3
5.6
4
3
6.6
1/4
KQ2H04-U02
l 14
7.7 15.3
8.9 13.3
5.6
4
3
12.7
ø
6
1/8
KQ2H06-U01
l 12
9.7 16.7 11.9 13.3
13.1 10.4
4.5
6.2
1/4
KQ2H06-U02
l 14
9.7 17
10.6 13.3
13.1 10.4
4.5 12.8
3/8
KQ2H06-U03
l 17
9.7 14.9
8.5 13.3
13.1 10.4
4.5 18.1
ø
8
1/8
KQ2H08-U01
l 14
12.2 20.6 15.8 14.2
26.1 18
6
7
1/4
KQ2H08-U02
l 14
12.2 18.5 12.1 14.2
26.1 18
6
10.1
3/8
KQ2H08-U03
l 17
12.2 14.9
8.5 14.2
26.1 18
6
15
ø
10
1/8
KQ2H10-U01
l 17
14.6 22.4 17.6 15.6
26.1 18
6
13.9
1/4
KQ2H10-U02
l 17
14.6 23.7 17.3 15.6
41.5 29.5
7.5 17.6
3/8
KQ2H10-U03
l 17
14.6 19.5 13.1 15.6
41.5 29.5
7.5 15.6
1/2
KQ2H10-U04
l 22
14.6 17
8.4 15.6
41.5 29.5
7.5 29.5
ø
12
1/4
KQ2H12-U02
l 19
17
24.8 18.4 17
58.3 46.1
9
13.8
3/8
KQ2H12-U03
l 19
17
21.8 15.4 17
58.3 46.1
9
17.9
1/2
KQ2H12-U04
l 22
17
17.7
9.1 17
58.3 46.1
9
25.4
ø
16
3/8
KQ2H16-U03
l 24
21.8 29.2 22.8 20.6
81
67
11
33.9
1/2
KQ2H16-U04
l 24
21.8 26.8 18.2 20.6 113
67
13
31.5


Similar Part No. - KQ2

ManufacturerPart #DatasheetDescription
logo
SMC Corporation.
KQ2 SMC-CORP-KQ2 Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01AS SMC-CORP-KQ2F02-01AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01GS SMC-CORP-KQ2F02-01GS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01NS SMC-CORP-KQ2F02-01NS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-02AS SMC-CORP-KQ2F02-02AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
More results

Similar Description - KQ2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
KR01 HIROSE-KR01 Datasheet
403Kb / 3P
   one touch push pull lock
logo
DDK Ltd.
FSE DDK-FSE Datasheet
121Kb / 3P
   Locking-with-one-touch system
logo
ATMEL Corporation
AT42QT1011 ATMEL-AT42QT1011 Datasheet
252Kb / 18P
   One-channel Touch Sensor IC
AT42QT1010 ATMEL-AT42QT1010 Datasheet
264Kb / 20P
   One-channel Touch Sensor IC
logo
Tontek Design Technolog...
SS8022W TONTEK-SS8022W Datasheet
59Kb / 6P
   One channel LED Touch Dimmer
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
   bUTTWELD fittings
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
   Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
   Adapter for Miscellaneous Fittings
logo
Axiomtek Co., Ltd.
MPC152-832 AXIOMTEK-MPC152-832 Datasheet
418Kb / 2P
   One key touch screen on/off button
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
   PUSH-IN fittings, metric
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com