Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KQ2 Datasheet(PDF) 102 Page - List of Unclassifed Manufacturers

Part # KQ2
Description  One-touch Fittings
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KQ2 Datasheet(HTML) 102 Page - List of Unclassifed Manufacturers

Back Button KQ2 Datasheet HTML 98Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 99Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 100Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 101Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 102Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 103Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 104Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 105Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 106Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 120 page
background image
102
Metric Size Uni One-touch Fittings
Series
KQ2
Applicable Tubing: Metric Size, Connection Thread: Rc, G, NPT, NPTF
A
06 U01
KQ2 H
One-touch fittings
Model
Thread material/Surface treatment
Applicable tubing O.D.
Port size
U01
KQG
Gasket for Uni
One-touch fittings
Applicable port size
How to Order Gasket
Spare Parts
How to Order
Symbol
Size
U01
Uni1/8
U02
Uni1/4
U03
Uni3/8
U04
Uni1/2
Symbol
Size
Thread
connection
U01
Uni1/8
U02
Uni1/4
U03
Uni3/8
U04
Uni1/2
Symbol
Size
04
ø4
06
ø6
08
ø8
10
ø10
12
ø12
16
ø16
Symbol
Thread material/Surface treatment
A
Brass
N
Brass + Electroless nickel plated
Symbol
Model
H
Male connector
S
Hexagon socket head male connector
L
Male elbow
K
45° male elbow
V
Universal male elbow
T
Male branch tee
W
Extended male elbow
Y
Male run tee
U
Branch “Y”
Threaded Type


Similar Part No. - KQ2

ManufacturerPart #DatasheetDescription
logo
SMC Corporation.
KQ2 SMC-CORP-KQ2 Datasheet
3Mb / 79P
Metric Size One-touch Fittings
KQ2F02-01AS SMC-CORP-KQ2F02-01AS Datasheet
3Mb / 79P
Metric Size One-touch Fittings
KQ2F02-01GS SMC-CORP-KQ2F02-01GS Datasheet
3Mb / 79P
Metric Size One-touch Fittings
KQ2F02-01NS SMC-CORP-KQ2F02-01NS Datasheet
3Mb / 79P
Metric Size One-touch Fittings
KQ2F02-02AS SMC-CORP-KQ2F02-02AS Datasheet
3Mb / 79P
Metric Size One-touch Fittings
More results

Similar Description - KQ2

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
Adapter for Miscellaneous Fittings
logo
ATMEL Corporation
AT42QT1010 ATMEL-AT42QT1010 Datasheet
264Kb / 20P
One-channel Touch Sensor IC
AT42QT1011 ATMEL-AT42QT1011 Datasheet
252Kb / 18P
One-channel Touch Sensor IC
logo
DDK Ltd.
FSE DDK-FSE Datasheet
121Kb / 3P
Locking-with-one-touch system
logo
Axiomtek Co., Ltd.
MPC152-832 AXIOMTEK-MPC152-832 Datasheet
418Kb / 2P
One key touch screen on/off button
logo
Tontek Design Technolog...
SS8022W TONTEK-SS8022W Datasheet
59Kb / 6P
One channel LED Touch Dimmer
logo
Hirose Electric
KR01 HIROSE-KR01 Datasheet
403Kb / 3P
one touch push pull lock
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
bUTTWELD fittings
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
PUSH-IN fittings, metric
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com