Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KQ2 Datasheet(PDF) 99 Page - List of Unclassifed Manufacturers

Part # KQ2
Description  One-touch Fittings
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KQ2 Datasheet(HTML) 99 Page - List of Unclassifed Manufacturers

Back Button KQ2 Datasheet HTML 95Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 96Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 97Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 98Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 99Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 100Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 101Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 102Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 103Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 120 page
background image
Applicable tubing
ø
D
Connection
thread
H
ø
D2
M
L1
Connection
thread
H
Applicable tubing
ø
D2
H
Connection
thread
Applicable tubing
M
L1
Male Connector: KQ2H (Face seal)
* Reference dimensions after installation of R thread
/A: Brass, N: Brass + Electroless nickel plated
* Reference dimensions after installation of R thread
Note) øD1 is maximum diameter.
Male Elbow: KQ2L (Face seal)
/A: Brass, N: Brass + Electroless nickel plated
Extended Male Elbow: KQ2W (Face seal)
* Reference dimensions after installation of R thread
Note) øD1 is maximum diameter.
/A: Brass, N: Brass + Electroless nickel plated
Applicable
tubing O.D.
(inch)
Connection
thread
R
Model
H
(Width
across
flats)
Note)
ø
D1 øD2 L1
L2
A*
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø3/16
1/8
KQ2W05-01
P 12
9.1 10 15
29.7 29
13.3
6.8
5.6 3.5
15.7
1/4
KQ2W05-02
P 17
9.1 10 15
32
29
13.3
6.8
5.6 3.5
35.1
ø1/4
1/8
KQ2W07-01
P 12 11.1 10 15.6 30.7 31
13.3 11.6 10.0 4.5
16
1/4
KQ2W07-02
P 17 11.1 10 15.6 33
31
13.3 11.6 10.0 4.5
35.4
3/8
KQ2W07-03
P 21 11.1 10 15.6 35
33
13.3 11.6 10.0 4.5
62.8
ø5/16
1/8
KQ2W09-01
P 12 13.2 10 16.4 31.7 33.1 14.2 11.6 11.6 4.5 16.7
1/4
KQ2W09-02
P 17 13.2 12 17.2 36.1 35.1 14.2 21.5 14.9 6
35.4
3/8
KQ2W09-03
P 21 13.2 12 17.2 38.1 37.1 14.2 21.5 14.9 6
64.7
ø3/8
1/4
KQ2W11-02
P 17 15.4 17 19.3 49.9 50
15.6 28.8 23.8 7
54.1
3/8
KQ2W11-03
P 21 15.4 17 19.3 44.5 44.6 15.6 28.8 23.8 7
57.5
1/2
KQ2W11-04
P 27 15.4 17 19.3 49.3 46.6 15.6 28.8 23.8 7
122.5
ø1/2
1/4
KQ2W13-02
P 17 19.3 17 21.5 51.8 53.9 17
56.7 44.4 9
56.4
3/8
KQ2W13-03
P 21 19.3 17 21.8 47.4 49.5 17
56.7 44.4 9.5
81.6
1/2
KQ2W13-04
P 27 19.3 17 21.8 52
51.3 17
56.7 44.4 9.5 143.9
Applicable
tubing O.D.
(inch)
Connection
thread
R
Model
H
(Width
across
flats)
Note)
ø
D1 øD2 L1
L2
A*
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø3/16
1/8
KQ2L05-01
P 12
9.1 10 15
16.0 15.3 13.3
6.8
5.6 3.5
5.4
1/4
KQ2L05-02
P 17
9.1 10 15
20.4 17.3 13.3
6.8
5.6 3.5 14.7
ø1/4
1/8
KQ2L07-01
P 12 11.1 10 15.6 17.0 17.3 13.3 11.3 10
4.5
5.8
1/4
KQ2L07-02
P 17 11.1 10 15.6 21.4 19.3 13.3 11.3 10
4.5 15
3/8
KQ2L07-03
P 21 11.1 10 15.6 23.4 21.3 13.3 11.3 10
4.5 30.3
ø5/16
1/8
KQ2L09-01
P 12 13.2 10 16.4 18.0 19.4 14.2 11.4 11.4 4.5
6.5
1/4
KQ2L09-02
P 17 13.2 12 17.2 22.4 21.4 14.2 21.6 14.9 6
13.7
3/8
KQ2L09-03
P 21 13.2 12 17.2 24.4 23.4 14.2 21.6 14.9 6
28.7
ø3/8
1/4
KQ2L11-02
P 17 15.4 17 19.3 25.5 25.5 15.6 28.8 23.8 7.5 17.7
3/8
KQ2L11-03
P 21 15.4 17 19.3 25.6 25.6 15.6 28.8 23.8 7.5 17.6
1/2
KQ2L11-04
P 27 15.4 17 19.3 30.4 27.6 15.6 28.8 23.8 7.5 44.8
ø1/2
1/4
KQ2L13-02
P 17 19.3 17 21.5 27.4 29.4 17
50.3 44.4 9
20
3/8
KQ2L13-03
P 21 19.3 17 21.8 27.7 29.7 17
56.7 44.4 9.5 32.6
1/2
KQ2L13-04
P 27 19.3 17 21.8 32.3 31.5 17
56.7 44.4 9.5 64.5
Applicable
tubing O.D.
(inch)
Connection
thread
R
Model
H
(Width
across
flats)
ø
D
L
A*
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø1/8
1/8
KQ2H01-01
P 12
6.7 14.1
8.9 13.3
3.4
2.9
2.5
6.3
1/4
KQ2H01-02
P 17
6.7 15
7.4 13.3
3.4
2.9
2.5
15.1
ø3/16
1/8
KQ2H05-01
P 12
8.3 16.7 11.5 13.3
7.8
6.5
3.5
6.8
1/4
KQ2H05-02
P 17
8.3 15
7.4 13.3
7.8
6.5
3.5
13.9
ø1/4
1/8
KQ2H07-01
P 12
10
19.4 14.2 13.3 13.5 11.5
4.6
8.2
1/4
KQ2H07-02
P 17
10
15
7.4 13.3 13.5 11.5
4.6
12.2
3/8
KQ2H07-03
P 21
10
14.5
6.9 13.3 13.5 11.5
4.6
20.4
ø5/16
1/8
KQ2H09-01
P 14
12.2 21.1 15.9 14.2 26.1 18
6
11.8
1/4
KQ2H09-02
P 17
12.2 19.9 12.3 14.2 26.1 18
6
13.9
3/8
KQ2H09-03
P 21
12.2 15.2
7.6 14.2 26.1 18
6
19.6
ø3/8
1/4
KQ2H11-02
P 17
14.1 23.9 16.3 15.6 35.3 29.1
7
18
3/8
KQ2H11-03
P 21
14.1 21.2 13.6 15.6 35.3 29.1
7
24.3
1/2
KQ2H11-04
P 27
14.1 18.8
8.4 15.6 35.3 29.1
7
42
ø1/2
1/4
KQ2H13-02
P 19
17.9 26.8 19.2 17
58.5 51.7
9
21.3
3/8
KQ2H13-03
P 21
17.9 25.6 18
17
66.0 51.7
9.6
28.9
1/2
KQ2H13-04
P 27
17.9 26.5 16.1 17
66.0 51.7
9.6
50.9
Dimensions
98
Inch Size One-touch Fittings
Series
KQ2
適用チューブ:インチサイズ 接続ねじ:R
Applicable Tubing: Inch Size, Connection Thread: R


Similar Part No. - KQ2

ManufacturerPart #DatasheetDescription
logo
SMC Corporation.
KQ2 SMC-CORP-KQ2 Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01AS SMC-CORP-KQ2F02-01AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01GS SMC-CORP-KQ2F02-01GS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01NS SMC-CORP-KQ2F02-01NS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-02AS SMC-CORP-KQ2F02-02AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
More results

Similar Description - KQ2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
KR01 HIROSE-KR01 Datasheet
403Kb / 3P
   one touch push pull lock
logo
DDK Ltd.
FSE DDK-FSE Datasheet
121Kb / 3P
   Locking-with-one-touch system
logo
ATMEL Corporation
AT42QT1011 ATMEL-AT42QT1011 Datasheet
252Kb / 18P
   One-channel Touch Sensor IC
AT42QT1010 ATMEL-AT42QT1010 Datasheet
264Kb / 20P
   One-channel Touch Sensor IC
logo
Tontek Design Technolog...
SS8022W TONTEK-SS8022W Datasheet
59Kb / 6P
   One channel LED Touch Dimmer
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
   bUTTWELD fittings
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
   Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
   Adapter for Miscellaneous Fittings
logo
Axiomtek Co., Ltd.
MPC152-832 AXIOMTEK-MPC152-832 Datasheet
418Kb / 2P
   One key touch screen on/off button
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
   PUSH-IN fittings, metric
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com