Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KQ2 Datasheet(PDF) 95 Page - List of Unclassifed Manufacturers

Part # KQ2
Description  One-touch Fittings
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KQ2 Datasheet(HTML) 95 Page - List of Unclassifed Manufacturers

Back Button KQ2 Datasheet HTML 91Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 92Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 93Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 94Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 95Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 96Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 97Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 98Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 99Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 120 page
background image
ø
D2
ø
D1
2 x Applicable tubing
L1
M
H
Connection
thread
2 x
øO
2 x øN
ø
D
2 x Applicable tubing
P
ø
D
Q
Q
H
Connection
thread
Male Run Tee: KQ2Y (Face seal)
/A: Brass, N: Brass + Electroless nickel plated
Branch “Y”: KQ2U (Face seal)
* Reference dimensions after installation of NPT thread
Note) øD is maximum diameter.
* Reference dimensions after installation of NPT thread
Note) øD1 is maximum diameter.
/A: Brass, N: Brass + Electroless nickel plated
Applicable
tubing O.D.
(inch)
Connection
thread
NPT
Model
H
(Width
across
flats)
Note)
ø
D L
P A* M Q øO øN
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø1/8
1/16
KQ2U01-33
P 11.11 7.1 35.9 7.1 30.5 13.3 5.2 6 3.2 3.4 2.9 2.5 7.2
1/8
KQ2U01-34
P 12.7 7.1 35.9 7.1 30.5 13.3 5.2 6 3.2 3.4 2.9 2.7 9.8
1/4
KQ2U01-35
P 17.46 7.1 39.6 7.1 31.5 13.3 5.2 6 3.2 3.4 2.9 2.7 20.3
ø5/32
1/16
KQ2U03-33
P 11.11 8.2 36
8.2 30.6 13.3 5.7 6
3.2
4.2 4.2 3.6 7.5
1/8
KQ2U03-34
P 12.7 8.2 36
8.2 30.6 13.3 5.7 6
3.2
4.2 4.2 3.6 10.1
1/4
KQ2U03-35
P 17.46 8.2 39.7 8.2 31.6 13.3 5.7 6 3.2 4.2 4.2 3.6 20.5
ø3/16
1/8
KQ2U05-34
P 12.7 9.1 36.6 9.1 31.2 13.3 6.2 6 3.2 8.4 7
4.1 10.6
1/4
KQ2U05-35
P 17.46 9.1 40.3 9.1 32.2 13.3 6.2 6 3.2 8.4 7
4.1 20.9
ø1/4
1/16
KQ2U07-33
P 12.7 11.1 37.3 11.1 31.9 13.3 7.6 8 4
8.5 8.5 3.5 12.2
1/8
KQ2U07-34
P 12.7 11.1 37.3 11.1 31.9 13.3 7.6 8 4
14.4 12.4 5.6 11.7
1/4
KQ2U07-35
P 17.46 11.1 41 11.1 32.9 13.3 7.6 8 4
14.4 12.4 5.6 21.6
3/8
KQ2U07-36
P 22 11.1 40.5 11.1 32.4 13.3 7.6 8 4
14.4 12.4 5.6 30.6
ø5/16
1/8
KQ2U09-34
P 14.29 13.2 40.2 13.2 34.8 14.2 8.7 8 4.2 25.6 17.7 6 16.3
1/4
KQ2U09-35
P 17.46 13.2 43.9 13.2 35.8 14.2 8.7 8 4.2 25.6 17.7 7.3 22.6
3/8
KQ2U09-36
P 22 13.2 43.4 13.2 35.3 14.2 8.7 8 4.2 25.6 17.7 7.3 31.5
ø3/8
1/4
KQ2U11-35
P 17.46 15.4 47.4 15.4 39.3 15.6 9.9 8 4.2 28.8 23.8 8.9 23.8
3/8
KQ2U11-36
P 22 15.4 46.9 15.4 38.8 15.6 9.9 8 4.2 28.8 23.8 8.9 32.9
1/2
KQ2U11-37
P 28.57 15.4 48.7 15.4 38.3 15.6 9.9 8 4.2 28.8 23.8 8.9 53.2
ø1/2
1/4
KQ2U13-35
P 22 19.3 52.2 19.3 44.1 17 11.8 8 4.2 57.3 50.6 9 41.4
3/8
KQ2U13-36
P 22 19.3 51.7 19.3 43.6 17 11.8 8 4.2 64.6 50.6 11 39
1/2
KQ2U13-37
P 28.57 19.3 53.5 19.3 43.1 17 11.8 8 4.2 64.6 50.6 12.1 54.8
Applicable
tubing O.D.
(inch)
Connection
thread
NPT
Model
H
(Width
across
flats)
Note)
ø
D1 øD2 L1 L2 L3 A* M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø1/8
1/16
KQ2Y01-33
P 11.11 7.1 10 14.9 21.5 14.9 31.1 13.3 3.4 2.9 2.5 15.8
1/8
KQ2Y01-34
P 12.7 7.1 10 14.9 16.6 14.9 26.2 13.3 3.4 2.9 2.5 6.7
1/4
KQ2Y01-35
P 17.46 7.1 10 14.9 21.3 14.9 28.2 13.3 3.4 2.9 2.5 18.9
ø5/32
1/16
KQ2Y03-33
P 11.11 8.2 10 15.3 21.1 15.3 31 13.3 6.4 4.4 3
16.4
1/8
KQ2Y03-34
P 12.7 8.2 10 15.3 16.2 15.3 26.1 13.3 6.4 4.4 3
7
1/4
KQ2Y03-35
P 17.46 8.2 10 15.3 21.9 15.3 29.1 13.3 6.4 4.4 3
19.2
ø3/16
1/8
KQ2Y05-34
P 12.7 9.1 10 15.7 16.7 15.7 27 13.3 8.4 7
3.5
7.3
1/4
KQ2Y05-35
P 17.46 9.1 10 15.7 22.4 15.7 30 13.3 8.4 7
3.5 19.6
ø1/4
1/16
KQ2Y07-33
P 11.11 11.1 10 16.5 22.6 16.5 33.7 13.3 8.5 8.5 3.5 9.2
1/8
KQ2Y07-34
P 12.7 11.1 10 16.5 17.7 16.5 28.8 13.3 14 12.4 4.5 8
1/4
KQ2Y07-35
P 17.46 11.1 10 16.5 23.4 16.5 31.8 13.3 14 12.4 4.5 20.2
3/8
KQ2Y07-36
P 22
11.1 10 16.5 23.9 16.5 32.3 13.3 14
12.4 4.5 33.7
ø5/16
1/8
KQ2Y09-34
P 12.7 13.2 10 18.2 18.7 18.2 31.5 14.2 14 14
4.5
9.4
1/4
KQ2Y09-35
P 17.46 13.2 12 18.2 23.4 18.2 33.5 14.2 25.6 17.7 6
17.5
3/8
KQ2Y09-36
P 22
13.2 12 18.2 24.9 18.2 35
14.2 25.6 17.7 6
32.6
ø3/8
1/4
KQ2Y11-35
P 17.46 15.4 17 20.4 25.3 20.4 37.6 15.6 28.8 23.8 7.5 20.7
3/8
KQ2Y11-36
P 22
15.4 17 20.4 26
20.4 38.3 15.6 28.8 23.8 7.5 21.5
1/2
KQ2Y11-37
P 28.57 15.4 17 20.4 31.3 20.4 41.3 15.6 28.8 23.8 7.5 56.5
ø1/2
1/4
KQ2Y13-35
P 17.46 19.3 17 23.4 27.2 23.4 42.5 17 57.3 50.6 9
24.9
3/8
KQ2Y13-36
P 22
19.3 17 23.4 28.1 23.4 43.4 17
63.8 50.6 9.5 39.1
1/2
KQ2Y13-37
P 28.57 19.3 17 23.4 33.2 23.4 46.2 17 63.8 50.6 9.5 80.8
Dimensions
94
Inch Size One-touch Fittings
Series
KQ2
適用チューブ:インチサイズ 接続ねじ:NPT
Applicable Tubing: Inch Size, Connection Thread: NPT


Similar Part No. - KQ2

ManufacturerPart #DatasheetDescription
logo
SMC Corporation.
KQ2 SMC-CORP-KQ2 Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01AS SMC-CORP-KQ2F02-01AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01GS SMC-CORP-KQ2F02-01GS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01NS SMC-CORP-KQ2F02-01NS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-02AS SMC-CORP-KQ2F02-02AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
More results

Similar Description - KQ2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
KR01 HIROSE-KR01 Datasheet
403Kb / 3P
   one touch push pull lock
logo
DDK Ltd.
FSE DDK-FSE Datasheet
121Kb / 3P
   Locking-with-one-touch system
logo
ATMEL Corporation
AT42QT1011 ATMEL-AT42QT1011 Datasheet
252Kb / 18P
   One-channel Touch Sensor IC
AT42QT1010 ATMEL-AT42QT1010 Datasheet
264Kb / 20P
   One-channel Touch Sensor IC
logo
Tontek Design Technolog...
SS8022W TONTEK-SS8022W Datasheet
59Kb / 6P
   One channel LED Touch Dimmer
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
   bUTTWELD fittings
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
   Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
   Adapter for Miscellaneous Fittings
logo
Axiomtek Co., Ltd.
MPC152-832 AXIOMTEK-MPC152-832 Datasheet
418Kb / 2P
   One key touch screen on/off button
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
   PUSH-IN fittings, metric
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com