Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KQ2 Datasheet(PDF) 94 Page - List of Unclassifed Manufacturers

Part # KQ2
Description  One-touch Fittings
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KQ2 Datasheet(HTML) 94 Page - List of Unclassifed Manufacturers

Back Button KQ2 Datasheet HTML 90Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 91Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 92Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 93Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 94Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 95Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 96Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 97Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 98Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 120 page
background image
ø
D2
H
Connection
thread
Applicable tubing
M
L1
ø
D2
Connection
thread
H
L1
M
M
L1
2 x Applicable tubing
Dimensions
Extended Male Elbow: KQ2W (Face seal)
Note) øD1 is maximum diameter.
/A: Brass, N: Brass + Electroless nickel plated
Male Branch Tee: KQ2T (Face seal)
Note) øD1 is maximum diameter.
/A: Brass, N: Brass + Electroless nickel plated
Applicable
tubing O.D.
(inch)
Connection
thread
NPT
Model
H
(Width
across
flats)
Note)
ø
D1 øD2 L1
L2
A
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø1/8
1/16
KQ2T01-33
P 11.11 7.1 10 14.5 21.5 19.7 13.3 3.4 2.9 2.5
7.7
1/8
KQ2T01-34
P 12.7
7.1
10 14.5 16.6 14.8 13.3
3.4
2.9 2.5
6.7
1/4
KQ2T01-35
P 17.46 7.1 10 14.5 21.3 16.8 13.3 3.4 2.9 2.5 18.9
ø5/32
1/16
KQ2T03-33
P 11.11 8.2 10 14.8 21.1 19.8 13.3 6
4.1 3
16.3
1/8
KQ2T03-34
P 12.7
8.2
10 14.8 16.2 14.9 13.3
6
4.1 3
7
1/4
KQ2T03-35
P 17.46 8.2 10 14.8 21.9 17.9 13.3 6
4.1 3
19.2
ø3/16
1/8
KQ2T05-34
P 12.7
9.1
10 15
16.7 15.8 13.3
8.4
7
3.5
7.3
1/4
KQ2T05-35
P 17.46 9.1 10 15
22.4 18.8 13.3
8.4
7
3.5 19.5
ø1/4
1/16
KQ2T07-33
P 11.11 11.1 10 15.6 22.6 22.7 13.3 8.5 8.5 3.5
9.1
1/8
KQ2T07-34
P 12.7 11.1 10 15.6 17.7 17.8 13.3 14
12.4 4.5
7.9
1/4
KQ2T07-35
P 17.46 11.1 10 15.6 23.4 20.8 13.3 14
12.4 4.5 20.2
3/8
KQ2T07-36
P 22
11.1
10 15.6 23.9 21.3 13.3 14
12.4 4.5 33.7
ø5/16
1/8
KQ2T09-34
P 12.7 13.2 10 16.4 18.7 19.9 14.2 14
14
4.5
9.4
1/4
KQ2T09-35
P 17.46 13.2 12 17.2 23.4 21.9 14.2 26.3 18.2 6
17.4
3/8
KQ2T09-36
P 22
13.2
12 17.2 24.9 23.4 14.2 26.3 18.2 6
32.5
ø3/8
1/8
KQ2T11-34
P 12.7 15.4 12 18.6 22.1 24.4 15.6 21.2 21.2 6
13.3
1/4
KQ2T11-35
P 17.46 15.4 17 19.3 25.3 24.9 15.6 28.8 23.8 7.5 20.5
3/8
KQ2T11-36
P 22
15.4
17 19.3 26
25.6 15.6 28.8 23.8 7.5 21.4
1/2
KQ2T11-37
P 28.57 15.4 17 19.3 31.3 28.6 15.6 28.8 23.8 7.5 56.4
ø1/2
1/4
KQ2T13-35
P 17.46 19.3 17 21.5 27.2 28.8 17
57.3 50.6 9
24.5
3/8
KQ2T13-36
P 22
19.3
17 21.8 28.1 29.7 17
63.8 50.6 9.5 38.9
1/2
KQ2T13-37
P 28.57 19.3 17 21.8 33.2 32.5 17
63.8 50.6 9.5 80.6
Applicable
tubing O.D.
(inch)
Connection
thread
NPT
Model
H
(Width
across
flats)
Note)
ø
D1 øD2 L1
L2
A
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø1/8
1/16
KQ2W01-33
P 11.11 7.1 10 14.5 33.2 31.4 13.3 2.8 2.4 2.5 14.3
1/8
KQ2W01-34
P 12.7
7.1
10 14.5 30.3 28.5 13.3
2.8
2.4 2.5
18
1/4
KQ2W01-35
P 17.46 7.1 10 14.5 33
28.5 13.3
2.8
2.4 2.5
39.9
ø5/32
1/16
KQ2W03-33
P 11.11 8.2 10 14.8 32.7 31.4 13.3 4
4
3
14.4
1/8
KQ2W03-34
P 12.7
8.2
10 14.8 29.9 28.6 13.3
4
4
3
18.2
1/4
KQ2W03-35
P 17.46 8.2 10 14.8 33.5 29.5 13.3 4
4
3
40.1
ø3/16
1/8
KQ2W05-34
P 12.7
9.1
10 15
30.4 29.5 13.3
6.8
5.6 3.5
18.4
1/4
KQ2W05-35
P 17.46 9.1 10 15
34
30.5 13.3
6.8
5.6 3.5
40.3
ø1/4
1/16
KQ2W07-33
P 11.11 11.1 10 15.6 34.2 34.4 13.3 6.8 6.8 3.5 15
1/8
KQ2W07-34
P 12.7 11.1 10 15.6 31.4 31.5 13.3 11.3 10
4.5
18.7
1/4
KQ2W07-35
P 17.46 11.1 10 15.6 35
32.5 13.3 11.3 10
4.5
40.7
3/8
KQ2W07-36
P 22
11.1
10 15.6 35.5 33
13.3 11.3 10
4.5
67.5
ø5/16
1/8
KQ2W09-34
P 12.7 13.2 10 16.4 32.4 33.6 14.2 11.3 11.3 4.5 19.5
1/4
KQ2W09-35
P 17.46 13.2 12 17.2 37.1 35.6 14.2 20.5 14.2 6
38.9
3/8
KQ2W09-36
P 22
13.2
12 17.2 38.6 37.1 14.2 20.5 14.2 6
69.6
ø3/8
1/4
KQ2W11-35
P 17.46 15.4 17 19.3 45.1 44.7 15.6 28.8 23.8 7.5 49.7
3/8
KQ2W11-36
P 22
15.4
17 19.3 42
41.6 15.6 28.8 23.8 7.5
55.8
1/2
KQ2W11-37
P 28.57 15.4 17 19.3 47.3 44.6 15.6 28.8 23.8 7.5 128.9
ø1/2
1/4
KQ2W13-35
P 17.46 19.3 17 21.5 47
48.6 17
50.3 44.4 9
52
3/8
KQ2W13-36
P 22
19.3
17 21.8 47.9 49.5 17
56
44.4 9.5
86.7
1/2
KQ2W13-37
P 28.57 19.3 17 21.8 53
52.3 17
56
44.4 9.5 168
93
Series
KQ2
Applicable Tubing: Inch Size, Connection Thread: NPT


Similar Part No. - KQ2

ManufacturerPart #DatasheetDescription
logo
SMC Corporation.
KQ2 SMC-CORP-KQ2 Datasheet
3Mb / 79P
Metric Size One-touch Fittings
KQ2F02-01AS SMC-CORP-KQ2F02-01AS Datasheet
3Mb / 79P
Metric Size One-touch Fittings
KQ2F02-01GS SMC-CORP-KQ2F02-01GS Datasheet
3Mb / 79P
Metric Size One-touch Fittings
KQ2F02-01NS SMC-CORP-KQ2F02-01NS Datasheet
3Mb / 79P
Metric Size One-touch Fittings
KQ2F02-02AS SMC-CORP-KQ2F02-02AS Datasheet
3Mb / 79P
Metric Size One-touch Fittings
More results

Similar Description - KQ2

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
Adapter for Miscellaneous Fittings
logo
ATMEL Corporation
AT42QT1010 ATMEL-AT42QT1010 Datasheet
264Kb / 20P
One-channel Touch Sensor IC
AT42QT1011 ATMEL-AT42QT1011 Datasheet
252Kb / 18P
One-channel Touch Sensor IC
logo
DDK Ltd.
FSE DDK-FSE Datasheet
121Kb / 3P
Locking-with-one-touch system
logo
Axiomtek Co., Ltd.
MPC152-832 AXIOMTEK-MPC152-832 Datasheet
418Kb / 2P
One key touch screen on/off button
logo
Tontek Design Technolog...
SS8022W TONTEK-SS8022W Datasheet
59Kb / 6P
One channel LED Touch Dimmer
logo
Hirose Electric
KR01 HIROSE-KR01 Datasheet
403Kb / 3P
one touch push pull lock
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
bUTTWELD fittings
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
PUSH-IN fittings, metric
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com