Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KQ2 Datasheet(PDF) 93 Page - List of Unclassifed Manufacturers

Part # KQ2
Description  One-touch Fittings
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KQ2 Datasheet(HTML) 93 Page - List of Unclassifed Manufacturers

Back Button KQ2 Datasheet HTML 89Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 90Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 91Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 92Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 93Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 94Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 95Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 96Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 97Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 120 page
background image
H
Connection thread
P2
M
L1
4 x Applicable tubing
ø
D2
P2
M
L1
6 x Applicable tubing
H
ø
D2
Connection thread
Double Branch Universal Male Elbow: KQ2ZD (Face seal)
Note) øD1 is maximum diameter.
/A: Brass, N: Brass + Electroless nickel plated
Triple Branch Universal Male Elbow: KQ2ZT (Face seal)
Note) øD1 is maximum diameter.
/A: Brass, N: Brass + Electroless nickel plated
Applicable
tubing O.D.
(inch)
Connection
thread
NPT
Model
H
(Width
across
flats)
Note)
ø
D1 øD2 L1 L2 L3 A M P1 P2
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø1/8
1/8
KQ2ZT01-34
P 14.29 7.1 13.4 18.5 18.2 54.4 49 13.3 13.4 7.1 2.2 1.9 2.5 30.2
ø5/32
1/8
KQ2ZT03-34
P 14.29 8.2 13.4 18.5 18.2 54.4 49 13.3 13.4 8.2 2.9 2.9 3
31.1
ø3/16
1/8
KQ2ZT05-34
P 14.29 9.1 13.4 18.4 18.2 54.4 49 13.3 13.4 9.1 4.5 3.7 3.5 31.9
ø1/4
1/8
KQ2ZT07-34
P 14.29 11.1 13.4 18.3 19.2 56.1 50.7 13.3 13.8 11.1 7.7 6.6 4.6 35.5
1/4
KQ2ZT07-35
P 17.46 11.1 13.4 18.3 22.4 59.3 51.2 13.3 13.8 11.1 7.7 6.6 4.6 45.3
3/8
KQ2ZT07-36
P 22 11.1 13.4 18.3 23.9 60.8 52.7 13.3 13.8 11.1 7.7 6.6 4.6 63.3
ø5/16
1/4
KQ2ZT09-35
P 19 13.2 17.6 21.2 23.9 66.7 58.6 14.2 15.9 13.2 20.5 14.2 6
66.9
3/8
KQ2ZT09-36
P 22 13.2 17.6 21.2 24.9 67.7 59.6 14.2 15.9 13.2 20.5 14.2 6
81
1/2
KQ2ZT09-37
P 28.57 13.2 17.6 21.2 30.2 73 62.6 14.2 15.9 13.2 20.5 14.2 6 130.9
ø3/8
1/4
KQ2ZT11-35
P 22 15.4 20.6 23.6 26.1 77.3 69.2 15.6 19.2 15.4 23.4 19.3 7
96.2
3/8
KQ2ZT11-36
P 22 15.4 20.6 23.6 26.1 77.3 69.2 15.6 19.2 15.4 23.4 19.3 7
96.2
1/2
KQ2ZT11-37
P 28.57 15.4 20.6 23.6 31.4 82.6 72.2 15.6 19.2 15.4 23.4 19.3 7
96.3
ø1/2
3/8
KQ2ZT13-36
P 28.57 19.3 27 27.9 31 88.2 80.1 17 22.3 19.3 43.8 34.3 9.6 204.4
1/2
KQ2ZT13-37
P 28.57 19.3 27 27.9 33.3 90.5 80.1 17 22.3 19.3 43.8 34.3 9.6 204.4
Applicable
tubing O.D.
(inch)
Connection
thread
NPT
Model
H
(Width
across
flats)
Note)
ø
D1 øD2 L1 L2 L3 A M P1 P2
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø1/8
1/8
KQ2ZD01-34
P 14.29 7.1 13.4 18.5 18.2 40.9 35.5 13.3 13.4 7.1 2.2 1.9 2.5 24.1
ø5/32
1/8
KQ2ZD03-34
P 14.29 8.2 13.4 18.5 18.2 40.9 35.5 13.3 13.4 8.2 2.9 2.9 3
24.7
ø3/16
1/8
KQ2ZD05-34
P 14.29 9.1 13.4 18.4 18.2 40.9 35.5 13.3 13.4 9.1 4.5 3.7 3.5 25.2
ø1/4
1/8
KQ2ZD07-34
P 14.29 11.1 13.4 18.3 19.2 42.3 36.9 13.3 13.8 11.1 7.7 6.6 4.6 27.9
1/4
KQ2ZD07-35
P 17.46 11.1 13.4 18.3 22.4 45.5 37.4 13.3 13.8 11.1 7.7 6.6 4.6 37.7
3/8
KQ2ZD07-36
P 22 11.1 13.4 18.3 23.9 47 38.9 13.3 13.8 11.1 7.7 6.6 4.6 55.7
ø5/16
1/4
KQ2ZD09-35
P 19 13.2 17.6 21.2 23.9 50.7 42.6 14.2 15.9 13.2 20.5 14.2 6
52.9
3/8
KQ2ZD09-36
P 22 13.2 17.6 21.2 24.9 51.7 43.6 14.2 15.9 13.2 20.5 14.2 6
67
1/2
KQ2ZD09-37
P 28.57 13.2 17.6 21.2 30.2 57 46.6 14.2 15.9 13.2 20.5 14.2 6 117.1
ø3/8
1/4
KQ2ZD11-35
P 22 15.4 20.6 23.6 26.1 58 49.9 15.6 19.2 15.4 23.4 19.3 7
77.8
3/8
KQ2ZD11-36
P 22 15.4 20.6 23.6 26.1 58 49.9 15.6 19.2 15.4 23.4 19.3 7
76.8
1/2
KQ2ZD11-37
P 28.57 15.4 20.6 23.6 31.4 63.3 52.9 15.6 19.2 15.4 23.4 19.3 7 124.9
ø1/2
3/8
KQ2ZD13-36
P 28.57 19.3 27 27.9 31 65.8 57.7 17 22.3 19.3 43.8 34.3 9.6 159.4
1/2
KQ2ZD13-37
P 28.57 19.3 27 27.9 33.3 68.1 57.7 17 22.3 19.3 43.8 34.3 9.6 169.9
Dimensions
92
Inch Size One-touch Fittings
Series
KQ2
適用チューブ:インチサイズ 接続ねじ:NPT
Applicable Tubing: Inch Size, Connection Thread: NPT


Similar Part No. - KQ2

ManufacturerPart #DatasheetDescription
logo
SMC Corporation.
KQ2 SMC-CORP-KQ2 Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01AS SMC-CORP-KQ2F02-01AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01GS SMC-CORP-KQ2F02-01GS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01NS SMC-CORP-KQ2F02-01NS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-02AS SMC-CORP-KQ2F02-02AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
More results

Similar Description - KQ2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
KR01 HIROSE-KR01 Datasheet
403Kb / 3P
   one touch push pull lock
logo
DDK Ltd.
FSE DDK-FSE Datasheet
121Kb / 3P
   Locking-with-one-touch system
logo
ATMEL Corporation
AT42QT1011 ATMEL-AT42QT1011 Datasheet
252Kb / 18P
   One-channel Touch Sensor IC
AT42QT1010 ATMEL-AT42QT1010 Datasheet
264Kb / 20P
   One-channel Touch Sensor IC
logo
Tontek Design Technolog...
SS8022W TONTEK-SS8022W Datasheet
59Kb / 6P
   One channel LED Touch Dimmer
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
   bUTTWELD fittings
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
   Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
   Adapter for Miscellaneous Fittings
logo
Axiomtek Co., Ltd.
MPC152-832 AXIOMTEK-MPC152-832 Datasheet
418Kb / 2P
   One key touch screen on/off button
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
   PUSH-IN fittings, metric
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com